Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SB766-R Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SB766-R
Description  PNP Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SB766-R Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SB766-R Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SB766-R Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
PNP Transistors
2SB766
Typical Characterisitics
0
6
1
0
40
120
80
140
20
100
60
0
1.4
1.2
0.4
1.0
0.8
0.2
0.6
Printed circut board: Copper
foil area of 1cm2 or more, and
the board thickness of 1.7mm
for the collector portion.
Ambient temperature Ta (˚C)
0
1
0
–8
–2
–6
–4
0
–1.50
–1.25
–1.00
– 0.75
– 0.50
– 0.25
Ta=25˚C
IB=–10mA
–1mA
–2mA
–3mA
–4mA
–5mA
–6mA
–7mA
–8mA
–9mA
Collector to emitter voltage VCE (V)
– 0.01
– 0.1
–1
–10
– 0.03
– 0.3
–3
– 0.01
– 0.03
– 0.1
– 0.3
–1
–3
–10
–30
–100
IC/IB=10
–25˚C
Ta=75˚C
25˚C
Collector current IC (A)
– 0.01
– 0.1
–1
–10
– 0.03
– 0.3
–3
– 0.01
– 0.03
– 0.1
– 0.3
–1
–3
–10
–30
–100
IC/IB=10
Ta=–25˚C
75˚C
25˚C
Collector current IC (A)
– 0.01
– 0.1
–1
–10
– 0.03
– 0.3
–3
0
600
500
400
300
200
100
VCE=–10V
Ta=75˚C
25˚C
–25˚C
Collector current IC (A)
1
3
10
30
100
0
200
160
120
80
40
180
140
100
60
20
VCB=–10V
Ta=25˚C
Emitter current IE (mA)
–1
–3
–10
–30
–100
0
50
40
30
20
10
45
35
25
15
5
IE=0
f=1MHz
Ta=25˚C
Collector to base voltage VCB (V)
– 0.01
– 0.1
–1
–10
– 0.03
– 0.3
–3
– 0.001
– 0.003
– 0.01
– 0.03
– 0.1
– 0.3
–1
–3
–10
Single pulse
Ta=25˚C
t=10ms
t=1s
ICP
IC
Collector to emitter voltage VCE (V)
PC
I
a
T
C — VCE
VCE(sat) — IC
VBE(sat) — IC
hFE — IC
fT — IE
Cob — VCB
Area of safe operation (ASO)


Similar Part No. - 2SB766-R

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SB766-R-HF KEXIN-2SB766-R-HF Datasheet
910Kb / 2P
   PNP Transistors
More results

Similar Description - 2SB766-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
   PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
   PNP Transistors
logo
Guangdong Kexin Industr...
2SB1026-HF KEXIN-2SB1026-HF_15 Datasheet
951Kb / 3P
   PNP Transistors
2SB1027 KEXIN-2SB1027_15 Datasheet
893Kb / 3P
   PNP Transistors
2SB1027-HF KEXIN-2SB1027-HF_15 Datasheet
896Kb / 3P
   PNP Transistors
2SB1070 KEXIN-2SB1070_15 Datasheet
1,002Kb / 2P
   PNP Transistors
2SB1115-HF KEXIN-2SB1115-HF_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1118 KEXIN-2SB1118_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1120 KEXIN-2SB1120_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1174 KEXIN-2SB1174_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1176 KEXIN-2SB1176_15 Datasheet
1Mb / 3P
   PNP Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com