Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPA814TC Datasheet(PDF) 2 Page - NEC

Part # UPA814TC
Description  NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC5195 FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA814TC Datasheet(HTML) 2 Page - NEC

  UPA814TC Datasheet HTML 1Page - NEC UPA814TC Datasheet HTML 2Page - NEC UPA814TC Datasheet HTML 3Page - NEC UPA814TC Datasheet HTML 4Page - NEC UPA814TC Datasheet HTML 5Page - NEC UPA814TC Datasheet HTML 6Page - NEC UPA814TC Datasheet HTML 7Page - NEC UPA814TC Datasheet HTML 8Page - NEC UPA814TC Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
µPA814TC
2
Data Sheet P14551EJ1V0DS00
ELECTRICAL CHARACTERISTICS (TA = +25
°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Collector Cutoff Current
ICBO
VCB = 5 V, IE = 0
0.1
µA
Emitter Cutoff Current
IEBO
VEB = 1 V, IC = 0
0.1
µA
DC Current Gain
hFE
VCE = 1 V, IC = 3 mANote 1
80
160
Gain Bandwidth Product (1)
fT
VCE = 1 V, IC = 3 mA, f = 2 GHz
4.0
4.5
GHz
Gain Bandwidth Product (2)
fT
VCE = 3 V, IC = 20 mA, f = 2 GHz
9.0
GHz
Feedback Capacitance
Cre
VCB = 1 V, IE = 0, f = 1 MHzNote 2
0.75
0.85
pF
Insertion Power Gain (1)
|S21e|2
VCE = 1 V, IC = 3 mA, f = 2 GHz
2.5
3.5
dB
Insertion Power Gain (2)
|S21e|2
VCE = 3 V, IC = 20 mA, f = 2 GHz
6.5
dB
Noise Figure (1)
NF
VCE = 1 V, IC = 3 mA, f = 2 GHz
1.7
2.5
dB
Noise Figure (2)
NF
VCE = 3 V, IC = 7 mA, f = 2 GHz
1.5
dB
Notes 1. Pulse Measurement: PW
≤ 350
µs, Duty Cycle ≤ 2 %
2. Measured with 3-pin bridge, emitter and case should be connected to guard pin of bridge.
hFE CLASSIFICATION
Rank
KB
Marking
87
hFE Value
80 to 160


Similar Part No. - UPA814TC

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPA814T CEL-UPA814T Datasheet
157Kb / 4P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Renesas Technology Corp
UPA814T RENESAS-UPA814T Datasheet
327Kb / 12P
   SILICON TRANSISTOR
1995
logo
California Eastern Labs
UPA814T-T1-A CEL-UPA814T-T1-A Datasheet
157Kb / 4P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
NEC
UPA814TF NEC-UPA814TF Datasheet
18Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
More results

Similar Description - UPA814TC

ManufacturerPart #DatasheetDescription
logo
NEC
UPA810TC NEC-UPA810TC Datasheet
53Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC5006 FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD
UPA801TC NEC-UPA801TC Datasheet
76Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC5006 FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD
UPA804TC NEC-UPA804TC Datasheet
66Kb / 16P
   NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC5004 FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD
UPA826TC NEC-UPA826TC Datasheet
66Kb / 12P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR WITH BUILT-IN 2 x 2SC5010 FLAT-LEAD 6-PIN THIN -TYPE ULTRA SUPER MINIMOLD
UPA821TC NEC-UPA821TC Datasheet
64Kb / 12P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR WITH BUILT-IN 2 x 2SC5006 FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD
UPA831TC NEC-UPA831TC Datasheet
79Kb / 16P
   NPN SILICON EPITAXIAL TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD PACKAGE
UPA835TC NEC-UPA835TC Datasheet
71Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD PACKAGE
UPA840TC NEC-UPA840TC Datasheet
79Kb / 16P
   NPN SILICON EPITAXIAL TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD PACKAGE
UPA843TC NEC-UPA843TC Datasheet
76Kb / 7P
   NPN SILICON RF TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD
2SC5745 NEC-2SC5745 Datasheet
121Kb / 24P
   NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW NOISE FLAT-LEAD 3-PIN THIN-TYPE ULTRA SUPER MINIMOLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com