Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA1314-A Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SA1314-A
Description  PNP Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SA1314-A Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SA1314-A Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SA1314-A Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
Transistors
www.kexin.com.cn
1
Features
Low Saturation Voltage
: VCE(sat) = -0.5V (max) (IC = -2A, IB = -50mA)
Small Flat Package
Complementary to 2SC2982
Electrical Characteristics Ta = 25
Absolute Maximum Ratings Ta = 25
*1 Pulse test: pulse width = 10ms (max), duty cycle = 30% (max)
PNP Transistors
2SA1314
1.Base
2.Collector
3.Emitter
1.70 0.1
0.42 0.1
0.46 0.1
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= -1mA, IE=0
-20
Collector- emitter breakdown voltage
VCEO
Ic= -10 mA, IE=0
-10
Emitter - base breakdown voltage
VEBO
IE= -1mA, IC=0
-6
Collector-base cut-off current
ICBO
VCB= -20 V , IE=0
-100
Emitter cut-off current
IEBO
VEB= -6V , IC=0
-100
Collector-emitter saturation voltage
VCE(sat) IC=-2A, IB=- 50mA
-0.2
-0.5
Base - emitter saturation voltage
VBE(sat) IC=-2A, IB=- 50mA
-1.2
Base - emitter voltage
VBE
VCE= -1V , IC=-2A
-0.83 -1.5
hFE(1)
VCE= -1V, IC= -0.5A
140
600
hFE(2)
VCE= -1V, IC= -4A
60
120
Collector output capacitance
Cob
VCB= -10V, IE=0,f=1MHz
50
pF
Transition frequency
fT
VCE= -1V, IC= -0.5A
140
MHz
DC current gain
V
V
nA
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
-20
Collector - Emitter Voltage
VCEO
-10
Emitter - Base Voltage
VEBO
-6
Collector Current - Continuous
IC
-2
Collector Current - Pulsed *1
ICP
-4
Base Current
IB
-2
Collector Power Dissipation
PC
500
mW
Junction Temperature
TJ
150
Storage Temperature range
Tstg
-55 to 150
V
A
Classification of hfe(1)
Type
2SA1314-A
2SA1314-B
2SA1314-C
Range
140-280
200-400
300-600
Marking
TA
TB
TC


Similar Part No. - 2SA1314-A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1314 TOSHIBA-2SA1314 Datasheet
164Kb / 3P
   TRANSISTOR (STROBE FLASH, AUDIO POWER APPLICATIONS)
2SA1314 TOSHIBA-2SA1314 Datasheet
159Kb / 4P
   Strobe Flash Applications Audio Power Applications
logo
Guangdong Kexin Industr...
2SA1314 KEXIN-2SA1314 Datasheet
352Kb / 2P
   Audio Power Applications
logo
Toshiba Semiconductor
2SA1314 TOSHIBA-2SA1314_07 Datasheet
159Kb / 4P
   Strobe Flash Applications Audio Power Applications
More results

Similar Description - 2SA1314-A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
   PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
   PNP Transistors
logo
Guangdong Kexin Industr...
2SB1026-HF KEXIN-2SB1026-HF_15 Datasheet
951Kb / 3P
   PNP Transistors
2SB1027 KEXIN-2SB1027_15 Datasheet
893Kb / 3P
   PNP Transistors
2SB1027-HF KEXIN-2SB1027-HF_15 Datasheet
896Kb / 3P
   PNP Transistors
2SB1070 KEXIN-2SB1070_15 Datasheet
1,002Kb / 2P
   PNP Transistors
2SB1115-HF KEXIN-2SB1115-HF_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1118 KEXIN-2SB1118_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1120 KEXIN-2SB1120_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1174 KEXIN-2SB1174_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1176 KEXIN-2SB1176_15 Datasheet
1Mb / 3P
   PNP Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com