Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA1213 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SA1213
Description  PNP Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SA1213 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SA1213_15 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SA1213_15 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SA1213_15 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
Transistors
www.kexin.com.cn
1
Features
Low Saturation Voltage: VCE(sat) = -0.5V (max) (IC = -1A)
High Speed Switching Time: tstg = 1.0us (typ.)
Small Flat Package
PC = 1 to 2W (mounted on ceramic substrate)
Complementary to 2SC2873
Electrical Characteristics Ta = 25
Absolute Maximum Ratings Ta = 25
PNP Transistors
2SA1213
1.Base
2.Collector
3.Emitter
1.70 0.1
0.42 0.1
0.46 0.1
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= -100 μA, IE=0
-50
Collector- emitter breakdown voltage
VCEO
Ic= -10 mA, IB=0
-50
Emitter - base breakdown voltage
VEBO
IE= -100μA, IC=0
-5
Collector-base cut-off current
ICBO
VCB= -50 V , IE=0
-100
Emitter cut-off current
IEBO
VEB= -5V , IC=0
-100
Collector-emitter saturation voltage
VCE(sat) IC=-1 A, IB=- 50mA
-0.5
Base - emitter saturation voltage
VBE(sat) IC=-1 A, IB=- 50mA
-1.2
hFE(1)
VCE= -2V, IC= -0.5A
70
240
hFE(2)
VCE= -2 V, IC= -2A
20
Turn-on time
ton
0.1
Storage time
tstg
1
Fall time
tf
0.1
Collector output capacitance
Cob
VCB= -10V, IE= 0
40
pF
Transition frequency
fT
VCE= -2V, IC= -0.5A
,f=1MHz
120
MHz
V
V
us
nA
DC current gain
See Test Circuit.
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
-50
Collector - Emitter Voltage
VCEO
-50
Emitter - Base Voltage
VEBO
-5
Collector Current - Continuous
IC
-2
Base Current - Continuous
IB
-0.4
Collector Power Dissipation
PC
500
mW
Junction Temperature
TJ
150
Storage Temperature range
Tstg
-55 to 150
V
A
Classification of hfe(1)
Type
2SA1213-O
2SA1213-Y
Range
70-140
120-240
Marking
NO
NY


Similar Part No. - 2SA1213_15

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
2SA1213 WINNERJOIN-2SA1213_15 Datasheet
75Kb / 1P
   PNP TRANSISTOR
More results

Similar Description - 2SA1213_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
   PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
   PNP Transistors
logo
Guangdong Kexin Industr...
2SB1026-HF KEXIN-2SB1026-HF_15 Datasheet
951Kb / 3P
   PNP Transistors
2SB1027 KEXIN-2SB1027_15 Datasheet
893Kb / 3P
   PNP Transistors
2SB1027-HF KEXIN-2SB1027-HF_15 Datasheet
896Kb / 3P
   PNP Transistors
2SB1070 KEXIN-2SB1070_15 Datasheet
1,002Kb / 2P
   PNP Transistors
2SB1115-HF KEXIN-2SB1115-HF_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1118 KEXIN-2SB1118_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1120 KEXIN-2SB1120_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1174 KEXIN-2SB1174_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1176 KEXIN-2SB1176_15 Datasheet
1Mb / 3P
   PNP Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com