Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA1201-O Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SA1201-O
Description  PNP Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SA1201-O Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SA1201-O Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SA1201-O Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
www.kexin.com.cn
1
Transistors
PNP Transistors
2SA1201
Features
High voltage
High transition frequency
Complementary to 2SC2881
1.Base
2.Collector
3.Emitter
1.70 0.1
0.42 0.1
0.46 0.1
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
-120
Collector - Emitter Voltage
VCEO
-120
Emitter - Base Voltage
VEBO
-5
Collector Current - Continuous
IC
-0.8
A
Collector Power Dissipation
PC
0.5
W
Junction Temperature
TJ
150
Storage Temperature range
Tstg
-55 to 150
V
Electrical Characteristics Ta = 25℃
Classification of hfe
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= -1mA, IE=0
-120
Collector- emitter breakdown voltage
VCEO
Ic= -10 mA, IB=0
-120
Emitter - base breakdown voltage
VEBO
IE= -1mA, IC=0
-5
Collector-base cut-off current
ICBO
VCB= -120 V , IE=0
-100
Emitter cut-off current
IEBO
VEB= -5V , IC=0
-100
Collector-emitter saturation voltage
VCE(sat) IC=-500 mA, IB=-50mA
-1
Base-emitter saturation voltage
VBE(sat) IC=-500 mA, IB=-50mA
-1.2
Base - emitter voltage
VBE
IC= -500 mA
VCE=- 5V,
-1
DC current gain
hFE
VCE= -5V, IC= -100mA
80
240
Collector output capacitance
Cob
VCB= -10V, IE= 0,f=1MHz
30
pF
Transition frequency
fT
VCE= -5V, IC= -100mA
120
MHz
V
V
nA
Type
2SA1201-O
2SA1201-Y
Range
80-160
120-240
Marking
DO
DY


Similar Part No. - 2SA1201-O

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
2SA1201-O MCC-2SA1201-O Datasheet
515Kb / 3P
   PNP Silicon Power Transistors
2SA1201-O MCC-2SA1201-O Datasheet
397Kb / 3P
   PNP Silicon Power Transistors
2SA1201-O MCC-2SA1201-O_13 Datasheet
397Kb / 3P
   PNP Silicon Power Transistors
More results

Similar Description - 2SA1201-O

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
   PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
   PNP Transistors
logo
Guangdong Kexin Industr...
2SB1026-HF KEXIN-2SB1026-HF_15 Datasheet
951Kb / 3P
   PNP Transistors
2SB1027 KEXIN-2SB1027_15 Datasheet
893Kb / 3P
   PNP Transistors
2SB1027-HF KEXIN-2SB1027-HF_15 Datasheet
896Kb / 3P
   PNP Transistors
2SB1070 KEXIN-2SB1070_15 Datasheet
1,002Kb / 2P
   PNP Transistors
2SB1115-HF KEXIN-2SB1115-HF_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1118 KEXIN-2SB1118_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1120 KEXIN-2SB1120_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1174 KEXIN-2SB1174_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1176 KEXIN-2SB1176_15 Datasheet
1Mb / 3P
   PNP Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com