Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD40107 Datasheet(PDF) 6 Page - Intersil Corporation

Part # CD40107
Description  CMOS Dual 2 Input NAND Buffer/Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD40107 Datasheet(HTML) 6 Page - Intersil Corporation

  CD40107 Datasheet HTML 1Page - Intersil Corporation CD40107 Datasheet HTML 2Page - Intersil Corporation CD40107 Datasheet HTML 3Page - Intersil Corporation CD40107 Datasheet HTML 4Page - Intersil Corporation CD40107 Datasheet HTML 5Page - Intersil Corporation CD40107 Datasheet HTML 6Page - Intersil Corporation CD40107 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
7-23
CD40107BMS
Schematic
FIGURE 1. 1 OF 2 GATES
Typical Performance Characteristics
FIGURE 2. TYPICAL OUTPUT LOW (SINK) CURRENT
CHARACTERISTICS
FIGURE 3. MINIMUM OUTPUT LOW (SINK) CURRENT
CHARACTERISTICS
FIGURE 4. TYPICAL TRANSITION TIME AS A FUNCTION OF
LOAD CAPACITANCE
FIGURE 5. TYPICAL PROPAGATION DELAY TIME AS A
FUNCTION OF LOAD CAPACITANCE
VDD
A *
3, (11)
VSS
B *
4, (10)
C = A • B
5, (9)
VDD =
14
VSS =
7
NOTE:
1 OF 2 GATES (NUMBERS IN PARENTHESES
ARE TERMINAL NUMBERS FOR SECOND GATE)
VDD
VSS
* ALL INPUTS ARE PROTECTED
BY CMOS PROTECTION
NETWORK
TRUTH TABLE
AB
C
0
0
1*
Z**
1
0
1*
Z**
0
1
1*
Z**
110
* Requires external pull-up resistor (RL)
to VDD.
** Without pull-up resistor (3-state).
10V
5V
AMBIENT TEMPERATURE (TA) = +25
oC
GATE-TO-SOURCE VOLTAGE (VGS) = 15V
0
5
10
15
480
320
160
640
800
960
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
10V
5V
AMBIENT TEMPERATURE (TA) = +25
oC
GATE-TO-SOURCE VOLTAGE (VGS) = 15V
0
5
10
15
240
160
80
320
400
480
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
AMBIENT TEMPERATURE (TA) = +25
oC
RL = 120
Ω TO VDD
SUPPLY VOLTAGE (VDD) = 5V
tTLH
5V
tTHL
10V
tTLH
15V
tTLH
10V
tTHL
15V
tTHL
LOAD CAPACITANCE (CL) (pF)
0
102030405060708090
100
0
80
70
60
50
40
30
20
10
AMBIENT TEMPERATURE (TA) = +25
oC
RL = 120
Ω TO VDD
SUPPLY VOLTAGE (VDD) = 5V
tPLH, tPHL
10V
tPLH
15V
tPLH
15V
tPHL
LOAD CAPACITANCE (CL) (pF)
10
20
30
40
50
60
70
80
90
100
10V
tPHL
25
50
75
100
125
150
175
10V TPHL


Similar Part No. - CD40107

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD40107 TI-CD40107 Datasheet
165Kb / 10P
[Old version datasheet]   CMOS DUAL 2-INPUT NAND BUFFER/DRIVER
CD40107B TI-CD40107B Datasheet
165Kb / 10P
[Old version datasheet]   CMOS DUAL 2-INPUT NAND BUFFER/DRIVER
CD40107B-MIL TI-CD40107B-MIL Datasheet
165Kb / 10P
[Old version datasheet]   CMOS DUAL 2-INPUT NAND BUFFER/DRIVER
CD40107BE TI-CD40107BE Datasheet
165Kb / 10P
[Old version datasheet]   CMOS DUAL 2-INPUT NAND BUFFER/DRIVER
CD40107BEE4 TI-CD40107BEE4 Datasheet
165Kb / 10P
[Old version datasheet]   CMOS DUAL 2-INPUT NAND BUFFER/DRIVER
More results

Similar Description - CD40107

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD40107B TI-CD40107B Datasheet
165Kb / 10P
[Old version datasheet]   CMOS DUAL 2-INPUT NAND BUFFER/DRIVER
logo
STMicroelectronics
HCC40107B STMICROELECTRONICS-HCC40107B Datasheet
270Kb / 14P
   DUAL 2-INPUT NAND BUFFER/DRIVER
logo
List of Unclassifed Man...
MMC40107 ETC-MMC40107 Datasheet
135Kb / 4P
   DUAL 2-INPUT NAND BUFFER/DRIVER
logo
STMicroelectronics
HCF40107B STMICROELECTRONICS-HCF40107B_02 Datasheet
617Kb / 11P
   DUAL 2-INPUT NAND BUFFER/DRIVER
logo
Motorola, Inc
SN54LS38 MOTOROLA-SN54LS38 Datasheet
122Kb / 4P
   QUAD 2-INPUT NAND BUFFER
logo
List of Unclassifed Man...
T74LS37 ETC2-T74LS37 Datasheet
169Kb / 3P
   quad 2-input nand buffer
logo
Motorola, Inc
SN54LS26 MOTOROLA-SN54LS26 Datasheet
122Kb / 4P
   QUAD 2-INPUT NAND BUFFER
logo
Fairchild Semiconductor
DM74ALS1000A FAIRCHILD-DM74ALS1000A Datasheet
46Kb / 4P
   Quadruple 2-Input NAND Buffer
DM74ALS37A FAIRCHILD-DM74ALS37A Datasheet
46Kb / 4P
   Quadruple 2-Input NAND Buffer
logo
NXP Semiconductors
74F37 PHILIPS-74F37 Datasheet
69Kb / 8P
   Quad 2-input NAND buffer
1990 May 24
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com