Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7814ARM Datasheet(PDF) 3 Page - Analog Devices

Part # AD7814ARM
Description  10-Bit Digital Temperature Sensor in 6-Lead SOT-23
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7814ARM Datasheet(HTML) 3 Page - Analog Devices

  AD7814ARM Datasheet HTML 1Page - Analog Devices AD7814ARM Datasheet HTML 2Page - Analog Devices AD7814ARM Datasheet HTML 3Page - Analog Devices AD7814ARM Datasheet HTML 4Page - Analog Devices AD7814ARM Datasheet HTML 5Page - Analog Devices AD7814ARM Datasheet HTML 6Page - Analog Devices AD7814ARM Datasheet HTML 7Page - Analog Devices AD7814ARM Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
REV. E
–3–
AD7814
ORDERING GUIDE
Temperature
Temperature
Package
Package
Branding
Model
Range
Error
1
Description
Option
Information
AD7814ART-500RL7
–55
°C to +125°C
±2°C
6-Lead SOT-23
RT-6
CAA
AD7814ART-REEL
–55
°C to +125°C
±2°C
6-Lead SOT-23
RT-6
CAA
AD7814ART-REEL7
–55
°C to +125°C
±2°C
6-Lead SOT-23
RT-6
CAA
AD7814ARTZ-500RL7
2
–55
°C to +125°C
±2°C
6-Lead SOT-23
RT-6
CAA
AD7814ARTZ-REEL
2
–55
°C to +125°C
±2°C
6-Lead SOT-23
RT-6
CAA
AD7814ARTZ-REEL7
2
–55
°C to +125°C
±2°C
6-Lead SOT-23
RT-6
CAA
AD7814ARM
–55
°C to +125°C
±2°C
8-Lead MSOP
RM-8
CAA
AD7814ARM-REEL
–55
°C to +125°C
±2°C
8-Lead MSOP
RM-8
CAA
AD7814ARM-REEL7
–55
°C to +125°C
±2°C
8-Lead MSOP
RM-8
CAA
AD7814ARMZ
2
–55
°C to +125°C
±2°C
8-Lead MSOP
RM-8
CAA
AD7814ARMZ-REEL
2
–55
°C to +125°C
±2°C
8-Lead MSOP
RM-8
CAA
AD7814ARMZ-REEL7
2
–55
°C to +125°C
±2°C
8-Lead MSOP
RM-8
CAA
1Temperature error is over 0
°C to 85°C temperature range.
2Z = Pb-free part
ABSOLUTE MAXIMUM RATINGS
*
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
Digital Input Voltage to GND . . . . . . . –0.3 V to VDD + 0.3 V
Digital Output Voltage to GND . . . . . –0.3 V to VDD + 0.3 V
Operating Temperature Range . . . . . . . . . . –55
°C to +125°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . 150
°C
SOT-23, Power Dissipation . . . . . . . . . . . . . . . . . . . . 450 mW
θJA Thermal Impedance . . . . . . . . . . . . . . . . . . . . 240°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . 215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . 220
°C
MSOP Package, Power Dissipation . . . . . . . . . . . . . . 450 mW
θ
JA Thermal Impedance
. . . . . . . . . . . . . . . . . . . . 206
°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . 215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . 220
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD7814 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
1.6V
IOL
200 A
200 A
IOH
TO
OUTPUT
PIN
CL
50pF
Figure 1. Load Circuit for Data Access Time and Bus
Relinquish Time


Similar Part No. - AD7814ARM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7814ARM AD-AD7814ARM Datasheet
128Kb / 8P
   10-Bit Digital Temperature Sensor in 6-Lead SOT-23
REV. E
AD7814ARM AD-AD7814ARM Datasheet
151Kb / 9P
   10-Bit Digital Temperature Sensor
AD7814ARM-REEL AD-AD7814ARM-REEL Datasheet
128Kb / 8P
   10-Bit Digital Temperature Sensor in 6-Lead SOT-23
REV. E
AD7814ARM-REEL AD-AD7814ARM-REEL Datasheet
151Kb / 9P
   10-Bit Digital Temperature Sensor
AD7814ARM-REEL7 AD-AD7814ARM-REEL7 Datasheet
128Kb / 8P
   10-Bit Digital Temperature Sensor in 6-Lead SOT-23
REV. E
More results

Similar Description - AD7814ARM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7814 AD-AD7814 Datasheet
128Kb / 8P
   10-Bit Digital Temperature Sensor in 6-Lead SOT-23
REV. E
ADT7301 AD-ADT7301 Datasheet
637Kb / 14P
   13-Bit, 0.5C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23
Rev. PrJ
ADT7302 AD-ADT7302 Datasheet
230Kb / 14P
   짹2째C Accurate, MicroPower Digital Temperature Sensor in 6-Lead SOT-23
Rev. PrE
AD7415 AD-AD7415_15 Datasheet
368Kb / 20P
   0.5C Accurate, 10-Bit Digital Temperature Sensors in SOT-23
Rev. F
AD7414 AD-AD7414_15 Datasheet
368Kb / 20P
   0.5C Accurate, 10-Bit Digital Temperature Sensors in SOT-23
Rev. F
AD7476-EP AD-AD7476-EP Datasheet
196Kb / 12P
   12-Bit ADC in 6-Lead SOT-23
Rev. 0
AD7940 AD-AD7940_17 Datasheet
391Kb / 21P
   14-Bit ADC in 6-Lead SOT-23
AD7477AAKS AD-AD7477AAKS Datasheet
466Kb / 24P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7476 AD-AD7476_15 Datasheet
560Kb / 25P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7478 AD-AD7478_15 Datasheet
560Kb / 25P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com