Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD40105 Datasheet(PDF) 8 Page - Intersil Corporation

Part # CD40105
Description  CMOS FIFO Register
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD40105 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button CD40105 Datasheet HTML 2Page - Intersil Corporation CD40105 Datasheet HTML 3Page - Intersil Corporation CD40105 Datasheet HTML 4Page - Intersil Corporation CD40105 Datasheet HTML 5Page - Intersil Corporation CD40105 Datasheet HTML 6Page - Intersil Corporation CD40105 Datasheet HTML 7Page - Intersil Corporation CD40105 Datasheet HTML 8Page - Intersil Corporation CD40105 Datasheet HTML 9Page - Intersil Corporation CD40105 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
7-1324
CD40105BMS
Typical Performance Characteristics
FIGURE 2. TYPICAL OUTPUT LOW (SINK) CURRENT
CHARACTERISTICS
FIGURE 3. MINIMUM OUTPUT LOW (SINK) CURRENT
CHARACTERISTICS
FIGURE 4. TYPICAL OUTPUT HIGH (SOURCE) CURRENT
CHARACTERISTICS
FIGURE 5. MINIMUM OUTPUT HIGH (SOURCE) CURRENT
CHARACTERISTICS
FIGURE 6. TYPICAL TRANSITION TIME AS A FUNCTION OF
LOAD CAPACITANCE
FIGURE 7. TYPICAL DYNAMIC POWER DISSIPATION AS A
FUNCTION OF FREQUENCY
10V
5V
AMBIENT TEMPERATURE (TA) = +25
oC
GATE-TO-SOURCE VOLTAGE (VGS) = 15V
0
5
10
15
15
10
5
20
25
30
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
10V
5V
AMBIENT TEMPERATURE (TA) = +25
oC
GATE-TO-SOURCE VOLTAGE (VGS) = 15V
0
5
10
15
7.5
5.0
2.5
10.0
12.5
15.0
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
-10V
-15V
AMBIENT TEMPERATURE (TA) = +25
oC
GATE-TO-SOURCE VOLTAGE (VGS) = -5V
0
-5
-10
-15
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
-20
-25
-30
0
-5
-10
-15
-10V
-15V
AMBIENT TEMPERATURE (TA) = +25
oC
0
-5
-10
-15
DRAIN-TO-SOURCE VOLTAGE (VDS) (V)
0
-5
-10
-15
GATE-TO-SOURCE VOLTAGE (VGS) = -5V
AMBIENT TEMPERATURE (TA) = +25
oC
LOAD CAPACITANCE (CL) (pF)
0
40
60
80
100
20
0
50
100
150
200
SUPPLY VOLTAGE (VDD) = 5V
10V
15V
10V
5V
10V
8
6
4
2
INPUT FREQUENCY (fIN) (kHz)
110
102
103
104
8
6
4
2
8
6
4
2
8
6
4
2
8
6
4
2
105
104
102
106
AMBIENT TEMPERATURE (TA) = +25
oC
SUPPLY VOLTAGE (VDD) = 15V
103
8
6
4
28
6
4
28
6
4
28
6
4
2
CL = 15pF
CL = 50pF


Similar Part No. - CD40105

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD401056B TI1-CD401056B Datasheet
1Mb / 17P
[Old version datasheet]   CMOS Hex Schmitt Triggers
CD401056B TI1-CD401056B_15 Datasheet
1Mb / 17P
[Old version datasheet]   CMOS Hex Schmitt Triggers
CD40105B TI-CD40105B Datasheet
281Kb / 6P
[Old version datasheet]   CMOS FIFO REGISTER
CD40105B TI1-CD40105B Datasheet
451Kb / 9P
[Old version datasheet]   CMOS FIFO register
CD40105B-MIL TI1-CD40105B-MIL Datasheet
451Kb / 9P
[Old version datasheet]   CMOS FIFO register
More results

Similar Description - CD40105

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD40105B TI1-CD40105B_15 Datasheet
451Kb / 9P
[Old version datasheet]   CMOS FIFO register
CD40105BE TI-CD40105BE Datasheet
441Kb / 9P
[Old version datasheet]   CMOS FIFO REGISTER
CD40105B TI-CD40105B Datasheet
281Kb / 6P
[Old version datasheet]   CMOS FIFO REGISTER
logo
Renesas Technology Corp
CD40105BMS RENESAS-CD40105BMS Datasheet
417Kb / 10P
   CMOS FIFO Register
December 1992
logo
STMicroelectronics
HCC40105B STMICROELECTRONICS-HCC40105B Datasheet
260Kb / 12P
   FIFO REGISTER
logo
List of Unclassifed Man...
WD1510 ETC1-WD1510 Datasheet
332Kb / 4P
   LIFO/FIFO Buffer Register
logo
Texas Instruments
CD54HC40105 TI-CD54HC40105_07 Datasheet
461Kb / 21P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
CD54HC40105 TI-CD54HC40105_08 Datasheet
602Kb / 22P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
logo
Integrated Device Techn...
7202LA20JG IDT-7202LA20JG Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO
logo
Texas Instruments
CD54HC40105 TI-CD54HC40105 Datasheet
318Kb / 19P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit x 16-Word FIFO Register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com