Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RG562-12-6 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RG562-12-6
Description  Heyco Rubber Grommets
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RG562-12-6 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RG562-12-6 Datasheet HTML 1Page - List of Unclassifed Manufacturers RG562-12-6 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
“ S ta y C o n n e c te d w ith H e y c o ” Bushings, Grommets, Bumpers & Feet
Used to protect through holes.
Help eliminate sharp edges so your
wires are protected and add aesthetic
value to your application.
113 sizes available that will
accommodate mounting holes ranging
from .250˝ (6,4 mm) to holes as large
as 2.375˝ (60,3 mm) diameter and
panel thicknesses from .063˝ (1,6 mm)
to .188˝ (4,8 mm).
Rubber grommets are constructed of
SBR (unless otherwise noted) with an
operating temperature range of
-40°F (-40°C) to 221°F (105°C).
SBR grommets have good water
resistant characteristics and are
suitable for most moderate chemicals
and wet or dry organic acids.
Provide vibration dampening.
Heyco® Rubber Grommets
For Panels .125˝ (3,2 mm) to .188˝ (4,8 mm) Thick
5-19
1-800-526-4182 • 732-286-1800 (NJ) • FAX: 732-244-8843 • www.heyco.com
MOUNTING
PART NO.
DESCRIPTION
MATERIAL
PART DIMENSIONS
HOLE
AB
C
DIAMETER
Black
Inside
Head
Overall
Diameter
Diameter
Height
in.
mm.
in.
mm.
in.
mm.
in.
mm.
For .125˝ (3,2 mm) Thick Panels (continued)
1.375
34,9
G1322
RG 1375-32-4
SBR
1.000
25,4
1.750
44,5
.500
12,7
1.500
38,1
G1350
RG 1500-40-4
SBR
1.250
31,8
1.875
47,6
.406
10,3
1.625
41,3
G1363
RG 1625-42-4
SBR
1.313
33,4
2.000
50,8
.438
11,1
G1364
RG 1625-44-4
SBR
1.375
34,9
1.875
47,6
.406
10,3
1.750
44,5
G1371
RG 1750-48-4
SBR
1.500
38,1
2.125
54,0
.500
12,7
2.000
50,8
G1392
RG 2000-56-4
SBR
1.750
44,5
2.375
60,3
.375
9,5
2.500
63,5
G1423
RG 2.5-68-4
SBR
2.125
54,0
2.875
73,0
.438
11,1
For .156˝ (4,0 mm) Thick Panels
.500
12,7
G1094
RG 500-12-5
SBR
.375
9,5
.688
17,5
.313
8,0
.750
19,1
G1181
RG 750-16-5
SBR
.500
12,7
.938
23,8
.406
10,3
1.500
38,1
G1348
RG 1500-38-5
SBR
1.188
30,2
1.750
44,5
.406
10,3
For .188˝ (4,8 mm) Thick Panels
.312
7,9
G1022
RG 312-6-6
SBR
.188
4,8
.438
11,8
.313
8,0
.375
9,5
G1034
RG 375-6-6
SBR
.188
4,8
.625
15,9
.375
9,5
.437
11,1
G1057
RG 437-8-6
SBR
.250
6,4
.625
15,9
.313
8,0
G1110
RG 562-6-6
Nitrile
.188
4,8
.750
19,1
.313
8,0
.562
14,3
G1115
RG 562-10-6
SBR
.313
8,0
.813
20,7
.375
9,5
G1116
RG 562-10-6A
SBR
.313
8,0
.813
20,7
.438
11,1
G1120
RG 562-12-6
SBR
.375
9,5
.813
20,7
.375
9,5
.625
15,9
G1133
RG 625-12-6
SBR
.375
9,5
.875
22,2
.438
11,1
G1135
RG 625-13-6
Nitrile
.400
10,2
1.100
27,9
.687
17,5
G1153
RG 687-14-6
SBR
.438
11,1
.938
23,8
.438
11,1
.750
19,1
G1172
RG 750-10-6
SBR
.313
8,0
1.000
25,4
.438
11,1
.812
20,6
G1194
RG 812-16-6
SBR
.500
12,7
1.063
27,0
.438
11,1
G1199
RG 812-18-6
SBR
.563
14,3
.875
22,2
G1213
RG 875-18-6
SBR
.563
14,3
1.063
27,0
.438
11,1
G1219
RG 875-20-6
SBR
.625
15,9
1.125
28,6
1.000
25,4
G1256
RG 1000-22-6
SBR
.688
17,5
1.313
33,4
.500
12,7
G1261
RG 1000-24-6
SBR
.750
19,1
1.250
31,8
.563
14,3
1.062
27,0
G1272
RG 1062-24-6
SBR
.750
19,1
1.375
34,9
.500
12,7
1.250
31,8
G1306
RG 1250-28-6
SBR
.875
22,2
1.625
41,3
.563
14,3
G1312
RG 1250-32-6
SBR
1.000
25,4
1.500
38,1
.438
11,1
1.375
34,9
G1323
RG 1375-32-6
SBR
1.000
25,4
1.750
44,5
.563
14,3
G1329
RG 1375-36-6
SBR
1.125
28,6
1.875
47,6
.500
12,7
1.500
38,1
G1351
RG 1500-40-6
EPDM
1.250
31,8
2.000
50,8
.625
15,9
1.750
44,5
G1372
RG 1750-48-6
SBR
1.500
38,1
2.125
54,0
.563
14,3
2.000
50,8
G1390
RG 2000-52-6
SBR
1.625
41,3
2.250
57,2
.750
19,1
2.200
55,9
G1404
RG 2.200-64-6
SBR
2.000
50,8
2.750
69,9
.560
14,2
2.375
60,3
G1414
RG 2.375-64-6
PVC
2.000
50,8
2.750
69,9
.560
14,2
Standard color black.
Quick
Specs
Material
SBR, Nitrile, EPDM, or PVC
Temperature Rating
-40°F (-40°C) to 221oF (105°C)
C
B
A


Similar Part No. - RG562-12-6

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
RG5-1A-P-24-VDC ADAM-TECH-RG5-1A-P-24-VDC Datasheet
91Kb / 1P
   RELAY 24 VDC FORM
logo
Pasternack Enterprises,...
RG55B-U PASTERNACK-RG55B-U Datasheet
1Mb / 3P
   53 Ohm Flexible RG55 Coax Cable Double Shielded with Black PE Jacket
RG58-P PASTERNACK-RG58-P Datasheet
367Kb / 3P
   53 Ohm Flexible RG58-P Plenum Rated Coax Cable Single Shielded with Black FEP Jacket
RG58-TPX PASTERNACK-RG58-TPX Datasheet
311Kb / 2P
   Flexible RG58 Coax Cable Single Shielded With Blue TPX Jacket, Rated To 150 C
logo
List of Unclassifed Man...
RG58C ETC-RG58C Datasheet
90Kb / 2P
   SUHNER COAXIAL CABLE
More results

Similar Description - RG562-12-6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G1423 ETC2-G1423 Datasheet
81Kb / 2P
   Heyco Rubber Grommets
G1349 ETC2-G1349 Datasheet
81Kb / 2P
   Heyco Rubber Grommets
G1123 ETC2-G1123 Datasheet
80Kb / 2P
   Stay Connected with Heyco Bushings, Grommets, Bumpers & Feet
G1418 ETC2-G1418 Datasheet
74Kb / 1P
   Stay Connected with Heyco Bushings, Grommets, Bumpers Feet
774 ETC2-774 Datasheet
362Kb / 1P
   GROMMETS , BUSHINGS
logo
Amphenol Corporation
P-MUSB-2E151-0X5BP AMPHENOL-P-MUSB-2E151-0X5BP Datasheet
48Kb / 1P
   RUBBER: SILICONE RUBBER
logo
List of Unclassifed Man...
1025 ETC-1025 Datasheet
103Kb / 1P
   Heyco-Flex?줞ounting Brackets
logo
Heyco.
1970 HEYCO-1970 Datasheet
94Kb / 1P
   Heyco® Foam Washers
2242 HEYCO-2242 Datasheet
129Kb / 1P
   Heyco® Metal Locknuts
logo
General Cable Technolog...
C3605A GENERAL-C3605A Datasheet
73Kb / 1P
   5C 20 26/34 TC RUBBER RUBBER MULTI-CONDUCTOR, RUBBER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com