Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7799 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7799
Description  3-Channel, Low Noise, Low Power
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7799 Datasheet(HTML) 5 Page - Analog Devices

  AD7799_15 Datasheet HTML 1Page - Analog Devices AD7799_15 Datasheet HTML 2Page - Analog Devices AD7799_15 Datasheet HTML 3Page - Analog Devices AD7799_15 Datasheet HTML 4Page - Analog Devices AD7799_15 Datasheet HTML 5Page - Analog Devices AD7799_15 Datasheet HTML 6Page - Analog Devices AD7799_15 Datasheet HTML 7Page - Analog Devices AD7799_15 Datasheet HTML 8Page - Analog Devices AD7799_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Data Sheet
AD7798/AD7799
Rev. B | Page 5 of 28
Parameter
AD7798B/AD7799B1
Unit
Test Conditions/Comments
SYSTEM CALIBRATION2
Full-Scale Calibration Limit
1.05 × FS
V max
FS = Full-scale analog input. When VREF = AVDD, the
differential input must be limited to (0.9 × VREF/gain)
if the in-amp is active.
Zero-Scale Calibration Limit
−1.05 × FS
V min
Input Span
0.8 × FS
V min
2.1 × FS
V max
POWER REQUIREMENTS7
Power Supply Voltage
AVDD – GND
2.7/5.25
V min/max
DVDD – GND
2.7/5.25
V min/max
Power Supply Currents
IDD Current
140
µA max
Unbuffered mode, 110 µA typ @ AVDD = 3 V,
125 µA typ @ AVDD = 5 V
180
µA max
Buffered mode, gain = 1 or 2, 130 µA typ @ AVDD = 3 V,
165 µA typ @ AVDD = 5 V
400
µA max
AD7798: gain = 4 to 128, 300 µA typ @ AVDD = 3 V,
350 µA typ @ AVDD = 5 V
500
µA max
AD7799: gain = 4 to 128, 380 µA typ @ AVDD = 3 V,
440 µA typ @ AVDD = 5 V
IDD (Power-Down Mode)
1
µA max
1
Temperature range is –40°C to +105°C. At the 19.6 Hz and 39.2 Hz update rates, the INL, power supply rejection (PSR), common-mode rejection (CMR), and normal
mode rejection (NMR) do not meet the data sheet specification if the voltage on the AIN(+) or AIN(−) pins exceeds AVDD − 1.6 V typically. When this voltage is
exceeded, the INL, for example, is reduced to 18 ppm of FS typically and the PSR is reduced to 69 dB typically. Therefore, for guaranteed performance at these update
rates, the absolute voltage on the analog input pins needs to be below AVDD − 1.6 V.
2
Specification is not production tested, but is supported by characterization data at initial product release.
3
Following a calibration, this error is in the order of the noise for the programmed gain and update rate selected.
4
Recalibration at any temperature removes these errors.
5
Full-scale error applies to both positive and negative full-scale and applies at the factory calibration conditions (AVDD = 4 V, gain = 1, TA = 25°C).
6
FS[3:0] are the four bits used in the mode register to select the output word rate.
7
Digital inputs equal to DVDD or GND.


Similar Part No. - AD7799_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7799BRU AD-AD7799BRU Datasheet
445Kb / 28P
   3-Channel, Low Noise, Low Power, 16-/24-Bit, ADC with On-Chip In-Amp
REV. B
AD7799BRU-REEL AD-AD7799BRU-REEL Datasheet
445Kb / 28P
   3-Channel, Low Noise, Low Power, 16-/24-Bit, ADC with On-Chip In-Amp
REV. B
AD7799BRUZ AD-AD7799BRUZ Datasheet
445Kb / 28P
   3-Channel, Low Noise, Low Power, 16-/24-Bit, ADC with On-Chip In-Amp
REV. B
AD7799BRUZ-REEL AD-AD7799BRUZ-REEL Datasheet
897Kb / 28P
   3-Channel, Low Noise, Low Power, 16-/24-Bit, 誇-? ADC with On-Chip In-Amp
REV. A
AD7799BRUZ-REEL AD-AD7799BRUZ-REEL Datasheet
445Kb / 28P
   3-Channel, Low Noise, Low Power, 16-/24-Bit, ADC with On-Chip In-Amp
REV. B
More results

Similar Description - AD7799_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7785 AD-AD7785_15 Datasheet
636Kb / 32P
   3-Channel, Low Noise, Low Power
REV. 0
AD7798 AD-AD7798_15 Datasheet
445Kb / 28P
   3-Channel, Low Noise, Low Power
REV. B
AD7795 AD-AD7795_15 Datasheet
767Kb / 37P
   6-Channel, Low Noise, Low Power
REV. D
AD7794 AD-AD7794_15 Datasheet
767Kb / 37P
   6-Channel, Low Noise, Low Power
REV. D
ADXL358 AD-ADXL358 Datasheet
1Mb / 16P
   Low Noise, Low Drift, Low Power, 3-Axis MEMS Accelerometer
Rev. 0
ADXL359 AD-ADXL359 Datasheet
1Mb / 36P
   Low Noise, Low Drift, Low Power 3-Axis MEMS Accelerometer
Rev. 0
ADXL356 AD-ADXL356 Datasheet
1Mb / 42P
   Low Noise, Low Drift, Low Power, 3-Axis MEMS Accelerometers
logo
Intersil Corporation
X9116 INTERSIL-X9116 Datasheet
247Kb / 9P
   Low Noise, Low Power, Low Cost
X93156WM8IZ-2.7T1 INTERSIL-X93156WM8IZ-2.7T1 Datasheet
190Kb / 7P
   Low Noise, Low Power, 3 wire Up/Down, 32 Taps
X9015 INTERSIL-X9015 Datasheet
308Kb / 11P
   Low Noise, Low Power Volatile
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com