Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7769 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7769
Description  Analog I/O Port
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7769 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7769_15 Datasheet HTML 7Page - Analog Devices AD7769_15 Datasheet HTML 8Page - Analog Devices AD7769_15 Datasheet HTML 9Page - Analog Devices AD7769_15 Datasheet HTML 10Page - Analog Devices AD7769_15 Datasheet HTML 11Page - Analog Devices AD7769_15 Datasheet HTML 12Page - Analog Devices AD7769_15 Datasheet HTML 13Page - Analog Devices AD7769_15 Datasheet HTML 14Page - Analog Devices AD7769_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD7769
–11–
REV. A
where A is the peak amplitude of the sine wave and p (V) the
probability of occurrence at a voltage V. The histogram plot of
Figure 17 corresponds very well with this shape.
Figure 17. ADC Histogram Plot
In digital signal processing applications, where the AD7769 is
used to sample ac signals, it is essential that the signal sampling
occurs at exactly equal intervals. This minimizes errors due to
sampling uncertainty or jitter. A precise timer or clock source,
to start the conversion process, is the best method of generating
equidistant sampling intervals.
MICROPROCESSOR/MICROCOMPUTER INTERFACING
The AD7769 is designed for easy interfacing to microprocessors
and microcomputers as a memory mapped peripheral or an I/O
device. In addition, the AD7769 high speed bus timing allows
direct interfacing to many DSP processors such as the
TMS320C10 and ADSP-2101.
AD7769–TMS320C10 Interface
A typical interface to the TMS320C10 is shown in Figure 18.
The AD7769 is mapped at a port address, and the interface is
designed for the maximum TMS320C10 clock frequency of
20 MHz.
Figure 18. AD7769 to TMS320C10 Interface
This is for an ideal part with no differential or integral linearity
errors. These errors will cause a degradation in SNR. By work-
ing backwards from the above equation, it is possible to get a
measure of ADC performance expressed in effective number of
bits (N). The effective number of bits is plotted versus fre-
quency in Figure 15. The effective number of bits typically falls
between 7.7 and 7.9, corresponding to SNR Figures 48.1 and
49.7 dB.
Figure 15. Effective Number of Bits vs. Frequency
Figure 16 shows a spectrum analyzer plot of the output spec-
trum from one of the DACs with an ideal sine wave table loaded
to the data inputs of the DAC. In this case, the SNR is 47 dB.
Figure 16. DAC Output Spectrum
Histogram Plot
When a sine wave of specified frequency is applied to the VINA
or VINB input of the AD7769 and several thousand samples are
taken, it is possible to plot a histogram showing the frequency of
occurrence of each of the 256 ADC codes. If a particular step is
wider than the ideal 1 LSB width, then the code associated with
that step will accumulate more counts than for the code for an
ideal step. Likewise, a step narrower than ideal width will have
fewer counts. Missing codes are easily seen because a missing
code means zero counts for a particular code. The absence of
large spikes in the plot indicates small differential nonlinearity.
Figure 17 shows a histogram plot for the ADC indicating very
small differential nonlinearity and no missing codes for an input
frequency of 204 kHz. For a sine wave input, a perfect ADC
would produce a probability density function described by the
equation:
p (V) =
1
π( A2 –V 2)1/2


Similar Part No. - AD7769_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7769AN AD-AD7769AN Datasheet
265Kb / 16P
   LC2MOS Analog I/O Port
REV. A
AD7769AP AD-AD7769AP Datasheet
265Kb / 16P
   LC2MOS Analog I/O Port
REV. A
AD7769JN AD-AD7769JN Datasheet
265Kb / 16P
   LC2MOS Analog I/O Port
REV. A
AD7769JP AD-AD7769JP Datasheet
265Kb / 16P
   LC2MOS Analog I/O Port
REV. A
More results

Similar Description - AD7769_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7769 AD-AD7769 Datasheet
265Kb / 16P
   LC2MOS Analog I/O Port
REV. A
AD7774 AD-AD7774_15 Datasheet
1Mb / 16P
   LC MOS ANALOG I/O PORT
REV. A
AD15700 AD-AD15700 Datasheet
1Mb / 44P
   1 MSPS 16-/14-Bit Analog I/O Port
REV. A
AD5590 AD-AD5590 Datasheet
1Mb / 44P
   16 Input, 16 Output Analog I/O Port with Integrated Amplifiers
REV. 0
logo
ADL Embedded Solutions
104-DIO24E ADL-104-DIO24E Datasheet
97Kb / 2P
   PC/104-Analog I/O Board
logo
CML Microcircuits
MX839 CMLMICRO-MX839 Datasheet
169Kb / 20P
   Digitally Controlled Analog I/O Processor
logo
Analog Devices
AD5590 AD-AD5590_17 Datasheet
1Mb / 45P
   16 Input, 16 Output Analog I/O Port with Integrated Amplifiers
logo
List of Unclassifed Man...
MX839 ETC-MX839 Datasheet
165Kb / 20P
   Digitally Controlled Analog I/O Processor
logo
Red Lion Controls. Inc
ET-16AI2 REDLION-ET-16AI2 Datasheet
462Kb / 1P
   Ethernet I/O Module ??Analog Inputs
logo
Advantech Co., Ltd.
ADAM-6717 ADVANTECH-ADAM-6717 Datasheet
226Kb / 1P
   Intelligent I/O Gateway with Analog Input
26-Nov-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com