Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD22402E Datasheet(PDF) 6 Page - Harris Corporation

Part # CD22402E
Description  Sync Generator for TV Applications and Video Processing Systems
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

CD22402E Datasheet(HTML) 6 Page - Harris Corporation

Back Button CD22402E Datasheet HTML 2Page - Harris Corporation CD22402E Datasheet HTML 3Page - Harris Corporation CD22402E Datasheet HTML 4Page - Harris Corporation CD22402E Datasheet HTML 5Page - Harris Corporation CD22402E Datasheet HTML 6Page - Harris Corporation CD22402E Datasheet HTML 7Page - Harris Corporation CD22402E Datasheet HTML 8Page - Harris Corporation CD22402E Datasheet HTML 9Page - Harris Corporation CD22402E Datasheet HTML 10Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
8-45
Timing Waveforms
FIGURE 2. SYNC GENERATOR TIMING - 525/60Hz, HORIZONTAL TIMING WAVEFORMS
FIGURE 3. SYNC GENERATOR TIMING - 525/60Hz, VERTICAL TIMING WAVEFORMS
MICROSECONDS
504kHz
OSC. PIN 2 OR 6
MIXED BLANKING
PIN 13
HORIZ. DRIVE PIN 4
MIXED BEAM
(CATHODE)
BLANKING
PIN 7
HORIZ. CLAMP
PIN 11
MIXED SYNC
PIN 5
EQUALIZING
PULSE
H. SYNC
0
1.98
3.97
5.95
7.94
9.92
11.90
1.98
µs
1.98
µs
V. SYNC
1.98
µs
27.78
31.75
33.73
3.97
µs
11.9
µs
7.94
µs
3.97
µs
25.8
µs
3.97
µs
TO FIRST
EQUALIZING
PULSE
VERTICAL RESET
TO FIRST
VERTICAL PULSE
LINE NO
MIXED SYNC
PIN 5
VERT. DRIVE
PIN 9
VERTICAL
PROCESSING
BLANKING
PIN 17
WIDE BLANKING
PIN 13
SHORT VERTICAL
DRIVE PIN 16
MIXED BEAM
(CATHODE)
BLANKING
PIN 7
FRAME SYNC
PIN 15
(ON ALTERNATE FIELDS)
0.57ms
1.98
µs (NOT TO SCALE)
0.19ms
0
1
2
3
4
5
6
7
8
9
10
21
1.33ms
CD22402


Similar Part No. - CD22402E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CD22402 ETC2-CD22402 Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - CD22402E

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7049 NTE-NTE7049 Datasheet
30Kb / 3P
   Integrated Circuit CMOS-Sync Generator for TV & Video Processing Systems
logo
Toshiba Semiconductor
TA8845BN TOSHIBA-TA8845BN Datasheet
2Mb / 69P
   BUS CONTROL VIDEO, CHROMA, AND SYNC. SIGNAL PROCESSING IC FOR TV
logo
Hitachi Semiconductor
HD44007A HITACHI-HD44007A Datasheet
724Kb / 14P
   SYNC SIGNAL GENERATOR FOR TV CAMERAS
HD440072 HITACHI-HD440072 Datasheet
813Kb / 15P
   SYNC SIGNAL GENERATOR FOR TV CAMERAS
logo
National Semiconductor ...
MM5321 NSC-MM5321 Datasheet
307Kb / 6P
   TV camera sync generator
logo
List of Unclassifed Man...
MM5321 ETC-MM5321 Datasheet
434Kb / 4P
   TV CAMERA SYNC GENERATOR
logo
Fairchild Semiconductor
74ACT715 FAIRCHILD-74ACT715_07 Datasheet
451Kb / 18P
   Programmable Video Sync Generator
74ACT715 FAIRCHILD-74ACT715_1 Datasheet
429Kb / 18P
   Programmable Video Sync Generator
logo
National Semiconductor ...
LM1882 NSC-LM1882 Datasheet
340Kb / 16P
   Programmable Video Sync Generator
logo
Fairchild Semiconductor
74ACT715 FAIRCHILD-74ACT715 Datasheet
127Kb / 14P
   Programmable Video Sync Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com