Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA1458E Datasheet(PDF) 4 Page - Intersil Corporation

Part # CA1458E
Description  0.9MHz Single and Dual, High Gain Operational Amplifiers for Military, Industrial and Commercial Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA1458E Datasheet(HTML) 4 Page - Intersil Corporation

  CA1458E Datasheet HTML 1Page - Intersil Corporation CA1458E Datasheet HTML 2Page - Intersil Corporation CA1458E Datasheet HTML 3Page - Intersil Corporation CA1458E Datasheet HTML 4Page - Intersil Corporation CA1458E Datasheet HTML 5Page - Intersil Corporation CA1458E Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Schematic Diagram
(Notes 5, 6)
CA741C, CA741, LM741C, LM741 AND FOR EACH AMPLIFIER OF THE CA1458, CA1558, AND LM1458
Typical Performance Curves
FIGURE 3. COMMON MODE INPUT VOLTAGE RANGE vs SUPPLY
VOLTAGE FOR ALL TYPES
FIGURE 4. OUTPUT VOLTAGE vs SUPPLY VOLTAGE FOR ALL
TYPES
INVERTING
NON-INVERTING
INPUT
INPUT
OFFSET
NULL
*
R1
1K
R3
50K
R2
1K
Q6
Q7
Q8
Q3
Q1
Q4
Q2
R4
3K
Q9
R5
39K
R7
4.5K
R8
7.5K
D4
C1
30pF
Q11
Q10
D1
D2
Q5
D3
Q14
Q15
Q16
R12
50K
R11
80K
V+
OUTPUT
V-
Q12
Q13
R9
25
R10
50
Q17
NOTES:
5. See Pinouts for Terminal Numbers of Respective Types.
6. All Resistance Values are in Ohms.
*
*
*
*
*
*
15
10
5
0
0
5
10
15
20
DC SUPPLY (V+, V-)
TA = 25
oC
40
35
30
25
20
15
10
5
0
0
5
10
15
20
DC SUPPLY (V+, V-)
TA = 25
oC
RL ≥ 2kΩ
CA741, CA741C, CA1458, CA1558, LM741, LM741C, LM1458


Similar Part No. - CA1458E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA1458E INTERSIL-CA1458E Datasheet
144Kb / 6P
   0.9MHz Single and Dual, High Gain Operational Amplifiers for Military, Industrial and Commercial Applications
More results

Similar Description - CA1458E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA741 INTERSIL-CA741_01 Datasheet
144Kb / 6P
   0.9MHz Single and Dual, High Gain Operational Amplifiers for Military, Industrial and Commercial Applications
logo
Harris Corporation
CA741C HARRIS-CA741C Datasheet
421Kb / 6P
   HIGH-GAIN SINGLE AND DUAL OPERATIONAL AMPLIFIERS FOR MILITARY INDUSTRIAL AND COMMERCIAL APPLICATIONS
logo
Intersil Corporation
CA158 INTERSIL-CA158 Datasheet
85Kb / 7P
   Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
October 1999
CA158 INTERSIL-CA158_01 Datasheet
187Kb / 7P
   Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
CA124 INTERSIL-CA124 Datasheet
200Kb / 7P
   Quad, 1MHz, Operational Amplifiers for Commercial, Industrial, and Military Applications
May 2001
logo
Harris Corporation
CA2904 HARRIS-CA2904 Datasheet
400Kb / 7P
   DUAL, 1MHz OPERATIONAL AMPLIFIERS FOR COMMERCIAL INDUSTRIAL, AND MILITARY APPLICATION
logo
Finisar Corporation.
FTE8510K1LTN FINISAR-FTE8510K1LTN Datasheet
558Kb / 2P
   For Industrial and Military Applications
logo
Intersil Corporation
CA3141 INTERSIL-CA3141 Datasheet
39Kb / 4P
   High-Voltage Diode Array For Commercial, Industrial and Military Applications
January 1999
logo
Harris Corporation
CA3141 HARRIS-CA3141 Datasheet
33Kb / 4P
   High-Voltage Diode Array For Commercial, Industrial and Military Applications
logo
Intersil Corporation
CA139 INTERSIL-CA139 Datasheet
64Kb / 6P
   Quad Voltage Comparators for Industrial, Commercial and Military Applications
October 1999
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com