Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK67501-5 Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AK67501-5
Description  USB 2.0 Micro Connection cable
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AK67501-5 Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AK67501-5 Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHS
Compliant
1840 W. Drake Drive, Suite 101 • Tempe, AZ 85283
Toll Free: 1-877-277-6266 • Email: info@assmann.us
Title
Modification
Id.
Date
Name
Date
Name
Drawing-No.
Replace
Sheet
ASSMANN WSW-No.
1/1
AK67501-5-R
rev01
Chappell
19.10.13
USB 2.0 Micro Connection
cable
A type Male
B type Male, 5 Meters
Free
Scale
X.
X.X
X.XX
DIM
X.°
X.X°
Angle
TOL
±0.3
±X
±X
±X°
±X°
16.09.13
Wilson
Updated information
Material:
• Cable: USB2.0 UL2725 [28AWG(7/0.12TC+AL:)*1P+
28AWG(7/0.12TC)*2C]+AEB(48B TC)
- Jacket: Black
- OD: 3.5MM
• P1 Connector: Micro USB 5P B/M Solder Type
- Shell: Nickel
- Pin: G/F
- Insulator Color: Black
• P2 Connector: Micro USB 5P A/M Solder Type
- Shell: Nickel
- Pin: G/F
- Insulator Color: Black
• Outer Jacket: Black PVC-40P
Electrical:
• 100% short, open, miswire test
• Conduct resistance: 5
Max.
• Insulation resistance: 10M
Min.
• Dielectric test: 300V DC


Similar Part No. - AK67501-5

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK67501-0-5 ASSMANN-AK67501-0-5 Datasheet
85Kb / 1P
   USB 2.0 Micro Connection cable
AK67501-1 ASSMANN-AK67501-1 Datasheet
85Kb / 1P
   USB 2.0 Micro Connection cable
AK67501-2 ASSMANN-AK67501-2 Datasheet
85Kb / 1P
   USB 2.0 Micro Connection cable
AK67501-3 ASSMANN-AK67501-3 Datasheet
85Kb / 1P
   USB 2.0 Micro Connection cable
More results

Similar Description - AK67501-5

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK67501-0-5 ASSMANN-AK67501-0-5 Datasheet
85Kb / 1P
   USB 2.0 Micro Connection cable
AK67501-2 ASSMANN-AK67501-2 Datasheet
85Kb / 1P
   USB 2.0 Micro Connection cable
AK67501-3 ASSMANN-AK67501-3 Datasheet
85Kb / 1P
   USB 2.0 Micro Connection cable
AK67501-1 ASSMANN-AK67501-1 Datasheet
85Kb / 1P
   USB 2.0 Micro Connection cable
logo
Amphenol Communications...
IO_USB_MICRO AMPHENOLCS-IO_USB_MICRO Datasheet
310Kb / 3P
   Micro USB 2.0 Connectors
logo
List of Unclassifed Man...
632910731611 ETC2-632910731611 Datasheet
321Kb / 2P
   CABLE USB 3.1 C MALE TO MICRO USB 2.0 MALE
logo
Wurth Elektronik GmbH &...
632910731611 WURTH-632910731611 Datasheet
368Kb / 2P
   CABLE USB 3.1 C MALE TO MICRO USB 2.0 MALE
logo
Rosenberger Hochfrequen...
L99-988-800 ROSENBERGER-L99-988-800 Datasheet
782Kb / 2P
   USB 2.0 A MALE TO USB 2.0 MICRO-B
logo
Pepperl+Fuchs Inc.
PCT02 PF-PCT02 Datasheet
202Kb / 1P
   USB connection cable
2021-07-15
PCT01 PF-PCT01 Datasheet
281Kb / 1P
   USB connection cable
2021-10-26
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com