Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD22102 Datasheet(PDF) 5 Page - Harris Corporation

Part # CD22102
Description  CMOS 4 x 4 x 2 Crosspoint Switch with Control Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

CD22102 Datasheet(HTML) 5 Page - Harris Corporation

  CD22102 Datasheet HTML 1Page - Harris Corporation CD22102 Datasheet HTML 2Page - Harris Corporation CD22102 Datasheet HTML 3Page - Harris Corporation CD22102 Datasheet HTML 4Page - Harris Corporation CD22102 Datasheet HTML 5Page - Harris Corporation CD22102 Datasheet HTML 6Page - Harris Corporation CD22102 Datasheet HTML 7Page - Harris Corporation CD22102 Datasheet HTML 8Page - Harris Corporation CD22102 Datasheet HTML 9Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
4-197
CD22101, CD22102
Functional Block Diagram
Minimum KB Pulse Width, CD22102
tW
-RL = 1kΩ, CL = 50pF,
tR, tF = 20ns
5
-
200
400
ns
10
-
90
180
ns
15
-
70
140
ns
Control Crosstalk, Data-In, Address
or Strobe to Output
11
100
10
5
-
75
-
mVPEAK
Square Wave Input = 5V,
tR, tF = 20ns, RS = 1kΩ
Input Capacitance
CIN
Any Control Input
-
-
5
7.5
pF
NOTES:
3. Peak-to-peak voltage symmetrical about
, unless otherwise specified.
4. RMS.
Electrical Specifications
TA = 25
oC (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
FIGURE
fIS
(kHz)
RL
(k
Ω)
VIS (V)
(Note 3)
VDD
(V)
V
DD
2
-----------
SIGNALS IN (OUT)
SIGNALS IN (OUT)
SIGNALS
OUT (IN)
SIGNALS
OUT (IN)
0
1
2
3
7
6
5
4
8
12
13
9
10
11
15
14
Y1
Y2
Y3
Y4
17
16
20
21
19
18
22
15
X1
X2
X3
X4
0’
1’
2’
3’
7’
6’
5’
4’
8’
12’
13’
9’
10’
11’
15’
14’
Y1’
Y2’
Y3’
Y4’
8
9
5
4
6
7
3
10
X1’
X2’
X3’
X4’
16
16
16
16
14
13
CD22102
ONLY
KA
KB
CD22101
ONLY
STROBE
DATA
ADDRESS
D
11
DECODER
2
1
23
C
B
A
LATCHES
(NOTE)
INPUTS PROTECTED
BY COS/MOS
PROTECTION
NETWORK
VDD
VSS
(NOTE)
(NOTE)
(NOTE)
(NOTE)
(NOTE)
NOTE:


Similar Part No. - CD22102

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD22100 INTERSIL-CD22100 Datasheet
104Kb / 10P
   CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
February 1999
logo
Harris Corporation
CD22100 HARRIS-CD22100 Datasheet
109Kb / 10P
   CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
logo
Intersil Corporation
CD22100E INTERSIL-CD22100E Datasheet
104Kb / 10P
   CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
February 1999
logo
Harris Corporation
CD22100E HARRIS-CD22100E Datasheet
109Kb / 10P
   CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
logo
Intersil Corporation
CD22100F INTERSIL-CD22100F Datasheet
104Kb / 10P
   CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
February 1999
More results

Similar Description - CD22102

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M22100 STMICROELECTRONICS-M22100 Datasheet
265Kb / 13P
   4 X 4 CROSSPOINT SWITCH WITH CONTROL MEMORY
logo
Samsung semiconductor
KT8592 SAMSUNG-KT8592 Datasheet
338Kb / 9P
   4 x 4 CROSSPOINT SWITCH WITH CONTROL MEMORY
logo
STMicroelectronics
M22101 STMICROELECTRONICS-M22101 Datasheet
157Kb / 8P
   WITH CONTROL MEMORY 4 X 4 X 2 CROSSPOINT SWITCHES
logo
Intersil Corporation
CD22100 INTERSIL-CD22100 Datasheet
104Kb / 10P
   CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
February 1999
logo
Harris Corporation
CD22100 HARRIS-CD22100 Datasheet
109Kb / 10P
   CMOS 4 x 4 Crosspoint Switch with Control Memory High-Voltage Type (20V Rating)
logo
STMicroelectronics
M3494 STMICROELECTRONICS-M3494 Datasheet
463Kb / 11P
   CMOS 16 x 8 CROSSPOINT WITH CONTROL MEMORY
logo
NEC
UPD22100 NEC-UPD22100 Datasheet
151Kb / 16P
   CROSSPOINT SWITCH WITH CONTROL MEMORY CMOS IC
logo
Mitsubishi Electric Sem...
M66260FP MITSUBISHI-M66260FP Datasheet
126Kb / 6P
   8 x 4 CROSSPOINT SWITCH with MIXING FUNCTION
logo
Texas Instruments
SN65LVDS125 TI-SN65LVDS125 Datasheet
140Kb / 12P
[Old version datasheet]   1.5 GBPS LVDS 4 X 4 CROSSPOINT SWITCH
logo
Intersil Corporation
CD74HC22106 INTERSIL-CD74HC22106 Datasheet
68Kb / 9P
   QMOS 8 x 8 x 1 Crosspoint Switches with Memory Control
January 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com