Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74FCT2648TDB Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT74FCT2648TDB
Description  FAST CMOS OCTAL TRANSCEIVER/ REGISTERS (3-STATE)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT2648TDB Datasheet(HTML) 9 Page - Integrated Device Technology

  IDT74FCT2648TDB Datasheet HTML 1Page - Integrated Device Technology IDT74FCT2648TDB Datasheet HTML 2Page - Integrated Device Technology IDT74FCT2648TDB Datasheet HTML 3Page - Integrated Device Technology IDT74FCT2648TDB Datasheet HTML 4Page - Integrated Device Technology IDT74FCT2648TDB Datasheet HTML 5Page - Integrated Device Technology IDT74FCT2648TDB Datasheet HTML 6Page - Integrated Device Technology IDT74FCT2648TDB Datasheet HTML 7Page - Integrated Device Technology IDT74FCT2648TDB Datasheet HTML 8Page - Integrated Device Technology IDT74FCT2648TDB Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
IDT54/74FCT646/2646/652/2652T/AT/CT/DT, 648T/AT/CT
FAST CMOS OCTAL TRANSCEIVER/REGISTER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
6.20
9
ORDERING INFORMATION
IDT
XX
FCT
XXXX
Device Type
X
Package
X
Process/
Temperature
Range
Blank
B
P
D
SO
L
E
PY
Q
PG
646T
648T
652T
646AT
648AT
652AT
646CT
648CT
652CT
646DT
652DT
Commercial
MIL-STD-883, Class B
Plastic DIP (P24-1)
CERDIP (D24-1)
Small Outline IC (SO24-2)
Leadless Chip Carrier (L28-1)
CERPACK (E24-1)
Shrink Small Outline Package (SO24-7)
Quarter-size Small Outline Package (SO24-8)
Thin Shrink Small Outline Package (SO24-9)
Non-inverting Octal Transceiver/Register
Inverting Octal Transceiver/Register
Inverting Octal Transceiver/Register
Non-inverting Octal Transceiver/Register
2634 drw 15
Temperature
Range
54
74
–55
°C to +125°C
–40
°C to +85°C
X
Family
Blank
2
High Drive
Balanced Drive


Similar Part No. - IDT74FCT2648TDB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT20807 IDT-IDT74FCT20807 Datasheet
47Kb / 6P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
logo
Renesas Technology Corp
IDT74FCT20807 RENESAS-IDT74FCT20807 Datasheet
217Kb / 7P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
MAY 2010
logo
Integrated Device Techn...
IDT74FCT20807PYI IDT-IDT74FCT20807PYI Datasheet
47Kb / 6P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
IDT74FCT20807QI IDT-IDT74FCT20807QI Datasheet
47Kb / 6P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
IDT74FCT20807 IDT-IDT74FCT20807_09 Datasheet
61Kb / 6P
   2.5V CMOS 1-TO-10 CLOCK DRIVER
More results

Similar Description - IDT74FCT2648TDB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5474FCT374A IDT-IDT5474FCT374A Datasheet
91Kb / 7P
   FAST CMOS OCTAL D REGISTERS (3-STATE)
74FCT574T IDT-74FCT574T Datasheet
57Kb / 7P
   FAST CMOS OCTAL D REGISTERS (3-STATE)
IDT54 IDT-IDT54 Datasheet
57Kb / 7P
   FAST CMOS OCTAL D REGISTERS (3-STATE)
logo
Pericom Semiconductor C...
PI74FCT374T PERICOM-PI74FCT374T Datasheet
163Kb / 9P
   Fast CMOS Octal D Registers (3-State)
logo
Integrated Device Techn...
IDT74FCT574 IDT-IDT74FCT574 Datasheet
144Kb / 7P
   FAST CMOS OCTAL D REGISTERS (3-STATE)
IDT54FCT374DB IDT-IDT54FCT374DB Datasheet
88Kb / 7P
   FAST CMOS OCTAL D REGISTERS (3-STATE)
7130LA55P IDT-7130LA55P Datasheet
88Kb / 7P
   FAST CMOS OCTAL D REGISTERS (3-STATE)
logo
Texas Instruments
CD54-74AC651 TI-CD54-74AC651 Datasheet
276Kb / 8P
[Old version datasheet]   OCTAL-BUS TRANSCEIVER/REGISTERS, 3-STATE
CD74ACT646EN TI1-CD74ACT646EN Datasheet
996Kb / 15P
[Old version datasheet]   OCTAL-BUS TRANSCEIVER/REGISTERS, 3-STATE
CD54-74AC646 TI-CD54-74AC646 Datasheet
263Kb / 8P
[Old version datasheet]   OCTAL-BUS TRANSCEIVER/REGISTERS, 3-STATE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com