Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPA810TC-T1 Datasheet(PDF) 6 Page - NEC

Part # UPA810TC-T1
Description  NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC5006 FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA810TC-T1 Datasheet(HTML) 6 Page - NEC

Back Button UPA810TC-T1 Datasheet HTML 2Page - NEC UPA810TC-T1 Datasheet HTML 3Page - NEC UPA810TC-T1 Datasheet HTML 4Page - NEC UPA810TC-T1 Datasheet HTML 5Page - NEC UPA810TC-T1 Datasheet HTML 6Page - NEC UPA810TC-T1 Datasheet HTML 7Page - NEC UPA810TC-T1 Datasheet HTML 8Page - NEC UPA810TC-T1 Datasheet HTML 9Page - NEC UPA810TC-T1 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
µPA810TC
6
Data Sheet P14550EJ1V0DS00
VCE = 3 V, IC = 5 mA
FREQUENCY
S11
S21
S12
S22
GHz
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
0.1
0.788
–51.6
13.755
144.7
0.031
52.4
0.911
–26.2
0.2
0.712
–90.1
10.866
119.6
0.064
46.6
0.739
–46.1
0.3
0.649
–120.7
8.673
100.1
0.068
30.2
0.607
–59.3
0.4
0.610
–144.4
7.054
84.3
0.078
18.2
0.514
–68.4
0.5
0.596
–164.3
5.936
70.7
0.082
12.2
0.442
–76.0
0.6
0.582
179.5
5.078
58.8
0.090
7.5
0.397
–83.4
0.7
0.571
164.9
4.415
48.0
0.094
–1.4
0.361
–89.4
0.8
0.570
151.3
3.924
37.5
0.098
–6.1
0.335
–95.7
0.9
0.568
139.2
3.531
27.5
0.099
–8.2
0.314
–103.5
1.0
0.574
127.9
3.199
17.9
0.105
–13.6
0.295
–110.0
1.1
0.577
117.2
2.937
8.5
0.113
–18.5
0.280
–117.1
1.2
0.579
106.4
2.708
–0.8
0.118
–24.0
0.265
–124.0
1.3
0.588
96.9
2.523
–9.8
0.120
–28.6
0.258
–132.1
1.4
0.586
86.9
2.353
–18.5
0.127
–32.8
0.246
–140.0
1.5
0.596
77.7
2.210
–27.5
0.131
–37.1
0.237
–148.1
1.6
0.603
68.5
2.079
–36.1
0.139
–43.3
0.225
–156.5
1.7
0.609
59.8
1.974
–44.6
0.148
–47.0
0.219
–166.4
1.8
0.615
50.9
1.872
–53.3
0.154
–51.8
0.210
–174.6
1.9
0.623
42.4
1.779
–61.8
0.160
–58.6
0.202
175.3
2.0
0.626
33.8
1.692
–70.3
0.169
–63.8
0.196
165.5
2.1
0.633
25.4
1.621
–78.7
0.176
–69.2
0.188
155.2
2.2
0.638
17.4
1.548
–87.2
0.184
–75.2
0.181
144.2
2.3
0.648
9.5
1.490
–95.1
0.192
–80.7
0.176
132.7
2.4
0.654
1.5
1.431
–103.4
0.203
–86.9
0.171
120.5
2.5
0.655
–6.1
1.375
–111.0
0.212
–93.4
0.168
108.1
2.6
0.666
–13.8
1.324
–119.4
0.223
–99.8
0.164
96.2
2.7
0.669
–20.8
1.280
–127.2
0.237
–106.9
0.165
84.0
2.8
0.682
–28.3
1.225
–135.5
0.244
–115.0
0.164
73.7
2.9
0.696
–35.4
1.176
–143.2
0.250
–123.5
0.161
65.2
3.0
0.715
–42.9
1.128
–150.7
0.246
–131.7
0.178
56.6
VCE = 3 V, IC = 7 mA
FREQUENCY
S11
S21
S12
S22
GHz
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
0.1
0.719
–60.9
18.194
138.9
0.045
46.4
0.866
–32.7
0.2
0.635
–105.8
13.362
112.4
0.051
45.0
0.637
–52.7
0.3
0.579
–134.7
10.199
94.0
0.062
30.2
0.504
–65.7
0.4
0.563
–158.0
8.075
79.1
0.068
23.4
0.414
–74.9
0.5
0.545
–176.3
6.672
66.7
0.074
18.5
0.342
–81.1
0.6
0.538
169.1
5.657
55.5
0.077
13.1
0.312
–87.7
0.7
0.540
155.1
4.904
44.9
0.081
9.9
0.279
–93.2
0.8
0.539
143.2
4.348
35.3
0.087
3.7
0.254
–99.6
0.9
0.543
132.1
3.880
25.6
0.097
–2.0
0.235
–106.7
1.0
0.546
121.6
3.520
16.5
0.105
–5.3
0.220
–113.3
1.1
0.551
111.1
3.225
7.3
0.110
–10.2
0.207
–121.0
1.2
0.554
101.4
2.972
–1.7
0.119
–15.8
0.195
–127.3
1.3
0.561
92.5
2.759
–10.2
0.123
–20.9
0.184
–136.1
1.4
0.564
82.9
2.577
–18.8
0.132
–26.3
0.171
–144.6
1.5
0.575
74.1
2.415
–27.7
0.139
–31.9
0.163
–153.3
1.6
0.582
65.2
2.267
–36.4
0.148
–37.4
0.154
–163.5
1.7
0.588
56.9
2.155
–44.4
0.159
–43.3
0.145
–171.9
1.8
0.594
48.4
2.024
–53.2
0.164
–48.3
0.139
178.9
1.9
0.602
40.2
1.940
–61.3
0.174
–55.2
0.134
166.8
2.0
0.607
31.9
1.838
–69.7
0.182
–60.5
0.125
155.6
2.1
0.616
23.6
1.762
–77.8
0.188
–67.2
0.117
145.2
2.2
0.619
16.0
1.681
–86.2
0.200
–73.3
0.111
129.8
2.3
0.629
8.2
1.616
–94.2
0.207
–79.5
0.110
115.2
2.4
0.633
0.4
1.551
–102.3
0.221
–86.2
0.107
100.7
2.5
0.639
–7.0
1.488
–110.1
0.230
–93.3
0.105
86.1
2.6
0.649
–13.9
1.434
–118.6
0.242
–99.8
0.109
73.3
2.7
0.659
–21.1
1.380
–126.1
0.255
–108.1
0.105
59.7
2.8
0.671
–27.8
1.315
–134.1
0.255
–116.9
0.105
52.2
2.9
0.698
–35.2
1.262
–141.5
0.255
–126.0
0.111
46.6
3.0
0.717
–43.2
1.217
–148.4
0.243
–132.8
0.137
40.2


Similar Part No. - UPA810TC-T1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPA810TC RENESAS-UPA810TC Datasheet
194Kb / 14P
   NPN SILICON RF TWIN TRANSISTOR
1999
More results

Similar Description - UPA810TC-T1

ManufacturerPart #DatasheetDescription
logo
NEC
UPA801TC NEC-UPA801TC Datasheet
76Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC5006 FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD
UPA821TC NEC-UPA821TC Datasheet
64Kb / 12P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR WITH BUILT-IN 2 x 2SC5006 FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD
UPA814TC NEC-UPA814TC Datasheet
84Kb / 20P
   NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC5195 FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD
UPA804TC NEC-UPA804TC Datasheet
66Kb / 16P
   NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 x 2SC5004 FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD
UPA826TC NEC-UPA826TC Datasheet
66Kb / 12P
   NPN SILICON EPITAXIAL TWIN TRANSISTOR WITH BUILT-IN 2 x 2SC5010 FLAT-LEAD 6-PIN THIN -TYPE ULTRA SUPER MINIMOLD
UPA831TC NEC-UPA831TC Datasheet
79Kb / 16P
   NPN SILICON EPITAXIAL TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD PACKAGE
UPA835TC NEC-UPA835TC Datasheet
71Kb / 12P
   NPN SILICON EPITAXIAL TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD PACKAGE
UPA840TC NEC-UPA840TC Datasheet
79Kb / 16P
   NPN SILICON EPITAXIAL TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD PACKAGE
UPA843TC NEC-UPA843TC Datasheet
76Kb / 7P
   NPN SILICON RF TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A FLAT-LEAD 6-PIN THIN-TYPE ULTRA SUPER MINIMOLD
2SC5745 NEC-2SC5745 Datasheet
121Kb / 24P
   NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW NOISE FLAT-LEAD 3-PIN THIN-TYPE ULTRA SUPER MINIMOLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com