Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VLR-06V Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # VLR-06V
Description  6.2mm pitch/Disconnectable Crimp style Wire-to-wire connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VLR-06V Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  VLR-06V Datasheet HTML 1Page - List of Unclassifed Manufacturers VLR-06V Datasheet HTML 2Page - List of Unclassifed Manufacturers VLR-06V Datasheet HTML 3Page - List of Unclassifed Manufacturers VLR-06V Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
VL CONNECTOR
13
11
8.4
2.8
5.9
9.4
600V
2
20A
500
500
1,000
VLR-02V
* VLR-02VF (Without panel lock product)
VLR-03V
8.2
3
29.5
VLP-02V
VLP-02V-1
VLP-03V
VLP-03V-1
VLP-04V
VLS-02V
VLS-03V
600V
1
20A
500
500
* VLR-01VF (Without panel product)
VLP-01V
13
11
9.4
2.8
9.2
3
29.5
9.4
7.3
VLS-01V
1,000
8.4
5.2
11
13
13
11
8.4
2.8
8.2
3
29.5
5.9
9.4
600V
3
19A
500
500
1,000
500
600V
4
18A
500
1,000
500
500
1,000
VLR-04V
* VLR-04VF (Without panel lock product)
VLS-02V
VLR-04VN
VLS-08V
VLP-04V-1
VLP-04VN-1
L JST
3
29.5
15
L JST
13
11
2.8
15.4
5.9
9.4
5.9
9.4
8.4
5.2
11
13
L JST
5.2
11
15.4
13
8.4
5.2
11
13
8.2
3
29.5
8.2
29.5
3
29.5
15
3
L JST
Retainer
Current
rating
Voltage
rating
Circuits
Receptacle housing (for pin contact)
Plug housing (for socket contact)
Q'ty /
bag
Q'ty /
bag
Q'ty /
bag
Q'ty /
bag
Q'ty /
bag
Q'ty /
bag
Q'ty /
bag
Q'ty /
bag
Q'ty /
bag
Q'ty /
bag
Q'ty /
bag
Q'ty /
bag
Q'ty /
bag
Q'ty /
bag
Q'ty /
bag
(commonly used for
2-circuit housing and
4-circuit housing)
(commonly used for
3-circuit housing and
6-circuit housing)
(commonly used for
4-circuit housing and
8-circuit housing)
Material: Housing...PA 66, UL94V-0, white
Retainer...Glass-filled PA 66, UL94V-0, ivory
RoHS compliance
Note: 1. Contact JST for special products.
2. *Marked products are not TÜV approved.
Housing


Similar Part No. - VLR-06V

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
VLR170F MACOM-VLR170F Datasheet
570Kb / 18P
   PolySwitch??Resettable Device Short Form Catalog
VLR170F MACOM-VLR170F Datasheet
218Kb / 16P
   PolySwitch Resettable Devices Strap Battery Devices
logo
Littelfuse
VLR170F LITTELFUSE-VLR170F Datasheet
619Kb / 14P
   POLYSWITCH RESETTABLE DEVICES Strap Battery Devices
2016
logo
Tyco Electronics
VLR170L MACOM-VLR170L Datasheet
570Kb / 18P
   PolySwitch??Resettable Device Short Form Catalog
VLR170LF MACOM-VLR170LF Datasheet
218Kb / 16P
   PolySwitch Resettable Devices Strap Battery Devices
More results

Similar Description - VLR-06V

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
SLM JST-SLM Datasheet
1Mb / 6P
   6.2mm pitch disconnectable crimp style wire-to-wire connectors
logo
List of Unclassifed Man...
SYR-02T ETC1-SYR-02T Datasheet
38Kb / 2P
   Disconnectable Crimp style Wire-to-wire connectors
SZM-41T-P0.7 ETC1-SZM-41T-P0.7 Datasheet
137Kb / 5P
   Disconnectable Crimp style Wire-to-wire connectors
logo
JST Mfg. Co., Ltd.
RWZ JST-RWZ Datasheet
125Kb / 3P
   Disconnectable Crimp style Wire-to wire connectors
RWM JST-RWM Datasheet
279Kb / 5P
   Disconnectable crimp style Wire-to-wire connectors
logo
List of Unclassifed Man...
B12P-VL ETC2-B12P-VL Datasheet
232Kb / 5P
   6.2mm pitch/Disconnectable Crimp style connectors
B04P-VL ETC2-B04P-VL Datasheet
232Kb / 5P
   6.2mm pitch/Disconnectable Crimp style connectors
B06P-VL ETC2-B06P-VL Datasheet
232Kb / 5P
   6.2mm pitch/Disconnectable Crimp style connectors
J5FS-03V-KX ETC2-J5FS-03V-KX Datasheet
772Kb / 4P
   11.0mm pitch/Disconnectable Crimp style Wire-to-wire connectors
XARP-05V ETC2-XARP-05V Datasheet
153Kb / 3P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com