Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA3318CD Datasheet(PDF) 3 Page - Intersil Corporation

Part # CA3318CD
Description  CMOS Video Speed, 8-Bit, Flash A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3318CD Datasheet(HTML) 3 Page - Intersil Corporation

  CA3318CD Datasheet HTML 1Page - Intersil Corporation CA3318CD Datasheet HTML 2Page - Intersil Corporation CA3318CD Datasheet HTML 3Page - Intersil Corporation CA3318CD Datasheet HTML 4Page - Intersil Corporation CA3318CD Datasheet HTML 5Page - Intersil Corporation CA3318CD Datasheet HTML 6Page - Intersil Corporation CA3318CD Datasheet HTML 7Page - Intersil Corporation CA3318CD Datasheet HTML 8Page - Intersil Corporation CA3318CD Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
4-11
Absolute Maximum Ratings
Thermal Information
DC Supply Voltage Range (VDD or VAA+) . . . . . . . . . . -0.5V to +8V
(Referenced to VSS or VAA- Terminal, Whichever is More Negative)
Input Voltage Range
CE2 and CE1 . . . . . . . . . . . . . . . . . . . . VAA- -0.5V to VDD + 0.5V
Clock, Phase, VREF -,
1/
2 Ref . . . . . . . VAA- -0.5V to VAA+ + 0.5V
Clock, Phase, VREF -,
1/
4 Ref . . . . . . . . VSS- -0.5V to VDD + 0.5V
VIN,
3/
4 REF, VREF+ . . . . . . . . . . . . . . VAA- -0.5V to VAA- + 7.5V
Output Voltage Range, . . . . . . . . . . . . . . . VSS - 0.5V to VDD + 0.5V
Bits 1-8, Overflow (Outputs Off)
DC Input Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±20mA
Clock, Phase, CE1, CE2, VIN, Bits 1-8, Overflow
Operating Conditions
Operating Voltage Range (VDD or VAA+) . . . 4V (Min) to 7.5V (Max)
Recommended VAA+ Operating Range . . . . . . . . . . . . . . . VDD ±1V
Recommended VAA- Operating Range . . . . . . . . . . . . . . . VSS ±1V
Operating Temperature Range (TA) . . . . . . . . . . . . . . -40
oC to 85oC
Thermal Resistance (Typical, Note 1)
θJA (oC/W) θJC (oC/W)
SBDIP Package . . . . . . . . . . . . . . . . . . . .
60
22
PDIP Package . . . . . . . . . . . . . . . . . . . . .
60
N/A
SOIC Package . . . . . . . . . . . . . . . . . . . . .
75
N/A
Maximum Junction Temperature
Ceramic Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 175oC
Plastic Packages . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . .-65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 265oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
At 25oC, VAA+ = VDD = 5V, VREF+ = 6.4V, VREF - = VAA- = VSS, CLK = 15MHz,
All Reference Points Adjusted, Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
SYSTEM PERFORMANCE
Resolution
8
-
-
Bits
Integral Linearity Error
-
-
± 1.5
LSB
Differential Linearity Error
-
-
+1, -0.8
LSB
Offset Error, Unadjusted
VIN = VREF- +
1/
2 LSB
-0.5
4.5
6.4
LSB
Gain Error Unadjusted
VIN = VREF+ -
1/
2 LSB
-1.5
0
1.5
LSB
DYNAMIC CHARACTERISTICS
Maximum Input Bandwidth
(Note 1) CA3318
2.5
5.0
-
MHz
Maximum Conversion Speed
CLK = Square Wave
15
17
-
MSPS
Signal to Noise Ratio (SNR)
fS = 15MHz, fIN = 100kHz
-
47
-
dB
fS = 15MHz, fIN = 4MHz
-
43
-
dB
Signal to Noise Ratio (SINAD)
fS = 15MHz, fIN = 100kHz
-
45
-
dB
fS = 15MHz, fIN = 4MHz
-
35
-
dB
Total Harmonic Distortion, THD
fS = 15MHz, fIN = 100kHz
-
-46
-
dBc
fS = 15MHz, fIN = 4MHz
-
-36
-
dBc
Effective Number of Bits (ENOB)
fS = 15MHz, fIN = 100kHz
-
7.2
-
Bits
fS = 15MHz, fIN = 4MHz
-
5.5
-
Bits
Differential Gain Error
Unadjusted
-
2
-
%
Differential Phase Error
Unadjusted
-
1
-
%
ANALOG INPUTS
Full Scale Range, VIN and (VREF+) - (VREF-)
Notes 2, 4
4
-
7
V
Input Capacitance, VIN
-30-
pF
Input Current, VIN, (See Text)
VIN = 5V, VREF+ = 5V
-
-
3.5
mA
REFERENCE INPUTS
Ladder Impedance
270
500
800
=
RMSSignal
RMSNoise
--------------------------------
=
RMSSignal
RMSNoise+Distortion
------------------------------------------------------------
CA3318


Similar Part No. - CA3318CD

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3318CD INTERSIL-CA3318CD Datasheet
282Kb / 12P
   CMOS Video Speed, 8-Bit, Flash A/D Converter
More results

Similar Description - CA3318CD

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3318 INTERSIL-CA3318_02 Datasheet
282Kb / 12P
   CMOS Video Speed, 8-Bit, Flash A/D Converter
logo
Murata Power Solutions ...
ADC-301 MURATA-PS-ADC-301 Datasheet
1Mb / 4P
   8-Bit Video Flash A/D Converter
logo
Sony Corporation
CXD1175AM SONY-CXD1175AM Datasheet
302Kb / 20P
   8-bit 20MSPS Video A/D Converter (CMOS)
logo
Aimtron Technology
AT1175 AIMTRON-AT1175 Datasheet
223Kb / 6P
   8-BIT 20MSPS CMOS VIDEO A/D CONVERTER
logo
ELAN Microelectronics C...
EM19100 EMC-EM19100 Datasheet
104Kb / 6P
   8-BIT 20 MSPS VIDEO A/D CONVERTER (CMOS)
logo
Nippon Precision Circui...
SM6102P NPC-SM6102P Datasheet
189Kb / 6P
   8-bit, Flash A/D Converter
logo
Hitachi Semiconductor
HA19510 HITACHI-HA19510 Datasheet
286Kb / 7P
   HIGH- SPEED, LOW-POWER 8-BIT FLASH D/A CONVERTER
HA19211BP HITACHI-HA19211BP Datasheet
375Kb / 11P
   HIGH SPEED LOW POWER 8 BIT A/D FLASH CONVERTER
logo
Analog Devices
AD9048 AD-AD9048 Datasheet
109Kb / 8P
   Monolithic 8-Bit Video A/D Converter
REV. C
logo
List of Unclassifed Man...
AH8308EC ETC1-AH8308EC Datasheet
209Kb / 3P
   8-Bit RGB video d/a converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com