Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBMB150E6 Datasheet(PDF) 3 Page - National Instruments Corporation

Part # PBMB150E6
Description  150A, 600V
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

PBMB150E6 Datasheet(HTML) 3 Page - National Instruments Corporation

  PBMB150E6_15 Datasheet HTML 1Page - National Instruments Corporation PBMB150E6_15 Datasheet HTML 2Page - National Instruments Corporation PBMB150E6_15 Datasheet HTML 3Page - National Instruments Corporation PBMB150E6_15 Datasheet HTML 4Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
QS043-402-(4/5)
00
日本インター株式会社
PBMB150E6
0
50
100
150
200
250
0
0.2
0.4
0.6
0.8
1
Collector Current IC (A)
Fig.7- Collector Current vs. Switching Time (Typical)
tOFF
tf
tr(V
CE)
tON
VCC=300V
RG=5.1
VGE=±15V
TC=25°C
Resistive Load
3
10
30
100
0.02
0.05
0.1
0.2
0.5
1
2
5
10
Series Gate Impedance RG ( )
Fig.8- Series Gate Impedance vs. Switching Time (Typical)
VCC=300V
IC=150A
VGE=±15V
TC=25°C
Resistive Load
tf
tr(V
CE)
ton
toff
3
10
30
100
0.02
0.05
0.1
0.2
0.5
1
2
5
10
Series Gate Impedance RG ( )
Fig.10- Series Gate Impedance vs. Switching Time
VCC=300V
IC=150A
VGE=±15V
TC=125°C
Inductive Load
tf
tr(I
C)
ton
toff
0
50
100
150
200
250
0
4
8
12
16
Collector Current IC (A)
Fig.11- Collector Current vs. Switching Loss
EOFF
EON
VCC=300V
RG=5.1
VGE=±15V
TC=125°C
Inductive Load
ERR
3
10
30
100
1
3
10
30
100
300
Series Gate Impedance RG ( )
Fig.12- Series Gate Impedance vs. Switching Loss
EOFF
EON
VCC=300V
IC=150A
VGE=±15V
TC=125°C
Inductive Load
ERR
0
50
100
150
200
250
0.001
0.01
0.1
1
10
Collector Current IC (A)
Fig.9- Collector Current vs. Switching Time
tOFF
tf
tr(Ic)
tON
VCC=300V
RG=5.1
VGE=±15V
TC=125°C
Inductive Load


Similar Part No. - PBMB150E6_15

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PBMB150E6 NIEC-PBMB150E6 Datasheet
261Kb / 4P
   IGBT Module-H Bridge 150A, 600V
More results

Similar Description - PBMB150E6_15

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PCHMB200E6 NI-PCHMB200E6_15 Datasheet
262Kb / 4P
   150A, 600V
logo
Nihon Inter Electronics...
PDMB150A6 NIEC-PDMB150A6_1 Datasheet
161Kb / 4P
   150A 600V
PRHMB150A6 NIEC-PRHMB150A6_1 Datasheet
126Kb / 3P
   150A 600V
PDMB150E6 NIEC-PDMB150E6 Datasheet
346Kb / 4P
   150A 600V
logo
National Instruments Co...
PCHMB150E6 NI-PCHMB150E6_15 Datasheet
333Kb / 4P
   150A, 600V
logo
Nihon Inter Electronics...
PCHMB150A6 NIEC-PCHMB150A6_1 Datasheet
126Kb / 3P
   150A 600V
PRHMB150A6A NIEC-PRHMB150A6A_1 Datasheet
126Kb / 3P
   150A 600V
PCHMB150A6A NIEC-PCHMB150A6A_1 Datasheet
126Kb / 3P
   150A 600V
logo
MacMic
MMG150S060B6TC MACMIC-MMG150S060B6TC Datasheet
354Kb / 6P
   600V 150A IGBT Module
MMF150S060DA MACMIC-MMF150S060DA Datasheet
457Kb / 3P
   600V 150A FRED Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com