Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC2295-C-HF Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC2295-C-HF
Description  NPN Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC2295-C-HF Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC2295-C-HF Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SC2295-C-HF Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SC2295-C-HF Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
Typical Characterisitics
PC
I
a
T
C — VCE
IC — IB
IB — VBE
IC — VBE
VCE(sat) — IC
hFE — IC
fT — IE
Zrb — IE
0
4
1
0
60
20
80
120
40
100
0
250
200
150
100
50
225
175
125
75
25
Ambient temperature Ta (˚C)
8
1
0
6
12
0
12
10
8
6
4
2
Ta=25˚C
IB=100µA
80µA
60µA
40µA
20µA
Collector to emitter voltage VCE (V)
0
0
1
0
80
20
60
40
0
15.0
12.5
10.0
7.5
5.0
2.5
VCE=10V
Ta=25˚C
Base current IB (µA)
0
.
1
0
0.8
0.2
0.6
0.4
0
120
100
80
60
40
20
VCE=10V
Ta=25˚C
Base to emitter voltage VBE (V)
0
.
2
0
1.6
0.4
1.2
0.8
0
60
50
40
30
20
10
VCE=10V
Ta=75˚C
–25˚C
25˚C
Base to emitter voltage VBE (V)
0.1
1
10
100
0.3
3
30
0.01
0.03
0.1
0.3
1
3
10
30
100
IC/IB=10
Ta=75˚C
25˚C
–25˚C
Collector current IC (mA)
0.1
1
10
100
0.3
3
30
0
240
200
160
120
80
40
VCE=10V
Ta=75˚C
25˚C
–25˚C
Collector current IC (mA)
– 0.1
–1
–10
–100
– 0.3
–3
–30
0
400
300
100
250
350
200
50
150
VCB=10V
f=100MHz
Ta=25˚C
Emitter current IE (mA)
– 0.1
– 0.3
–1
–3
–10
0
60
50
40
30
20
10
VCB=10V
f=2MHz
Ta=25˚C
Emitter current IE (mA)
NPN Transistors
2SC2295-HF


Similar Part No. - 2SC2295-C-HF

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC2295-C KEXIN-2SC2295-C Datasheet
1Mb / 3P
   NPN Transistors
More results

Similar Description - 2SC2295-C-HF

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com