Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA3282AS1 Datasheet(PDF) 9 Page - Intersil Corporation

Part # CA3282AS1
Description  Octal Low Side Power Driver with Serial Bus Control
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3282AS1 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button CA3282AS1 Datasheet HTML 2Page - Intersil Corporation CA3282AS1 Datasheet HTML 3Page - Intersil Corporation CA3282AS1 Datasheet HTML 4Page - Intersil Corporation CA3282AS1 Datasheet HTML 5Page - Intersil Corporation CA3282AS1 Datasheet HTML 6Page - Intersil Corporation CA3282AS1 Datasheet HTML 7Page - Intersil Corporation CA3282AS1 Datasheet HTML 8Page - Intersil Corporation CA3282AS1 Datasheet HTML 9Page - Intersil Corporation CA3282AS1 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without notice.
Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reli-
able. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may
result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
CA3282
Single-In-Line Plastic Packages (SIP)
D
SEE TAB
DETAIL
E1
TERMINAL
#1
TERMINAL
N
E
A
L1
L
F
TYP ALL LEADS
TAB DETAIL
R1
-Y-
-Z-
3
e2
-X-
e1
e
B
0.010(0.25)
Z
X
M
M
Y M
0.024(0.61)
Z
M
C
E2
ØP
Ø 0.015(0.38)
Z
X
M
S
NOTES:
1. Refer to series symbol list, JEDEC Publication No. 95.
2. Dimensioning and Tolerancing per ANSI Y14.5M-1982.
3. N is the number of terminals.
4. Controlling dimension: INCH.
HL
H
H
H
H
H
H
H
H
L
L
L
L
L
L
L
e3
Z15.05A (JEDEC MO-048 AB ISSUE A)
15 LEAD PLASTIC SINGLE-IN-LINE PACKAGE STAGGERED
VERTICAL LEAD FORM
SYMBOL
INCHES
MILLIMETERS
MIN
MAX
MIN
MAX
A
0.172
0.182
4.37
4.62
B
0.024
0.031
0.61
0.79
C
0.014
0.024
0.36
0.61
D
0.778
0.798
19.76
20.27
E
0.684
0.694
17.37
17.63
E1
0.416
0.426
10.57
10.82
E2
0.110 BSC
2.79 BSC
e
0.050 BSC
1.27 BSC
e1
0.200 BSC
5.08 BSC
e2
0.169 BSC
4.29 BSC
e3
0.700 BSC
17.78 BSC
F
0.057
0.063
1.45
1.60
L
0.150
0.176
3.81
4.47
L1
0.690
0.710
17.53
18.03
N15
15
ØP
0.148
0.152
3.76
3.86
R1
0.065
0.080
1.65
2.03
Rev. 1 4/98


Similar Part No. - CA3282AS1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3280 INTERSIL-CA3280 Datasheet
286Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
September 1998
CA3280 INTERSIL-CA3280 Datasheet
393Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
logo
Renesas Technology Corp
CA3280 RENESAS-CA3280 Datasheet
644Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3280A INTERSIL-CA3280A Datasheet
286Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
September 1998
CA3280A INTERSIL-CA3280A Datasheet
393Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
More results

Similar Description - CA3282AS1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP0051 INTERSIL-HIP0051 Datasheet
31Kb / 5P
   0.25A/50V Octal Low Side Power Driver with Serial Bus Control
logo
Renesas Technology Corp
HIP0051 RENESAS-HIP0051 Datasheet
396Kb / 6P
   0.25A/50V Octal Low Side Power Driver with Serial Bus Control
June 1996
logo
Intersil Corporation
HIP0045 INTERSIL-HIP0045 Datasheet
93Kb / 10P
   1A/50V Octal Low Side Power Driver With Serial Bus Control and Fault Protection
logo
Renesas Technology Corp
HIP0045 RENESAS-HIP0045 Datasheet
595Kb / 10P
   1A/50V Octal Low Side Power Driver With Serial Bus Control and Fault Protection
Apr 1999
logo
Intersil Corporation
HIP0050 INTERSIL-HIP0050 Datasheet
45Kb / 7P
   0.3A/50V Octal Low Side Power Driver with Serial Bus Control and Over-Current Fault Flag
logo
Renesas Technology Corp
HIP0060 RENESAS-HIP0060 Datasheet
437Kb / 7P
   1.5A, 50V Quad Low Side Power Driver with Serial Bus Control and Fault Protection
July 1997
logo
Intersil Corporation
HIP0060 INTERSIL-HIP0060 Datasheet
50Kb / 7P
   1.5A, 50V Quad Low Side Power Driver with Serial Bus Control and Fault Protection
logo
Renesas Technology Corp
HIP0050 RENESAS-HIP0050 Datasheet
456Kb / 7P
   0.3A/50V Octal Low Side Power Driver withSerial Bus Control and Over-Current Fault Flag
December 1996
logo
NXP Semiconductors
TJA1010 PHILIPS-TJA1010 Datasheet
105Kb / 16P
   Octal Low Side Driver OLSD
1998 Feb 09
logo
ON Semiconductor
NCV7240 ONSEMI-NCV7240_16 Datasheet
233Kb / 27P
   Octal Low-Side Relay Driver
September, 2016 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com