Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V480LA80BP Datasheet(PDF) 2 Page - Littelfuse

Part # V480LA80BP
Description  LA Varistor Series
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V480LA80BP Datasheet(HTML) 2 Page - Littelfuse

  V480LA80BP Datasheet HTML 1Page - Littelfuse V480LA80BP Datasheet HTML 2Page - Littelfuse V480LA80BP Datasheet HTML 3Page - Littelfuse V480LA80BP Datasheet HTML 4Page - Littelfuse V480LA80BP Datasheet HTML 5Page - Littelfuse V480LA80BP Datasheet HTML 6Page - Littelfuse V480LA80BP Datasheet HTML 7Page - Littelfuse V480LA80BP Datasheet HTML 8Page - Littelfuse V480LA80BP Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
© 2014 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 11/12/14
Varistor Products
Radial Lead Varistors > LA Series
LA Series Ratings & Specifications
Part
Number
Branding
Model Size
Disc Dia.
(mm)
Maximum Rating (85°C)
Specifications (25°C)
Continuous
Transient
Varistor
Voltage at
1mA
DCTest
Current
Maximum
Clamping
Voltage
8 x 20
µs
Typical
Capaci-
tance
f =
1MHz
V
RMS
V
DC
Energy 10
x 1000
µs
Peak
Current 8
x 20
µs
V
M(AC)
V
M(DC)
W
TM
I
TM
V
NOM
Min
V
NOM
Max
V
C
I
PK
C
(V)
(V)
(J)
(A)
(V)
(V)
(V)
(A)
(pF)
V130LA1P
P1301
7
130
175
11
1200
198
242
390
10
180
V130LA2P
P1302
7
130
175
11
1200
184.5 225.5
340
10
180
V130LA5P
P1305
10
130
175
20
2500
184.5 225.5
340
25
450
V130LA10AP
P130L10
14
130
175
38
4500
184.5 225.5
340
50
1000
V130LA20AP
P130L20
20
130
175
70
6500
184.5 225.5
340
100
1900
V130LA20BP
P130L20B
20
130
175
70
6500
190
220
325
100
1900
V140LA2P
P1402
7
140
180
12
1200
198
242
360
10
160
V140LA5P
P1405
10
140
180
22
2500
198
242
360
25
400
V140LA10AP
P140L10
14
140
180
42
4500
198
242
360
50
900
V140LA20AP
P140L20
20
140
180
75
6500
198
242
340
100
1750
V150LA1P
P1501
7
150
200
13
1200
225
275
430
10
150
V150LA2P
P1502
7
150
200
13
1200
216
264
395
10
150
V150LA5P
P1505
10
150
200
25
2500
216
264
395
25
360
V150LA10AP
P150L10
14
150
200
45
4500
216
264
395
50
800
V150LA20AP
P150L20
20
150
200
80
6500
216
264
395
100
1600
V150LA20BP
P150L20B
20
150
200
80
6500
216
243
360
100
1600
V175LA2P
P1752
7
175
225
15
1200
243
297
455
10
130
V175LA5P
P1755
10
175
225
30
2500
243
297
455
25
350
V175LA10AP
P175L10
14
175
225
55
4500
243
297
455
50
700
V175LA20AP
P175L20
20
175
225
90
6500
243
297
455
100
1400
V230LA4P
P2304
7
230
300
20
1200
324
396
595
10
100
V230LA10P
P230L
10
230
300
35
2500
324
396
595
25
250
V230LA20AP
P230L20
14
230
300
70
4500
324
396
595
50
550
V230LA40AP
P230L40
20
230
300
122
6500
324
396
595
100
1100
V250LA2P
P2502
7
250
330
21
1200
369
451
730
10
90
V250LA4P
P2504
7
250
330
21
1200
351
429
650
10
90
V250LA10P
P250L
10
250
330
40
2500
351
429
650
25
220
V250LA20AP
P250L20
14
250
330
72
4500
351
429
650
50
500
V250LA40AP
P250L40
20
250
330
130
6500
351
429
650
100
1000
V250LA40BP
P250L40B
20
250
330
130
6500
354
413
620
100
1000
V275LA2P
P2752
7
275
369
23
1200
405
495
775
10
80
V275LA4P
P2754
7
275
369
23
1200
387
473
710
10
80
V275LA10P
P275L
10
275
369
45
2500
387
473
710
25
200
V275LA20AP
P275L20
14
275
369
75
4500
387
473
710
50
450
V275LA40AP
P275L40
20
275
369
140
6500
387
473
710
100
900
V275LA40BP
P275L40B
20
275
369
140
6500
389
453
680
100
900
V300LA2P
P3002
7
300
405
25
1200
441
539
870
10
70
V300LA4P
P3004
7
300
405
25
1200
423
517
775
10
70
V300LA10P
P300L
10
300
405
46
2500
423
517
775
25
180
V300LA20AP
P300L20
14
300
405
77
4500
423
517
775
50
400
V300LA40AP
P300L40
20
300
405
165
6500
423
517
775
100
800
V320LA7P
P3207
7
320
420
25
1200
459
561
850
10
65
V320LA10P
P320L
10
320
420
48
2500
459
561
850
25
170
V320LA20AP
P320L20
14
320
420
80
4500
459
561
850
50
380
V320LA40BP
P320L40
20
320
420
150
6500
462
540
810
100
750
V385LA7P
P3857
7
385
505
27
1200
558
682
1025
10
60


Similar Part No. - V480LA80BP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V480LA80BP LITTELFUSE-V480LA80BP Datasheet
984Kb / 11P
   Varistor Products - Line Voltage Operation, Radial Lead
V480LA80BP LITTELFUSE-V480LA80BP Datasheet
833Kb / 13P
   Radial Lead Varistors
V480LA80BP LITTELFUSE-V480LA80BP Datasheet
1Mb / 13P
   LA Varistor Series
V480LA80BP LITTELFUSE-V480LA80BP Datasheet
1Mb / 13P
   LA Varistor Series
V480LA80BP LITTELFUSE-V480LA80BP Datasheet
1Mb / 13P
   Radial Lead Varistors LA Series
More results

Similar Description - V480LA80BP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V275LS20AP LITTELFUSE-V275LS20AP Datasheet
1Mb / 13P
   LA Varistor Series
V130LA1P LITTELFUSE-V130LA1P_12 Datasheet
1Mb / 13P
   LA Varistor Series
V320LT7P LITTELFUSE-V320LT7P Datasheet
1Mb / 13P
   LA Varistor Series
V420LS40BP LITTELFUSE-V420LS40BP Datasheet
1Mb / 13P
   LA Varistor Series
V275LT4P LITTELFUSE-V275LT4P Datasheet
1Mb / 13P
   Varistor Products Radial Lead Varistors > LA Series
V510LS40AP LITTELFUSE-V510LS40AP Datasheet
1Mb / 13P
   Varistor Products Radial Lead Varistors > LA Series
logo
RAYEX ELECTRONICS CO., ...
LA-12FW RAYEX-LA-12FW Datasheet
666Kb / 2P
   LA SERIES
logo
Littelfuse
V47ZS1P LITTELFUSE-V47ZS1P Datasheet
1Mb / 14P
   ZA Varistor Series
V5.5MLA0603H LITTELFUSE-V5.5MLA0603H Datasheet
875Kb / 8P
   MLA Varistor Series
V82ZT2 LITTELFUSE-V82ZT2 Datasheet
1Mb / 14P
   ZA Varistor Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com