Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA3292AM Datasheet(PDF) 2 Page - Intersil Corporation

Part # CA3292AM
Description  Quad-Gated Inverting Power Drivers with Fault Mode Diagnostic Flag Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3292AM Datasheet(HTML) 2 Page - Intersil Corporation

  CA3292AM Datasheet HTML 1Page - Intersil Corporation CA3292AM Datasheet HTML 2Page - Intersil Corporation CA3292AM Datasheet HTML 3Page - Intersil Corporation CA3292AM Datasheet HTML 4Page - Intersil Corporation CA3292AM Datasheet HTML 5Page - Intersil Corporation CA3292AM Datasheet HTML 6Page - Intersil Corporation CA3292AM Datasheet HTML 7Page - Intersil Corporation CA3292AM Datasheet HTML 8Page - Intersil Corporation CA3292AM Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Block Diagram of the CA3272A
Block Diagram of the CA3292A
(1 of 4 Outputs Shown with Expanded Fault Logic)
NOTE: The CA3292A is identical to the CA3272A except for the
collector-to-base Zener diode on each low side power output driver
(shown here as ZA). The Zener diode clamp is used as an over-
voltage clamp to protect the output when switching inductive loads.
When the output voltage exceeds the Zener threshold, QA conducts
to suppress further increase in output voltage. The fault sense and
fault flag logic circuits are the same in the CA3272A and CA3292A.
F
TLIM
ILIM
OUT A
QA
0.02
F
TLIM
ILIM
OUT D
FAULT
IN A
IN B
IN C
IN D
ENABLE
VCC
QD
0.02
F
TLIM
ILIM
OUT C
QC
0.02
F
TLIM
ILIM
OUT B
QB
0.02
TRUTH TABLE
ENABLE
IN
OUT
HH
L
HLH
LX
H
H = High, L = Low, X = Don’t Care
ILIM
TLIM
FAULT INPUT
FROM B, C, D
FAULT
FLAG LOGIC
FAULT SENSE
CHANNEL A
4V
ZA
QA
OUT A
FAULT
QF
0.02
CHANNEL A
1 OF 4
OUTPUTS
IN A
ENABLE
ENABLE LINE
TO B, C AND D
INPUTS AND
FAULT OUTPUT
CHANNELS
CA3272A, CA3292A


Similar Part No. - CA3292AM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3290 INTERSIL-CA3290 Datasheet
347Kb / 8P
   BiMOS Dual Voltage Comparators with MOSFET Input, Bipolar Output
September 1998
CA3290 INTERSIL-CA3290 Datasheet
497Kb / 10P
   BiMOS Dual Voltage Comparators with MOSFET Input, Bipolar Output
CA3290A INTERSIL-CA3290A Datasheet
347Kb / 8P
   BiMOS Dual Voltage Comparators with MOSFET Input, Bipolar Output
September 1998
CA3290A INTERSIL-CA3290A Datasheet
497Kb / 10P
   BiMOS Dual Voltage Comparators with MOSFET Input, Bipolar Output
CA3290AE INTERSIL-CA3290AE Datasheet
347Kb / 8P
   BiMOS Dual Voltage Comparators with MOSFET Input, Bipolar Output
September 1998
More results

Similar Description - CA3292AM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3262A INTERSIL-CA3262A Datasheet
72Kb / 9P
   Quad-Gated, Inverting Power Drivers
August 1997
logo
Renesas Technology Corp
HIP0080 RENESAS-HIP0080 Datasheet
750Kb / 14P
   Quad Inverting Power Drivers with Serial Diagnostic Interface
November 2000
logo
Intersil Corporation
HIP0080 INTERSIL-HIP0080_00 Datasheet
147Kb / 14P
   Quad Inverting Power Drivers with Serial Diagnostic Interface
HIP0080 INTERSIL-HIP0080 Datasheet
115Kb / 15P
   Quad Inverting Power Drivers with Serial Diagnostic Interface
CA3252 INTERSIL-CA3252 Datasheet
53Kb / 6P
   Quad Gated Non-Inverting Power Driver
March 1998
logo
Renesas Technology Corp
HIP0082 RENESAS-HIP0082 Datasheet
1Mb / 11P
   Quad Power Drivers with Serial Diagnostic Interface
Features
logo
Intersil Corporation
HIP0082 INTERSIL-HIP0082 Datasheet
90Kb / 12P
   Quad Power Drivers with Serial Diagnostic Interface
logo
Sanken electric
SPF5047 SANKEN-SPF5047 Datasheet
469Kb / 15P
   Fault Flag Reporting
logo
Diodes Incorporated
AL8863 DIODES-AL8863 Datasheet
467Kb / 13P
   60V BUCK LED CONTROLLER WITH FAULT FLAG
August 2019
logo
Microsemi Corporation
SG1548 MICROSEMI-SG1548 Datasheet
52Kb / 4P
   QUAD POWER FAULT MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com