Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KL732ATTE18N Datasheet(PDF) 2 Page - KOA Speer Electronics, Inc.

Part # KL732ATTE18N
Description  Excellent for high frequency applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

KL732ATTE18N Datasheet(HTML) 2 Page - KOA Speer Electronics, Inc.

  KL732ATTE18N Datasheet HTML 1Page - KOA Speer Electronics, Inc. KL732ATTE18N Datasheet HTML 2Page - KOA Speer Electronics, Inc. KL732ATTE18N Datasheet HTML 3Page - KOA Speer Electronics, Inc. KL732ATTE18N Datasheet HTML 4Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KL73
thin film inductor
applications and ratings
For complete environmental specifications, please refer to www.koaspeer.com
Part
Designation
Nominal
Inductance
(nH)
DC
Resistance
Maximum
(Ω)
Allowable
DCCurrent
Maximum
(mA)
SelfResonant
Frequency
Minimum
(MHz)
Quality
Factor
Minimum
Measured
Frequency
(MHz)**
Inductance
Tolerance
250
200
150
120
100
0.50
1.0
4000
3000
25
10
2500
2000
1500
1.50
2.50
4.00
4.50
1000
600
200
5.6
KL731JTTE5N6*
6.8
KL731JTTE6N8*
8.2
KL731JTTE8N2*
10
KL731JTTE10N*
12
KL731JTTE12N*
15
KL731JTTE15N*
18
KL731JTTE18N*
22
KL731JTTE22N*
27
KL731JTTE27N*
33
KL731JTTE33N*
39
KL731JTTE39N*
47
KL731JTTE47N*
56
KL731JTTE56N*
68
KL731JTTE68N*
G: ±2%
J: ±5%
* Add tolerance character (B, C, G, J)
** The operating temperature range of the coil (ambient temperature + self heating) must remain at +125°C or less
C: ±0.2nH
7
10
15
0.10
650
450
350
20
4000
3000
2500
2000
1500
1000
13000
10000
8000
0.15
0.25
6000
5000
1.00
1.50
2.00
3.00
5.00
150
200
500
200
250
300
350
450
5.6
KL731ETTP5N6*
6.8
KL731ETTP6N8*
8.2
KL731ETTP8N2*
10
KL731ETTP10N*
12
KL731ETTP12N*
15
KL731ETTP15N*
18
KL731ETTP18N*
22
KL731ETTP22N*
27
KL731ETTP27N*
33
KL731ETTP33N*
1.0
KL731JTTE1N0*
1.2
KL731JTTE1N2*
1.5
KL731JTTE1N5*
1.8
KL731JTTE1N8*
2.2
KL731JTTE2N2*
2.7
KL731JTTE2N7*
3.3
KL731JTTE3N3*
3.9
KL731JTTE3N9*
4.7
KL731JTTE4N7*
G: ±2%
J: ±5%
0.56
KL731ETTPN56B
0.68
B: ±0.1nH
B: ±0.1nH
C: ±0.2nH
7
10
14000
12000
10000
8000
6000
0.10
0.15
0.20
0.25
0.30
0.50
500
500
550
650
700
KL731ETTPN68B
0.82
1.0
KL731ETTPN82B
KL731ETTP1N0*
1.2
KL731ETTP1N2*
1.5
KL731ETTP1N5*
1.8
KL731ETTP1N8*
2.2
KL731ETTP2N2*
2.7
KL731ETTP2N7*
3.3
KL731ETTP3N3*
3.9
KL731ETTP3N9*
4.7
KL731ETTP4N7*
600
5000
219
KOASpeerElectronics,Inc. • 199BolivarDrive • Bradford,PA16701 • USA • 814-362-5536 • Fax:814-362-8883 • www.koaspeer.com
Specificationsgivenhereinmaybechangedatanytimewithoutpriornotice.Pleaseconfirmtechnicalspecificationsbeforeyouorderand/oruse.
12/01/14


Similar Part No. - KL732ATTE18N

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KL732ATTE18N KOA-KL732ATTE18N Datasheet
133Kb / 4P
   thin film inductor
KL732ATTE18N KOA-KL732ATTE18N Datasheet
114Kb / 7P
   Thin Film Chip Inductors
KL732ATTE18N KOA-KL732ATTE18N Datasheet
130Kb / 9P
   Thin Film Chip Inductors
More results

Similar Description - KL732ATTE18N

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCEC1708 ALLIED-PCEC1708 Datasheet
2Mb / 2P
   Excellent for High Current Applications
logo
MERITEK ELECTRONICS COR...
MPTS MERITEK-MPTS Datasheet
1Mb / 16P
   Excellent for high density applications
logo
TT Electronics.
PFC-A TTELEC-PFC-A Datasheet
351Kb / 2P
   Excellent high frequency characteristics
CHC TTELEC-CHC Datasheet
1Mb / 4P
   Excellent high frequency performance
logo
MERITEK ELECTRONICS COR...
TMPP-FMPP MERITEK-TMPP-FMPP Datasheet
219Kb / 1P
   Low dissipation factor (DF), excellent for high frequency
logo
ALPS ELECTRIC CO.,LTD.
SCTA-B ALPS-SCTA-B Datasheet
1Mb / 1P
   Ideal for RF antennas requiring excellent high-frequency performance
logo
Taiyo Yuden (U.S.A.), I...
TVS042CG6R3DC-W TAIYO-YUDEN-TVS042CG6R3DC-W Datasheet
143Kb / 1P
   Ceramic Capacitors for High Frequency Applications
logo
Vishay Siliconix
SI9117 VISHAY-SI9117 Datasheet
132Kb / 15P
   High-Frequency Converter for Telecom Applications
Rev. E, 19-Apr-04
logo
Littelfuse
PESD0402-240 LITTELFUSE-PESD0402-240 Datasheet
811Kb / 9P
   ESD protection for high frequency applications
SXX15L LITTELFUSE-SXX15L Datasheet
988Kb / 8P
   Excellent unidirectional switches for phase control applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com