Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA3272AQ Datasheet(PDF) 3 Page - Intersil Corporation

Part # CA3272AQ
Description  Quad-Gated Inverting Power Drivers with Fault Mode Diagnostic Flag Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3272AQ Datasheet(HTML) 3 Page - Intersil Corporation

  CA3272AQ Datasheet HTML 1Page - Intersil Corporation CA3272AQ Datasheet HTML 2Page - Intersil Corporation CA3272AQ Datasheet HTML 3Page - Intersil Corporation CA3272AQ Datasheet HTML 4Page - Intersil Corporation CA3272AQ Datasheet HTML 5Page - Intersil Corporation CA3272AQ Datasheet HTML 6Page - Intersil Corporation CA3272AQ Datasheet HTML 7Page - Intersil Corporation CA3272AQ Datasheet HTML 8Page - Intersil Corporation CA3272AQ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Absolute Maximum Ratings
Thermal Information
Output Voltage, VO (CA3272A) . . . . . . . . . . . . . . . . . . . . . . . . +60V
Output Sustaining Voltage, VCE(SUS) (CA3272A) . . . . . . . . . . . 40V
Output Voltage, VO (CA3292A) . . . . . . . . . . . . . . . . . . . . . VCLAMP
Maximum Output Clamp Energy (CA3292A) . . . . . . . . . . . (Note 8)
Output Transient Current, (Note 1) . . . . . . . . . . . . . . . . . . 1.6A Max.
Output Load Current, (Note 2) . . . . . . . . . . . . . . . . . . . . . . . . . . 0.7A
Supply Voltage, VCC. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +7V
Logic Input Voltage, VIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15V
FAULT Output Voltage, VF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16V
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 125oC
Thermal Resistance (Typical, Note 3)
θ
JA (
oC/W)
For surface mount without added copper ground area:
CA3272AQ, CA3292AQ (PLCC) . . . . . . . . . . . . . . 45oC/W
CA3272AM, CA3292AM (SOIC). . . . . . . . . . . . . . . 56oC/W
For surface mount with 2 sq. in. of added copper ground area:
CA3272AQ, CA3292AQ (PLCC) . . . . . . . . . . . . . . 36oC/W
CA3272AM, CA3292AM (SOIC). . . . . . . . . . . . . . . 35oC/W
See Maximum Power Dissipation vs Temperature Curves,
Figures 6 and 7.
Maximum Junction Temperature (Plastic Packages) . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . .-65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
(SOIC, PLCC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Electrical Specifications
TA = -40
oC to 125oC, V
CC = 5.5V, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
OUTPUT PARAMETERS
Output (OFF) Current
ICEX
VIN = 0.8V; VEN = 5.5V; (Note 4)
VCE = 60V for CA3272A
VCE = 24V for CA3292A
-
30
100
µA
Output Sustaining Voltage: CA3272A
VCE(SUS)
Note 7
40
-
-
V
Output Clamp Voltage: CA3292A
VCLAMP
IC = 300µA; VEN = 0.8V
28
32
36
V
Collector-to-Emitter Saturation Voltage
VCE(SAT)
VIN = 2V, VCC = 4.75V,
IC = 400mA, TA = 125
oC
-
-
0.3
V
IC = 500mA, TA = 25
oC
-
-
0.4
V
IC = 600mA, TA = -40
oC
-
-
0.5
V
LOGIC INPUT THRESHOLDS
Input Low Voltage
VIL
VCC = 3.5V
-
-
0.8
V
Input High Voltage
VIH
2-
-
V
Input Low Current
IIL
VIN = VEN = 0.8V; VCC = 4.75V
10
45
70
µA
Input High Current
IIH
VIN = VEN = 5.5V
10
45
70
µA
SUPPLY CURRENT
All Outputs ON
ICC(ON)
VIN = VEN = 5.5V; IOUTA = IOUTB =
IOUTC = IOUTD = 400mA
-
-
65
mA
All Outputs OFF
ICC(OFF)
VIN = 0V
-
-
10
mA
PROPAGATION DELAY
Turn-ON Delay
tPHL
ILOAD = 500mA
-
3
10
µs
Turn-OFF Delay
tPLH
ILOAD = 500mA
-
3
10
µs
FAULT PARAMETERS
Output Low Current, IF(SINK)
(with Fault)
IOL
VIN = 0.8V; VEN = 2.0V; VF = 4V
VOUT = Low = 1V; (Note 5)
124
mA
Output High Current, IF(LK)
IOH
No Fault (Note 5)
-
-
20
µA
Output Low Voltage
VOL
External Load Equal Min. IOL
-
0.2
0.4
V
Output Driver Fault Sense, High
Threshold (Open)
VHTHD
VIN = 0.8V; VEN = 2V (Note 6)
3
4
5.5
V
CA3272A, CA3292A


Similar Part No. - CA3272AQ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3273 INTERSIL-CA3273 Datasheet
24Kb / 4P
   High-Side Driver
April 1994
CA3274 INTERSIL-CA3274 Datasheet
27Kb / 5P
   Current Limiting Power Switch with Current Limiter Sense Flag
April 1994
CA3274E INTERSIL-CA3274E Datasheet
27Kb / 5P
   Current Limiting Power Switch with Current Limiter Sense Flag
April 1994
CA3275 INTERSIL-CA3275 Datasheet
37Kb / 5P
   Dual Full Bridge Driver
April 1994
CA3275E INTERSIL-CA3275E Datasheet
37Kb / 5P
   Dual Full Bridge Driver
April 1994
More results

Similar Description - CA3272AQ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3262A INTERSIL-CA3262A Datasheet
72Kb / 9P
   Quad-Gated, Inverting Power Drivers
August 1997
logo
Renesas Technology Corp
HIP0080 RENESAS-HIP0080 Datasheet
750Kb / 14P
   Quad Inverting Power Drivers with Serial Diagnostic Interface
November 2000
logo
Intersil Corporation
HIP0080 INTERSIL-HIP0080_00 Datasheet
147Kb / 14P
   Quad Inverting Power Drivers with Serial Diagnostic Interface
HIP0080 INTERSIL-HIP0080 Datasheet
115Kb / 15P
   Quad Inverting Power Drivers with Serial Diagnostic Interface
CA3252 INTERSIL-CA3252 Datasheet
53Kb / 6P
   Quad Gated Non-Inverting Power Driver
March 1998
logo
Renesas Technology Corp
HIP0082 RENESAS-HIP0082 Datasheet
1Mb / 11P
   Quad Power Drivers with Serial Diagnostic Interface
Features
logo
Intersil Corporation
HIP0082 INTERSIL-HIP0082 Datasheet
90Kb / 12P
   Quad Power Drivers with Serial Diagnostic Interface
logo
Sanken electric
SPF5047 SANKEN-SPF5047 Datasheet
469Kb / 15P
   Fault Flag Reporting
logo
Diodes Incorporated
AL8863 DIODES-AL8863 Datasheet
467Kb / 13P
   60V BUCK LED CONTROLLER WITH FAULT FLAG
August 2019
logo
Microsemi Corporation
SG1548 MICROSEMI-SG1548 Datasheet
52Kb / 4P
   QUAD POWER FAULT MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com