Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V140LA5P Datasheet(PDF) 1 Page - Littelfuse

Part # V140LA5P
Description  LA Varistor Series
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V140LA5P Datasheet(HTML) 1 Page - Littelfuse

  V140LA5P Datasheet HTML 1Page - Littelfuse V140LA5P Datasheet HTML 2Page - Littelfuse V140LA5P Datasheet HTML 3Page - Littelfuse V140LA5P Datasheet HTML 4Page - Littelfuse V140LA5P Datasheet HTML 5Page - Littelfuse V140LA5P Datasheet HTML 6Page - Littelfuse V140LA5P Datasheet HTML 7Page - Littelfuse V140LA5P Datasheet HTML 8Page - Littelfuse V140LA5P Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
© 2014 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 11/12/14
Varistor Products
Radial Lead Varistors > LA Series
Description
The LA Series of transient voltage surge suppressors are
radial leaded varistors (MOVs) that are designed to be
operated continuously across AC power lines. These UL
recognized varistors require very little mounting space,
and are offered in various standard lead form options.
The LA Series varistors are available in four model
sizes: 7mm, 10mm, 14mm and 20mm; and have a
V
M(AC)RMS voltage range from 130V to 1000V, and an
energy absorption capability up to 360J. Some LA Series
model numbers are available with clamping voltage
selections, designated by a model number suffix of
either A or B. The 'A' selection is the standard model;
the 'B' selection provides a lower clamping voltage.
See LA Series Device Ratings and Specifications
Table for part number and brand information.
Features
• Lead–free, Halogen-
Free and RoHS
compliant.
• Energy absorption
capability (W
TM)
up to 360J
• Wide operating
voltage range
V
M(AC)RMS 130V to 1000V
• No derating up to
85ºC ambient
• Available in tape and
reel or bulk pack
Agency Approvals
Absolute Maximum Ratings
• For ratings of individual members of a series, see Device Ratings and Specifications chart
Agency Approval
Agency File
Number
UL1449
E320116
CECC 42201-006
IEC 61051-1
IEC 61051-2
IEC 60950-1 (Annex Q) for 14mm and
20mm only
116895
CSA 2221 01
LR91788
CECC 42201-006
IEC 61051-1
IEC 61051-2
IEC 60950-1 (Annex Q) for 14mm and
20mm only
E1273/F
Continuous
LA Series
Units
Steady State Applied Voltage:
AC Voltage Range (V
M(AC)RMS)
130 to 1000
V
DC Voltage Range (V
M(DC))
175 to 1200
V
Transients:
Peak Pulse Current (I
TM)
For 8/20µs Current Wave (See Figure 2)
1200 to 6500
A
Single Pulse Energy Range
For 10/1000µs Current Wave (W
TM)
11 to 360
J
Operating Ambient Temperature Range (T
A)
-55 to +85
O
C
Storage Temperature Range (T
STG)
-55 to +125
O
C
Temperature Coefficient (aV) of Clamping Voltage (V
C) at Specified Test Current
<0.01
%/OC
Hi-Pot Encapsulation (COATING Isolation Voltage Capability)
(Dielectric must withstand indicated DC voltage for one minute per MIL-STD 202, Method 301)
2500
V
COATING Insulation Resistance
1000
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the device at these or
any other conditions above those indicated in the operational sections of this specification is not implied.
LA Varistor Series
RoHS
Additional Information
Datasheet
Samples
Resources


Similar Part No. - V140LA5P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V140LA5P LITTELFUSE-V140LA5P Datasheet
984Kb / 11P
   Varistor Products - Line Voltage Operation, Radial Lead
V140LA5P LITTELFUSE-V140LA5P Datasheet
833Kb / 13P
   Radial Lead Varistors
V140LA5P LITTELFUSE-V140LA5P Datasheet
1Mb / 13P
   LA Varistor Series
V140LA5P LITTELFUSE-V140LA5P Datasheet
1Mb / 13P
   LA Varistor Series
V140LA5P LITTELFUSE-V140LA5P Datasheet
1Mb / 13P
   Radial Lead Varistors LA Series
More results

Similar Description - V140LA5P

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V275LS20AP LITTELFUSE-V275LS20AP Datasheet
1Mb / 13P
   LA Varistor Series
V130LA1P LITTELFUSE-V130LA1P_12 Datasheet
1Mb / 13P
   LA Varistor Series
V320LT7P LITTELFUSE-V320LT7P Datasheet
1Mb / 13P
   LA Varistor Series
V420LS40BP LITTELFUSE-V420LS40BP Datasheet
1Mb / 13P
   LA Varistor Series
V275LT4P LITTELFUSE-V275LT4P Datasheet
1Mb / 13P
   Varistor Products Radial Lead Varistors > LA Series
V510LS40AP LITTELFUSE-V510LS40AP Datasheet
1Mb / 13P
   Varistor Products Radial Lead Varistors > LA Series
logo
RAYEX ELECTRONICS CO., ...
LA-12FW RAYEX-LA-12FW Datasheet
666Kb / 2P
   LA SERIES
logo
Littelfuse
V47ZS1P LITTELFUSE-V47ZS1P Datasheet
1Mb / 14P
   ZA Varistor Series
V5.5MLA0603H LITTELFUSE-V5.5MLA0603H Datasheet
875Kb / 8P
   MLA Varistor Series
V82ZT2 LITTELFUSE-V82ZT2 Datasheet
1Mb / 14P
   ZA Varistor Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com