Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KL732BTTE15N Datasheet(PDF) 3 Page - KOA Speer Electronics, Inc.

Part # KL732BTTE15N
Description  Excellent for high frequency applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

KL732BTTE15N Datasheet(HTML) 3 Page - KOA Speer Electronics, Inc.

  KL732BTTE15N Datasheet HTML 1Page - KOA Speer Electronics, Inc. KL732BTTE15N Datasheet HTML 2Page - KOA Speer Electronics, Inc. KL732BTTE15N Datasheet HTML 3Page - KOA Speer Electronics, Inc. KL732BTTE15N Datasheet HTML 4Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
220
KOASpeerElectronics,Inc. • 199BolivarDrive • Bradford,PA16701 • USA • 814-362-5536 • Fax:814-362-8883 • www.koaspeer.com
Specificationsgivenhereinmaybechangedatanytimewithoutpriornotice.Pleaseconfirmtechnicalspecificationsbeforeyouorderand/oruse.
12/01/14
KL73
thin film inductor
Part
Designation
Nominal
Inductance
(nH)
applications and ratings (continued)
DC
Resistance
Maximum
(Ω)
Allowable
DCCurrent
Maximum
(mA)
SelfResonant
Frequency
Minimum
(MHz)
Quality
Factor
Minimum
Measured
Frequency
(MHz)**
Inductance
Tolerance
35
40
25
15
4000
3500
3000
2500
2000
1500
1000
500
400
0.50
1.00
2.00
800
500
400
200
200
5.6
KL732BTTE5N6*
6.8
KL732BTTE6N8*
8.2
KL732BTTE8N2*
10
KL732BTTE10N*
12
KL732BTTE12N*
15
KL732BTTE15N*
18
KL732BTTE18N*
22
KL732BTTE22N*
27
KL732BTTE27N*
33
KL732BTTE33N*
39
KL732BTTE39N*
47
KL732BTTE47N*
56
KL732BTTE56N*
68
KL732BTTE68N*
82
KL732BTTE82N*
100
KL732BTTE100*
G: ±2%
J: ±5%
* Add tolerance character (B, C, G, J)
** The operating temperature range of the coil (ambient temperature + self heating) must remain at +125°C or less
4000
2500
2000
20
15
10
1500
3000
1000
800
700
600
1.00
1.50
4.00
5.00
400
300
250
200
150
200
500
6.8
KL732ATTE6N8*
8.2
KL732ATTE8N2*
10
KL732ATTE10N*
12
KL732ATTE12N*
15
KL732ATTE15N*
18
KL732ATTE18N*
22
KL732ATTE22N*
27
KL732ATTE27N*
33
KL732ATTE33N*
39
KL732ATTE39N*
47
KL732ATTE47N*
56
KL732ATTE56N*
68
KL732ATTE68N*
82
KL732ATTE82N*
G: ±2%
J: ±5%
C: ±0.2nH
25
9000
7000
6000
5000
4500
0.25
1000
900
500
2.2
KL732BTTE2N2*
2.7
KL732BTTE2N7*
3.3
KL732BTTE3N3*
3.9
KL732BTTE3N9*
4.7
KL732BTTE4N7*
1.0
KL732ATTE1N0*
1.2
C: ±0.2nH
20
25
13000
10000
9000
8000
6000
5000
4500
0.25
500
700
800
900
KL732ATTE1N2*
1.5
1.8
KL732ATTE1N5*
KL732ATTE1N8*
2.2
KL732ATTE2N2*
2.7
KL732ATTE2N7*
3.3
KL732ATTE3N3*
3.9
KL732ATTE3N9*
4.7
KL732ATTE4N7*
5.6
KL732ATTE5N6*
0.50
For L-Frequency and Q-Frequency Characteristics, see Environmental Applications at www.koaspeer.com


Similar Part No. - KL732BTTE15N

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
KL732BTTE15N KOA-KL732BTTE15N Datasheet
133Kb / 4P
   thin film inductor
KL732BTTE15N KOA-KL732BTTE15N Datasheet
116Kb / 7P
   Thin Film Chip Inductors
KL732BTTE15N KOA-KL732BTTE15N Datasheet
130Kb / 9P
   Thin Film Chip Inductors
More results

Similar Description - KL732BTTE15N

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCEC1708 ALLIED-PCEC1708 Datasheet
2Mb / 2P
   Excellent for High Current Applications
logo
MERITEK ELECTRONICS COR...
MPTS MERITEK-MPTS Datasheet
1Mb / 16P
   Excellent for high density applications
logo
TT Electronics.
PFC-A TTELEC-PFC-A Datasheet
351Kb / 2P
   Excellent high frequency characteristics
CHC TTELEC-CHC Datasheet
1Mb / 4P
   Excellent high frequency performance
logo
MERITEK ELECTRONICS COR...
TMPP-FMPP MERITEK-TMPP-FMPP Datasheet
219Kb / 1P
   Low dissipation factor (DF), excellent for high frequency
logo
ALPS ELECTRIC CO.,LTD.
SCTA-B ALPS-SCTA-B Datasheet
1Mb / 1P
   Ideal for RF antennas requiring excellent high-frequency performance
logo
Taiyo Yuden (U.S.A.), I...
TVS042CG6R3DC-W TAIYO-YUDEN-TVS042CG6R3DC-W Datasheet
143Kb / 1P
   Ceramic Capacitors for High Frequency Applications
logo
Vishay Siliconix
SI9117 VISHAY-SI9117 Datasheet
132Kb / 15P
   High-Frequency Converter for Telecom Applications
Rev. E, 19-Apr-04
logo
Littelfuse
PESD0402-240 LITTELFUSE-PESD0402-240 Datasheet
811Kb / 9P
   ESD protection for high frequency applications
SXX15L LITTELFUSE-SXX15L Datasheet
988Kb / 8P
   Excellent unidirectional switches for phase control applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com