Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP339EER1-TR Datasheet(PDF) 2 Page - Exar Corporation

Part # SP339EER1-TR
Description  RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP339EER1-TR Datasheet(HTML) 2 Page - Exar Corporation

  SP339EER1-TR Datasheet HTML 1Page - Exar Corporation SP339EER1-TR Datasheet HTML 2Page - Exar Corporation SP339EER1-TR Datasheet HTML 3Page - Exar Corporation SP339EER1-TR Datasheet HTML 4Page - Exar Corporation SP339EER1-TR Datasheet HTML 5Page - Exar Corporation SP339EER1-TR Datasheet HTML 6Page - Exar Corporation SP339EER1-TR Datasheet HTML 7Page - Exar Corporation SP339EER1-TR Datasheet HTML 8Page - Exar Corporation SP339EER1-TR Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
SP339E
2
RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
REV. 1.0.4
CAUTION:
ESD (ElectroStatic Discharge) sensitive device. Permanent damage may occur on unconnected devices subject to high
energy electrostatic fields. Unused devices must be stored in conductive foam or shunts. Personnel should be properly
grounded prior to handling this device. The protective foam should be discharged to the destination socket before devices
are removed.
ESD PROTECTION
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of the device at these ratings or any other above those indicated in
the operation sections to the specifications below is not implied. Exposure to absolute maximum rating conditions for
extended periods of time may affect reliability and cause permanent damage to the device.
Supply Voltage VCC
-0.3V to +6.0V
Receiver Input Voltage (from Ground)
±18V
Driver Output Voltage (from Ground)
±18V
Short Circuit Duration, TX out to Ground
Continuous
Voltage at TTL Input Pins
-0.3V to (VCC + 0.5V)
Storage Temperature Range
-65°C to +150°C
Lead Temperature (soldering, 10s)
+300°C
Power Dissipation 40-pin QFN
(derate 17mW/°C above +70°C)
500mW
MIN.
TYP.
MAX.
UNITS
R1-R9
Tx Output & Rx Input Pins
±15
kV
Human Body Model (HBM)
±8
kV
IEC 61000-4-2 (Contact)
±15
kV
IEC 61000-4-2 (Air Gap)
All Other Pins
±4
kV
Human Body Model (HBM)


Similar Part No. - SP339EER1-TR

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP339EER1-0A EXAR-SP339EER1-0A Datasheet
268Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
SP339EER1-L EXAR-SP339EER1-L Datasheet
268Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
SP339EER1-L/TR EXAR-SP339EER1-L/TR Datasheet
268Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
More results

Similar Description - SP339EER1-TR

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP339E EXAR-SP339E Datasheet
1Mb / 21P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
SP339EER1-0A EXAR-SP339EER1-0A Datasheet
268Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
SP338EER1-0A EXAR-SP338EER1-0A Datasheet
1Mb / 25P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
SP338E EXAR-SP338E Datasheet
1Mb / 25P
   RS-232/RS-485/RS-422 TRANSCEIVER
SP335E EXAR-SP335E Datasheet
356Kb / 22P
   RS-232/RS-485/RS-422 TRANSCEIVER
XR3160E EXAR-XR3160E Datasheet
365Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER
SP330EEY-0A-EB EXAR-SP330EEY-0A-EB Datasheet
682Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH 1.65V-5.5V INTERFACE
XR3160EIU-0A-EB EXAR-XR3160EIU-0A-EB Datasheet
365Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH 15KV ESD PROTECTION
SP330EEY-L EXAR-SP330EEY-L Datasheet
703Kb / 23P
   SP330E RS-232/RS-485/RS-422 TRANSCEIVER WITH 1.65V-5.5V INTERFACE
logo
Advantech Co., Ltd.
ADAM-4510 ADVANTECH-ADAM-4510 Datasheet
706Kb / 1P
   RS-232 to RS-422/485 Converter Addressable RS-422/485 to RS-232 Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com