Electronic Components Datasheet Search |
|
T30XRYNQ Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers |
|
T30XRYNQ Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers |
2 / 5 page Models* LED Function — 2 or 3 Lights, Independently Selected Construction PNP Input NPN Input Color 1 Color 2 Color 3 K50LGRXPQ K50LGRXNQ Green Red — • 30 mm polycarbonate base, translucent polycarbonate dome • Fully encapsulated • IP67, IP69K K50LGXYPQ K50LGXYNQ Green — Yellow K50LXRYPQ K50LXRYNQ — Red Yellow K50LGRYPQ K50LGRYNQ Green Red Yellow K50FLGRXPQ K50FLGRXNQ Green Red — • Polycarbonate base, translucent polycarbonate dome • Fully encapsulated • IP67, IP69K K50FLGXYPQ K50FLGXYNQ Green — Yellow K50FLXRYPQ K50FLXRYNQ — Red Yellow K50FLGRYPQ K50FLGRYNQ Green Red Yellow K80LGRXPQ K80LGRXNQ Green Red — • ABS and polycarbonate base, translucent polycarbonate dome • Electronics fully encapsulated • IP67 K80LGXYPQ K80LGXYNQ Green — Yellow K80LXRYPQ K80LXRYNQ — Red Yellow K80LGRYPQ K80LGRYNQ Green Red Yellow * See page 1 for footnotes. Specifications Supply Voltage and Current T8L models: 10 to 30V dc at 20 mA max. T18, M18, and K30L models: 10 to 30V dc at 25 mA max. per LED color T30 models: 10 to 30V dc at 40 mA max. per LED color K50L, K50FL, and K80L models: 18 to 30V dc at 40 mA max. per LED color Indicators Entire translucent diffuser or dome provides indication. Green and Yellow, when connected to discrete output of 3-wire or 4-wire sensors. For other colors, contact Factory for availability Input Response Time Indicator ON/OFF: 1 ms max. Construction See Models lists Connections T8L models: 4-pin Euro-style 150 mm (5.9 in) pigtail QD (QP) or 4-wire, 2 m (6.5 ft) integral cable, depending on model K80L models: 4-pin Euro-style integral QD (Q)standard; terminal-wired models available for use with bulk cable; compression fitting optional. Contact Factory for cable information. Other models: 4-pin Euro-style integral QD (Q), 5.9 in. pigtail QD (QP), or 4-wire, 2 m (6.5 ft) integral cable, depending on model Environmental Rating Rated IEC IP67. T8L not encapsulated; K80L has encapsulated electronics only; other models fully encapsulated. K30L, K50L, and K50FL QD models meet IP69K, per DIN 40050-9. Cabled models also meet IP69K if the cable and cable entrance are protected from high-pressure spray. Operating Conditions Temperature: −40 °C to +50 °C (−40 °F to +122 °F) Certifications K30L and K50L models: Other models: EZ-LIGHT™ 2- or 3-Color General-Purpose Indicators 2 www.bannerengineering.com - tel: 763-544-3164 P/N 121899 Rev. I |
Similar Part No. - T30XRYNQ |
|
Similar Description - T30XRYNQ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |