Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T8LXRYNQP Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # T8LXRYNQP
Description  DC-Operated LED Indicators with Two or Three Colors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

T8LXRYNQP Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  T8LXRYNQP Datasheet HTML 1Page - List of Unclassifed Manufacturers T8LXRYNQP Datasheet HTML 2Page - List of Unclassifed Manufacturers T8LXRYNQP Datasheet HTML 3Page - List of Unclassifed Manufacturers T8LXRYNQP Datasheet HTML 4Page - List of Unclassifed Manufacturers T8LXRYNQP Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Multi Color Wiring
NPN
PNP
Wiring Key:
C1
C3
C2
+
_
1
2
3
4
C1
C3
C2
+
_
1
2
3
4
1 = Brown
2 = White
3 = Blue
4 = Black
Color Key:
C1 = Color 1
C2 = Color 2
C3 = Color 3
Single Color Wiring
NPN
PNP
Accessories
4-Pin Threaded M12/Euro-Style Cordsets
Model
Length
Style
Dimensions
Pinout
MQDC-406
1.83 m (6 ft)
Straight
44 Typ.
ø 14.5
M12 x 1
2
3
4
1
1 = Brown
2 = White
3 = Blue
4 = Black
MQDC-415
4.57 m (15 ft)
MQDC-430
9.14 m (30 ft)
MQDC-450
15.2 m (50 ft)
MQDC-406RA
1.83 m (6 ft)
Right-Angle
32 Typ.
[1.26"]
30 Typ.
[1.18"]
ø 14.5 [0.57"]
M12 x 1
MQDC-415RA
4.57 m (15 ft)
MQDC-430RA
9.14 m (30 ft)
MQDC-450RA
15.2 m (50 ft)
EZ-LIGHT2- or 3-Color General-Purpose Indicators
4
www.bannerengineering.com - tel: 763-544-3164
P/N 121899 Rev. I


Similar Part No. - T8LXRYNQP

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
T8LNP SANYO-T8LNP Datasheet
200Kb / 6P
   Stepping Motor
More results

Similar Description - T8LXRYNQP

ManufacturerPart #DatasheetDescription
logo
GREATECS
TPK GREATECS-TPK Datasheet
425Kb / 3P
   Tactile Switches with LED (two colors available)
logo
Maxim Integrated Produc...
MAX8900AEVKIT MAXIM-MAX8900AEVKIT Datasheet
3Mb / 15P
   Three Status LED Indicators
Rev 0; 4/10
logo
AVAGO TECHNOLOGIES LIMI...
HEDC-55XX AVAGO-HEDC-55XX Datasheet
460Kb / 10P
   Two or Three Channel Quick Assembly Encoders With Connector Latch
logo
Vishay Siliconix
TLHG460 VISHAY-TLHG460 Datasheet
182Kb / 9P
   Choice of three bright colors
Rev. 2.2, 14-Oct-15
logo
Phihong USA Inc.
PIA04RZ-011-P PHIHONG-PIA04RZ-011-P Datasheet
246Kb / 1P
   Two or Four Outputs with DC Voltage Dimming Control
logo
Vishay Siliconix
TLHR540 VISHAY-TLHR540 Datasheet
205Kb / 9P
   Choice of three bright colors
Rev. 2.0, 16-Mar-15
logo
Omron Electronics LLC
J7KNA OMRON-J7KNA Datasheet
174Kb / 10P
   AC & DC operated
logo
AVAGO TECHNOLOGIES LIMI...
AEDC-55XX AVAGO-AEDC-55XX Datasheet
430Kb / 9P
   High Resolution Two or Three Channel Quick Assembly Encoders With Connector Latch
logo
Marl International Limi...
124-305-04 MARL-124-305-04_13 Datasheet
195Kb / 4P
   pcb led indicators
logo
NTE Electronics
NTE3012 NTE-NTE3012 Datasheet
80Kb / 2P
   Discrete LED Indicators
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com