Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA3240AE1 Datasheet(PDF) 5 Page - Intersil Corporation

Part # CA3240AE1
Description  Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3240AE1 Datasheet(HTML) 5 Page - Intersil Corporation

  CA3240AE1 Datasheet HTML 1Page - Intersil Corporation CA3240AE1 Datasheet HTML 2Page - Intersil Corporation CA3240AE1 Datasheet HTML 3Page - Intersil Corporation CA3240AE1 Datasheet HTML 4Page - Intersil Corporation CA3240AE1 Datasheet HTML 5Page - Intersil Corporation CA3240AE1 Datasheet HTML 6Page - Intersil Corporation CA3240AE1 Datasheet HTML 7Page - Intersil Corporation CA3240AE1 Datasheet HTML 8Page - Intersil Corporation CA3240AE1 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
Schematic Diagram (One Amplifier of Two)
FIGURE 2. TEST CIRCUIT AMPLIFIER (30dB GAIN) USED FOR WIDEBAND NOISE MEASUREMENT
Test Circuits and Waveforms (Continued)
RS
CA3240
+15V
-15V
0.01
µF
0.01
µF
+
-
BW (-3dB) = 140kHz
TOTAL NOISE VOLTAGE
30.1k
1k
1M
(REFERRED TO INPUT) = 48
µV(TYP)
NOISE
VOLTAGE
OUTPUT
BIAS CIRCUIT
INPUT STAGE
SECOND STAGE
OUTPUT STAGE
DYNAMIC CURRENT SINK
V+
OUTPUT
V-
OFFSET NULL (NOTE 9)
INVERTING
INPUT
NON-INVERTING
INPUT +
-
R1
8K
Q1
D1
Q6
Q7
Q8
Q2
Q5
Q4
Q3
D2
D3
D4
D5
Q9 Q10
R2
500
R5
500
R4
500
R3
500
Q11
Q12
Q13
C1
12pF
Q14
R6
50
R7
30
Q15
Q16
R8
1K
R11
20
Q17
R10
1K
R9
50
D7
D8
Q20
Q21
R12
12K
R14
20K
R13
15K
D6
Q18
Q19
NOTES:
9. Only availablewith14 LeadDIP (E1Suffix).
10. All resistance values are in ohms.
CA3240, CA3240A


Similar Part No. - CA3240AE1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3240AE INTERSIL-CA3240AE Datasheet
669Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Renesas Technology Corp
CA3240AE RENESAS-CA3240AE Datasheet
868Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Intersil Corporation
CA3240AEZ INTERSIL-CA3240AEZ Datasheet
669Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Renesas Technology Corp
CA3240AEZ RENESAS-CA3240AEZ Datasheet
868Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
More results

Similar Description - CA3240AE1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CA3240 RENESAS-CA3240 Datasheet
868Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Intersil Corporation
CA3240 INTERSIL-CA3240_05 Datasheet
669Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Renesas Technology Corp
CA3140 RENESAS-CA3140 Datasheet
1Mb / 24P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Intersil Corporation
CA3140 INTERSIL-CA3140 Datasheet
1Mb / 19P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
September 1998
CA3140 INTERSIL-CA3140_05 Datasheet
1Mb / 23P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
NTE Electronics
NTE7141 NTE-NTE7141 Datasheet
34Kb / 4P
   Integrated Circuit Dual BIMOS Operational Amplifier w/MOSFET Input, Bipolar Output
logo
Harris Corporation
CA3410 HARRIS-CA3410 Datasheet
337Kb / 10P
   Quad BiMOS Operational Amplifiers With MOSFET Input, Bipolar Output
logo
NTE Electronics
NTE7144 NTE-NTE7144 Datasheet
31Kb / 4P
   Integrated Circuit BIMOS Operational Amplifier w/MOSFET Input, Bipolar Output
logo
Intersil Corporation
CA5470 INTERSIL-CA5470 Datasheet
57Kb / 5P
   Quad, 14MHz, Microprocessor BiMOS-E Operational Amplifier with MOSFET Input/Bipolar Output
November 1996
CA5470 INTERSIL-CA5470_01 Datasheet
133Kb / 5P
   Quad, 14MHz, Microprocessor BiMOS-E Operational Amplifier with MOSFET Input/Bipolar Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com