Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FWH-175B Datasheet(PDF) 2 Page - Cooper Bussmann, Inc.

Part # FWH-175B
Description  FWH 500V 35-1600A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FWH-175B Datasheet(HTML) 2 Page - Cooper Bussmann, Inc.

  FWH-175B Datasheet HTML 1Page - Cooper Bussmann, Inc. FWH-175B Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Bussmann®
The only controlled copy of this BIF document is the electronic read-only version located on the Bussmann Network Drive. All other copies of this document are by definition uncontrolled.
This bulletin is intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Bussmann reserves the right,
without notice, to change design or construction of any products and to discontinue or limit distribution of any products. Bussmann also reserves the right to change or update, without
notice, any technical information contained in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
Form No. FWH 500
Page 2 of 2
BIF Doc #720007
®
FWH 500V
35-1600A
Order #
Fig.
A
B
C
D
E
F
G
H
J
FWH-35B-60B
1
3.188
0.813
1.593
2.541
2.193
0.344
0.719
0.125
0.518
FWH-70B-100B
1
3.625
0.947
1.736
2.853
2.807
0.352
0.750
0.125
0.375
FWH-125B-200B
1
3.625
1.156
1.836
2.892
2.768
0.344
1.000
0.188
0.406
FWH-225A-400A
1
4.340
1.500
2.090
3.440
2.750
0.410
1.000
0.250
0.750
FWH-450A-600A
1
4.340
2.000
2.090
3.530
2.780
0.410
1.500
0.250
0.780
FWH-700A-800A
1
6.340
2.500
2.090
4.970
3.440
0.530
2.000
0.380
1.300
FWH-1000A-1200A
1
6.969
3.000
3.219
5.465
4.475
0.625
2.375
0.438
1.120
FWH-1400A-1600A
2
See Drawing
Dimensions
A
E
D
C
F
J
G
B
H
10.219
3.219
0.625
4.25
0.75
3.5
6.219
0.125
0.5
1.625
1.750
8.969
500
400
250
100
1.5
1.0
0.5
0.3
0.2
0.15
Eg
K
1)
2)
UL
2.0
1.6
1.2
103
800
600
500
400
300
100
400
300
200
500
Eg
2)
1)
Kp
1.0
0.8
0.4
0.5
0.6
0.3
0.2
0.1
30 40 50
60
70
80 90 100%
I
b
Fig. 1: 35-1200 Amp Range
Fig. 2: 1400-1600 Amp Range
Dimension in inches.
1mm = 0.0394∑
1∑ = 25.4mm
1) 35-800 Amp Range
2) 1000-1600 Amp Range
1) 35-200 & 1000-1600 Amp Range
2) 225-800 Amp Range
Total Clearing I2t
The total clearing I
2t at rated voltage and
at power factor of 15% are given in the
electrical characteristics. For other volt-
ages, the clearing I
2t is found by multi-
plying by correction factor, K , given as
a function of applied working voltage,
Eg, (RMS).
Arc Voltage
This curve gives the peak arc voltage,
UL, which may appear across the fuse
during its operation as a function of the
applied working voltage, Eg, (RMS) at a
power factor of 15%.
Power Losses
Watts loss at rated current is given in
the electrical characteristics. The curve
allows the calculation of the power
losses at load currents lower than the
rated current . The correction factor, Kp ,
is given as a function of the RMS load
current, Ib , in % of the rated current .
Electrical Characteristics
7-11-01
SB01191
R


Similar Part No. - FWH-175B

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FWH-175B COOPER-FWH-175B Datasheet
750Kb / 20P
   High Speed Fuses
FWH-175B COOPER-FWH-175B Datasheet
50Kb / 2P
   Electrical Characteristics
FWH-175B COOPER-FWH-175B Datasheet
50Kb / 2P
   FWH 500V 35-1600A
FWH-175B COOPER-FWH-175B Datasheet
50Kb / 2P
   Electrical Characteristics
More results

Similar Description - FWH-175B

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FWH-125A COOPER-FWH-125A Datasheet
50Kb / 2P
   FWH 500V 35-1600A
logo
Intel Corporation
82802AB INTEL-82802AB Datasheet
471Kb / 53P
   Firmware Hub (FWH)
logo
Eaton All Rights Reserv...
FWH EATON-FWH Datasheet
619Kb / 2P
   FWH 6x32mm high speed ferrule fuses
logo
Intel Corporation
E82802AC8 INTEL-E82802AC8 Datasheet
477Kb / 53P
   Intel짰 82802AB/82802AC Firmware Hub (FWH)
logo
Schneider Electric
AF2516G6ST SCHNEIDER-AF2516G6ST Datasheet
63Kb / 2P
   BUSWAY STRAIGHT LENGTH 1600A, INDOOR
logo
Winbond
W39V040FB WINBOND-W39V040FB Datasheet
365Kb / 33P
   512K X 8 CMOS FLASH MEMORY WITH FWH INTERFACE
W39V080FA WINBOND-W39V080FA Datasheet
296Kb / 35P
   1M 횞 8 CMOS FLASH MEMORY WITH FWH INTERFACE
W39V040FB WINBOND-W39V040FB_07 Datasheet
346Kb / 34P
   512K 횞 8 CMOS FLASH MEMORY WITH FWH INTERFACE
W39V040FC WINBOND-W39V040FC Datasheet
363Kb / 36P
   512K 횞 8 CMOS FLASH MEMORY WITH FWH INTERFACE
W49V002FA WINBOND-W49V002FA Datasheet
300Kb / 32P
   256K X 8 CMOS FLASH MEMORY WITH FWH INTERFACE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com