Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FWH-50B Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # FWH-50B
Description  FWH 500V 35-1600A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FWH-50B Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  FWH-50B Datasheet HTML 1Page - Cooper Bussmann, Inc. FWH-50B Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bussmann®
Form No. FWH 500
Page 1 of 2
BIF Doc #720007
FWH 500V
35-1600A
Electrical Characteristics
Ordering Information
Dimensions
Curves
Rated
I2t (A2 Sec)
Carton
Current
Clearing
Watts
Part
Carton
Weight
Figure
Type
RMS-Amps
Pre-arc
at 500V
Loss
Number
Qty.
(lbs)
Number
BIF #
35
34
150
8
FWH-35B
___________________________________________________________________________
40
76
320
7.5
FWH-40B
___________________________________________________________________________
45
105
450
7.5
FWH-45B
5
0.71
___________________________________________________________________________
50
135
670
7.5
FWH-50B
___________________________________________________________________________
60
210
900
9.9
FWH-60B
35785304
_________________________________________________________________________________________________
70
210
900
10.6
FWH-70B
___________________________________________________________________________
80
305
1400
12.7
FWH-80B
___________________________________________________________________________
90
360
1600
15
FWH-90B
0.21
___________________________________________________________________________
100
475
2000
17
FWH-100B
___________________________________________________________________________
___________
125
800
3500
25
FWH-125B
___________________________________________________________________________
150
1100
4600
30
FWH-150B
___________________________________________________________________________
175
1450
6200
35
FWH-175B
0.33
___________________________________________________________________________
200
1900
8500
40
FWH-200B
Fig. 1
___________________________________________________________________________
___________
FWH
225
4600
23300
39
FWH-225A
___________________________________________________________________________
500V
250
6300
32200
41
FWH-250A
___________________________________________________________________________
275
7900
40300
46
FWH-275A
___________________________________________________________________________
300
9800
49800
51
FWH-300A
0.57
___________________________________________________________________________
325
13700
63800
53
FWH-325A
1
360
___________________________________________________________________________
350
14500
72900
58
FWH-350A
___________________________________________________________________________
400
19200
96700
65
FWH-400A
___________________________________________________________________________
___________
450
24700
127000
74
FWH-450A
___________________________________________________________________________
500
29200
149000
84
FWH-500A
1.00
___________________________________________________________________________
600
41300
206000
108
FWH-600A
___________________________________________________________________________
___________
700
55000
298000
120
FWH-700A
___________________________________________________________________________
800
76200
409000
129
FWH-800A
2.14
___________________________________________________________________________
___________
1000
92000
450000
145
FWH-1000A
___________________________________________________________________________
1200
122000
600000
180
FWH-1200A
4.62
___________________________________________________________________________
______________________
1400
200000
1000000
210
FWH-1400A
Fig. 2
35785304
___________________________________________________________________________
1600
290000
1400000
230
FWH-1600A
11.66
†U.L. Recognition on 35 through 1200 amperes only.
1 kg = 2.2 lbs
1 lb = 0.45 kg
CSA Component Acceptance: 35 - 1600A.
Interrupting rating 200kA RMS Symmetrical.
Watts loss provided at rated current.
(500 Vdc/Interrupting rating 50kA) U.L. Recognition on 35 through 800 amperes only.
®
7-11-01
SB01191
R


Similar Part No. - FWH-50B

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FWH-50B COOPER-FWH-50B Datasheet
750Kb / 20P
   High Speed Fuses
FWH-50B COOPER-FWH-50B Datasheet
50Kb / 2P
   Electrical Characteristics
FWH-50B COOPER-FWH-50B Datasheet
50Kb / 2P
   FWH 500V 35-1600A
FWH-50B COOPER-FWH-50B Datasheet
50Kb / 2P
   Electrical Characteristics
More results

Similar Description - FWH-50B

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FWH-125A COOPER-FWH-125A Datasheet
50Kb / 2P
   FWH 500V 35-1600A
logo
Intel Corporation
82802AB INTEL-82802AB Datasheet
471Kb / 53P
   Firmware Hub (FWH)
logo
Eaton All Rights Reserv...
FWH EATON-FWH Datasheet
619Kb / 2P
   FWH 6x32mm high speed ferrule fuses
logo
Intel Corporation
E82802AC8 INTEL-E82802AC8 Datasheet
477Kb / 53P
   Intel짰 82802AB/82802AC Firmware Hub (FWH)
logo
Schneider Electric
AF2516G6ST SCHNEIDER-AF2516G6ST Datasheet
63Kb / 2P
   BUSWAY STRAIGHT LENGTH 1600A, INDOOR
logo
Winbond
W39V040FB WINBOND-W39V040FB Datasheet
365Kb / 33P
   512K X 8 CMOS FLASH MEMORY WITH FWH INTERFACE
W39V080FA WINBOND-W39V080FA Datasheet
296Kb / 35P
   1M 횞 8 CMOS FLASH MEMORY WITH FWH INTERFACE
W39V040FB WINBOND-W39V040FB_07 Datasheet
346Kb / 34P
   512K 횞 8 CMOS FLASH MEMORY WITH FWH INTERFACE
W39V040FC WINBOND-W39V040FC Datasheet
363Kb / 36P
   512K 횞 8 CMOS FLASH MEMORY WITH FWH INTERFACE
W49V002FA WINBOND-W49V002FA Datasheet
300Kb / 32P
   256K X 8 CMOS FLASH MEMORY WITH FWH INTERFACE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com