Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DK500 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DK500
Description  Low-cost, high-performance replacement for many OEM DPMs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DK500 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DK500 Datasheet HTML 1Page - List of Unclassifed Manufacturers DK500 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
C-TON INdusTrIes • PO Box 11746 • Memphis, TN 38111 • USA (603) 471-0158 • emaIl: INfO@CTONINdusTrIes.COm
LCD Digital Panel Meters
C-TON INdusTrIes • PO Box 11746 • Memphis, TN 38111 • USA (603) 471-0158 • emaIl: INfO@CTONINdusTrIes.COm
Specifications Installation and Operating Instructions
3 1/2 Digit LCD - Snap-in Mount
BEZEL MOUNT DIMENSIONS
PANEL CUTOUTS
WIRING CONNECTIONS
PIN # PIN NAME DESCRIPTION
1
V+
POSITIVEDPMPOWERSUPPLY
2
V-
NEGPOWERFOR9VOR±5VDPMS
3
NC
NOPIN
4
GND
NEGATIVEPOWERFOR+5VDPMS
5
COM
ANALOGCOMMON
6
INLO
DISPLAYINPUTS:DISPLAYNEGATIVE
7
INHI
IFINHIISLOWERTHANINLO
8
RFL(CLK) NEGREFERENCEINPUT
(ANDOPTIONALHOLD)
9
RFH
POSITIVEREFERENCEINPUT
10
ROH
INTERNALREFERENCEOUTPUT
11
D3
DECIMALPOINT=1XX.X*
12
D2
DECIMALPOINT=1X.XX*
13
D1
DECIMALPOINT=1.XXX*
*ConnecttoPin1
DK500


Similar Part No. - DK500

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
DK50-1.0 YAMAICHI-DK50-1.0 Datasheet
46Kb / 2P
   1.0mm High Density FLEX (300V, 105째C)
DK50-1.0M YAMAICHI-DK50-1.0M Datasheet
46Kb / 2P
   1.0mm High Density FLEX (300V, 105째C)
More results

Similar Description - DK500

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
LVM-110 TEC-LVM-110 Datasheet
171Kb / 3P
   Low cost OEM signal conditioner
logo
List of Unclassifed Man...
3021 ETC1-3021 Datasheet
143Kb / 4P
   OEM Accelerometer Piezoresistive Low Cost
logo
National Instruments Co...
CRIO-907X NI-CRIO-907X Datasheet
721Kb / 2P
   Lower cost systems for high-volume OEM applications
logo
Macronix International
MX10F201FC MCNIX-MX10F201FC Datasheet
244Kb / 47P
   High-Performance and Low Power Microcontroller designed for Use Many Applications
logo
List of Unclassifed Man...
SM5106 ETC2-SM5106 Datasheet
222Kb / 2P
   Small, Low Cost OEM Pressure Die
logo
M/A-COM Technology Solu...
MAIA-007495 MA-COM-MAIA-007495 Datasheet
775Kb / 6P
   Low Cost / High Performance
logo
Analog Devices
AD2025 AD-AD2025_15 Datasheet
1Mb / 4P
   LOW COST 4 DIGIT DPMS WITH LED DISPLAYS
AD2028 AD-AD2028_15 Datasheet
1Mb / 4P
   LOW COST 4 DIGIT DPMS WITH LED DISPLAYS
logo
Hamamatsu Corporation
C9407MA HAMAMATSU-C9407MA Datasheet
219Kb / 5P
   Compact and low cost, OEM model (C9409MA)
logo
Intronics Power, Inc.
AD2010 INTRONICS-AD2010 Datasheet
151Kb / 1P
   Low Cost 3 1/2 Digit DPM for OEM Applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com