Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7664 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7664
Description  16-Bit, 570 kSPS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7664 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7664_15 Datasheet HTML 5Page - Analog Devices AD7664_15 Datasheet HTML 6Page - Analog Devices AD7664_15 Datasheet HTML 7Page - Analog Devices AD7664_15 Datasheet HTML 8Page - Analog Devices AD7664_15 Datasheet HTML 9Page - Analog Devices AD7664_15 Datasheet HTML 10Page - Analog Devices AD7664_15 Datasheet HTML 11Page - Analog Devices AD7664_15 Datasheet HTML 12Page - Analog Devices AD7664_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
REV. E
AD7664
–9–
FREQUENCY (kHz)
057
114
171
285
228
0
–20
–180
–40
–60
–80
–100
–120
–140
–160
8192 POINT FFT
fS = 570kHz
fIN = 45.5322kHz, –0.5dB
SNR = 90.1dB
SINAD = 89.4dB
THD = –97.1dB
SFDR = 97.5dB
TPC 7. FFT Plot
1
FREQUENCY – kHz
100
10
90
80
75
70
100
85
1000
95
15.0
14.0
13.5
13.0
16.0
14.5
15.5
SNR
S/(N+D)
ENOB
TPC 8. SNR, S/(N+D), and ENOB vs. Frequency
1
FREQUENCY – kHz
100
10
–70
–80
–85
–90
–95
–100
–105
–110
–60
–75
1000
–65
SFDR
THD
100
90
85
80
75
70
65
60
110
95
105
SECOND HARMONIC
THIRD HARMONIC
TPC 9. THD, Harmonics, and SFDR vs. Frequency
92
–60
INPUT LEVEL – dB
0
–20
–40
90
88
86
SNR
S/(N+D)
–50
–30
–10
TPC 10. SNR and S/(N+D) vs. Input Level
(Referred to Full Scale)
96
–55
TEMPERATURE – C
–35
125
105
85
65
45
25
5
–15
93
90
87
84
–96
–98
–100
–102
–104
THD
SNR
TPC 11. SNR, S/(N+D), THD vs. Temperature
OVDD, ALL MODES
DVDD, IMPULSE
AVDD, IMPULSE
DVDD, WARP/NORMAL
AVDD, WARP/NORMAL
100k
0.1
SAMPLING RATE – SPS
100k
1k
10
1
100
10k
1M
10k
1k
100
10
1
0.1
0.01
0.001
TPC 12. Operating Currents vs. Sample Rate


Similar Part No. - AD7664_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7664 AD-AD7664_17 Datasheet
556Kb / 25P
   16-Bit, 570 kSPS PulSAR Unipolar CMOS ADC
More results

Similar Description - AD7664_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7665ACPZ AD-AD7665ACPZ Datasheet
355Kb / 23P
   16-Bit, 570 kSPS CMOS ADC
REV. C
AD7665 AD-AD7665_17 Datasheet
413Kb / 24P
   16-Bit, 570 kSPS CMOS ADC
AD7665 AD-AD7665 Datasheet
348Kb / 24P
   16-Bit, 570 kSPS CMOS ADC
REV. 0
AD7664 AD-AD7664 Datasheet
392Kb / 19P
   16-Bit, 570 kSPS CMOS ADC
REV. 0
AD7665 AD-AD7665_15 Datasheet
355Kb / 23P
   16-Bit, 570 kSPS CMOS ADC
REV. C
AD7650 AD-AD7650 Datasheet
265Kb / 21P
   16-Bit, 570 kSPS Low Cost CMOS ADC
AD7664 AD-AD7664_17 Datasheet
556Kb / 25P
   16-Bit, 570 kSPS PulSAR Unipolar CMOS ADC
AD7664ASTZRL AD-AD7664ASTZRL Datasheet
320Kb / 24P
   16-Bit, 570 kSPS PulSAR Unipolar CMOS ADC
REV. E
AD7650 AD-AD7650_15 Datasheet
228Kb / 20P
   16-Bit, 570 kSPS Low Cost CMOS ADC
REV. 0
AD7679ASTZ AD-AD7679ASTZ Datasheet
620Kb / 28P
   18-Bit, 2.5 LSB INL, 570 kSPS SAR ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com