Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP89021 Datasheet(PDF) 4 Page - Aplus Intergrated Circuits

Part # AP89021
Description  APLUS INTEGRATED CIRCUITS INC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

AP89021 Datasheet(HTML) 4 Page - Aplus Intergrated Circuits

  AP89021_15 Datasheet HTML 1Page - Aplus Intergrated Circuits AP89021_15 Datasheet HTML 2Page - Aplus Intergrated Circuits AP89021_15 Datasheet HTML 3Page - Aplus Intergrated Circuits AP89021_15 Datasheet HTML 4Page - Aplus Intergrated Circuits AP89021_15 Datasheet HTML 5Page - Aplus Intergrated Circuits AP89021_15 Datasheet HTML 6Page - Aplus Intergrated Circuits AP89021_15 Datasheet HTML 7Page - Aplus Intergrated Circuits AP89021_15 Datasheet HTML 8Page - Aplus Intergrated Circuits AP89021_15 Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Integrated Circuits Inc.
aP89021/010
Ver 4.0
Aug 23, 2010
4
PIN DESCRIPTIONS
S1 ~ S4
Input Trigger Pins:
- S1 to S4 are used to trigger the 12 Voice Groups in both Key and CPU Parallel Trigger Mode.
- In OTP Programming Mode, S1 to S4 are used as program enable pins.
SBT
Input Trigger Pin:
- In Key Trigger Mode, this pin is trigger pin to trigger the playback of Voice Groups one by one
sequentially.
- In CPU Parallel Command Mode, this pin is used as address strobe to latch the input from S1 to
S4 and starts the voice playback.
- In OTP Programming Mode, this pin is used as PGM signal.
VDD
Power Supply Pin.
VSS
Power Ground Pin
VOUT1 and VOUT2
Digital PWM output pins which can drive speaker and buzzer directly for voice playback.
OSC
During voice playback, an external resistor is connected between this pin and the VDD pin to set
the sampling frequency. In OTP Programming Mode, this is the ACLK input signal.
VPP
Connection to VDD is required during voice playback. In OTP Programming Mode, this pin is
connected to a separate 6.5V power supply.
OUT1, OUT2 and OUT3
- In Key Trigger Mode and CPU Parallel Command Mode, these pins are user programmable pins
for the STOP pulse, BUSY and LED signals.
- During OTP programming, OUT1 serves as OEB while OUT2 serves as data IO.
COUT
Analog 8-bit current mode D/A output for voice playback
RST
Chip reset in playback mode or DCLK pin in OTP programming mode.


Similar Part No. - AP89021_15

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
AP89021 APLUS-AP89021 Datasheet
211Kb / 18P
   Standard CMOS process
More results

Similar Description - AP89021_15

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
AP89010 APLUS-AP89010_15 Datasheet
236Kb / 18P
   APLUS INTEGRATED CIRCUITS INC
AP8921A APLUS-AP8921A_15 Datasheet
218Kb / 18P
   APLUS INTEGRATED CIRCUITS INC
AMTP777 APLUS-AMTP777 Datasheet
170Kb / 8P
   APLUS INTEGRATED CIRCUITS INC
AP89042 APLUS-AP89042_15 Datasheet
245Kb / 19P
   APLUS INTEGRATED CIRCUITS INC
AIVR3K APLUS-AIVR3K Datasheet
342Kb / 11P
   APLUS INTEGRATED CIRCUITS INC
AMTP32M APLUS-AMTP32M Datasheet
595Kb / 30P
   APLUS INTEGRATED CIRCUITS INC
AP8942A APLUS-AP8942A_15 Datasheet
263Kb / 19P
   APLUS INTEGRATED CIRCUITS INC
AIVR341N APLUS-AIVR341N Datasheet
142Kb / 8P
   APLUS INTEGRATED CIRCUITS INC.
AP89085 APLUS-AP89085_15 Datasheet
359Kb / 24P
   Integrated Circuits Inc.
AP89170 APLUS-AP89170_15 Datasheet
359Kb / 24P
   Integrated Circuits Inc.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com