Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA3193 Datasheet(PDF) 7 Page - Intersil Corporation

Part # CA3193
Description  1.2MHz, BiCMOS Precision Operational Amplifiers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3193 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button CA3193 Datasheet HTML 3Page - Intersil Corporation CA3193 Datasheet HTML 4Page - Intersil Corporation CA3193 Datasheet HTML 5Page - Intersil Corporation CA3193 Datasheet HTML 6Page - Intersil Corporation CA3193 Datasheet HTML 7Page - Intersil Corporation CA3193 Datasheet HTML 8Page - Intersil Corporation CA3193 Datasheet HTML 9Page - Intersil Corporation CA3193 Datasheet HTML 10Page - Intersil Corporation CA3193 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
66
Typical Applications
FIGURE 7. TYPICAL TWO OP AMP BRIDGE-TYPE
DIFFERENTIAL AMPLIFIER
FIGURE 8. DIFFERENTIAL AMPLIFIER (SIMPLE
SUBTRACTER) USING CA3193
FIGURE 9. USING CA3193 AS A BILATERAL CURRENT
SOURCE
FIGURE 10. TYPICAL SUMMING AMPLIFIER APPLICATION
-
+
+15V
R1
7
6
2
3
4
-15V
1K
R2
9K
R3
1K
R4
9K
+
-
+15V
7
6
3
2
4
-15V
VOUT
b
Vb
R
R +
∆R
R
R
V+
a
Va
V
OUT
V
a
R
2
R
1
-------
1
+


 R
4
R
3
-------
V
b
R
4
R
3
-------
1
+



+
=
For Ideal Resistors with
R
1
R
2
-------
R
3
R
4
-------
=
V
OUT
V
b
V
a
R
4
R
3
-------
1
+



=
A
V
OUT
V
b
V
a
--------------------
R
4
R
3
-------
1
+



==
FOR VALUES ABOVE VOUT = (Vb - Va) (IO)
CA3193
CA3193
+
-
R2
+15V
VOUT
7
6
3
2
4
-15V
V1
20K
CA3193
RL
V2
R1
10K
R3
10K
R4
20K
ALL RESISTANCE VALUES ARE IN OHMS.
V
OUT
V
2
R
4
R
3
R
4
+
---------------------


 R
1
R
2
+
R
1
---------------------



V
1
R
2
R
1
-------



=
If R
4
R
2, R3
R
1 and
R
2
R
1
-------
=
R
4
R
3
-------
==
THEN V
OUT
V
2
V
1
()
R
2
R
1
-------



=
For values above VOUT = 2(V2 - V1):
If AV is To be made 1 and if R1 = R3 = R4 = R
with R2 = 0.999R (0.1% mismatch in R2)
Then VOCM = 0.0005 VIN or CMRR = 66dB
Thus, the CMRR of this circuit is limited by
the matching or mismatching of this network
rather than the amplifier.
+
-
R2
+15V
7
6
3
2
4
-15V
1M
CA3193
R5
R3
2M
1K
R1
2M
R4
1M
RS
V
RL
(0
Ω TO 3.0kΩ)
WITH V = 1V
ALL RESISTORS ARE 1%
IF R1 = R3 AND R2 ≈ R4 + R5, THEN
IL IS INDEPENDENT OF VARIATIONS IN RL
FOR RL VALUES OF 0Ω TO 3kΩ WITH V = 1V
I
L
VR
4
R
3 R5
---------------
V1M
()
2M
() 1K
()
--------------------------
V
2K
-------
500
µA
==
=
=
IL
+
-
RF
+15V
7
6
3
2
4
-15V
V3
20K
CA3193
RL
V2
R1
10K
R4
2.8K
R2
10K
R3
10K
V1
V
OUT
R
F
R
1
------- V
1
R
F
R
2
------- V
2
R
F
R
3
------- V
3
++



=
VOUT = - (2V1+ 2V2 + 2V3)
ALL RESISTANCE VALUES ARE IN OHMS.
CA3193, CA3193A


Similar Part No. - CA3193

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3194 INTERSIL-CA3194 Datasheet
98Kb / 9P
   Single Chip PAL Luminance/Chroma Processor
May 1997
CA3194E INTERSIL-CA3194E Datasheet
98Kb / 9P
   Single Chip PAL Luminance/Chroma Processor
May 1997
More results

Similar Description - CA3193

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
OP07CP TGS-OP07CP Datasheet
359Kb / 5P
   PRECISION OPERATIONAL AMPLIFIERS
logo
Motorola, Inc
LM11C MOTOROLA-LM11C Datasheet
359Kb / 6P
   Precision Operational Amplifiers
logo
Linear Dimensions Semic...
LND-OP28 LINEAR_DIMENSIONS-LND-OP28 Datasheet
151Kb / 1P
   Dual 5A, 44V, BiCMOS Operational Amplifiers
logo
Tiger Electronic Co.,Lt...
OP07 TGS-OP07 Datasheet
359Kb / 5P
   PRECISION OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OP07C TI-OP07C_06 Datasheet
264Kb / 11P
[Old version datasheet]   PRECISION OPERATIONAL AMPLIFIERS
logo
Tiger Electronic Co.,Lt...
OP07CDR TGS-OP07CDR Datasheet
359Kb / 5P
   PRECISION OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OP07C TI-OP07C Datasheet
133Kb / 7P
[Old version datasheet]   PRECISION OPERATIONAL AMPLIFIERS
OP07C TI1-OP07C Datasheet
927Kb / 21P
[Old version datasheet]   Precision Operational Amplifiers
logo
Burr-Brown (TI)
OPA277 BURR-BROWN-OPA277_05 Datasheet
921Kb / 25P
   High Precision OPERATIONAL AMPLIFIERS
logo
Raytheon Company
RC4277 RAYTHEON-RC4277 Datasheet
198Kb / 6P
   Dual Precision Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com