Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SB967-P Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SB967-P
Description  PNP Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SB967-P Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SB967-P Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SB967-P Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
PNP Transistors
2SB967
Typical Characterisitics
PC
I
a
T
C — VCE
IC — VBE
VCE(sat) — IC
hFE — IC
fT — IE
Cob — VCB
0
6
1
0
40
120
80
140
20
100
60
0
32
24
8
20
28
16
4
12
TC=Ta
Ambient temperature Ta (˚C)
2
1
0
–10
–8
–2
–6
–4
0
–6
–5
–4
–3
–2
–1
TC=25˚C
–35mA
–25mA
–30mA
–20mA
–15mA
–10mA
–1mA
–5mA
IB=–40mA
Collector to emitter voltage VCE (V)
0
.
2
0
–1.6
– 0.4
–1.2
– 0.8
0
–12
–10
–8
–6
–4
–2
VCE=–2V
TC=100˚C
–25˚C
25˚C
Base to emitter voltage VBE (V)
– 0.01
– 0.1
–1
–10
– 0.03
– 0.3
–3
– 0.01
– 0.03
– 0.1
– 0.3
–1
–3
–10
–30
–100
IC/IB=30
25˚C
TC=100˚C
–25˚C
Collector current IC (A)
– 0.01
– 0.1
–1
–10
– 0.03
– 0.3
–3
10
30
100
300
1000
3000
10000
30000
100000
VCE=–2V
TC=100˚C
25˚C
–25˚C
Collector current IC (A)
1
3
10
30
100
0
240
200
160
120
80
40
VCB=–6V
f=200MHz
TC=25˚C
Emitter current IE (mA)
–1
–3
–10
–30
–100
0
200
160
120
80
40
IE=0
f=1MHz
TC=25˚C
Collector to base voltage VCB (V)


Similar Part No. - 2SB967-P

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB967 PANASONIC-2SB967 Datasheet
43Kb / 2P
   Silicon PNP epitaxial planar type(For low-frequency power amplification)
logo
Guangdong Kexin Industr...
2SB967 KEXIN-2SB967 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
More results

Similar Description - 2SB967-P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
   PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
   PNP Transistors
logo
Guangdong Kexin Industr...
2SB1026-HF KEXIN-2SB1026-HF_15 Datasheet
951Kb / 3P
   PNP Transistors
2SB1027 KEXIN-2SB1027_15 Datasheet
893Kb / 3P
   PNP Transistors
2SB1027-HF KEXIN-2SB1027-HF_15 Datasheet
896Kb / 3P
   PNP Transistors
2SB1070 KEXIN-2SB1070_15 Datasheet
1,002Kb / 2P
   PNP Transistors
2SB1115-HF KEXIN-2SB1115-HF_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1118 KEXIN-2SB1118_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1120 KEXIN-2SB1120_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1174 KEXIN-2SB1174_15 Datasheet
1Mb / 3P
   PNP Transistors
2SB1176 KEXIN-2SB1176_15 Datasheet
1Mb / 3P
   PNP Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com