Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA3094BM Datasheet(PDF) 2 Page - Intersil Corporation

Part # CA3094BM
Description  30MHz, High Output Current Operational Transconductance Amplifier (OTA)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3094BM Datasheet(HTML) 2 Page - Intersil Corporation

  CA3094BM Datasheet HTML 1Page - Intersil Corporation CA3094BM Datasheet HTML 2Page - Intersil Corporation CA3094BM Datasheet HTML 3Page - Intersil Corporation CA3094BM Datasheet HTML 4Page - Intersil Corporation CA3094BM Datasheet HTML 5Page - Intersil Corporation CA3094BM Datasheet HTML 6Page - Intersil Corporation CA3094BM Datasheet HTML 7Page - Intersil Corporation CA3094BM Datasheet HTML 8Page - Intersil Corporation CA3094BM Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
3-13
Absolute Maximum Ratings
Thermal Information
Supply Voltage (Between V+ and V- Terminals)
CA3094 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24V
CA3094A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36V
CA3094B . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44V
Differential Input Voltage (Terminals 2 and 3, Note 1) . . . . . . . . . 5V
DC Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . V+ to V-
Input Current (Terminals 2 and 3) . . . . . . . . . . . . . . . . . . . . . .
±1mA
Amplifier Bias Current (Terminal 5) . . . . . . . . . . . . . . . . . . . . . . 2mA
Average Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100mA
Peak Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300mA
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to 125oC
Thermal Resistance (Typical, Note 2)
θJA (oC/W) θJC (oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . .
130
N/A
SOIC Package . . . . . . . . . . . . . . . . . . .
170
N/A
Metal Can Package . . . . . . . . . . . . . . .
175
100
Maximum Junction Temperature (Metal Can Package) . . . . . . .175oC
Maximum Junction Temperature (Plastic Package) . . . . . . . .150oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. Exceeding this voltage rating will not damage the device unless the peak input signal current (1mA) is also exceeded.
2.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
TA = 25
oC for Equipment Design. Single Supply V+ = 30V, Dual Supply V
SUPPLY = ±15V, IABC = 100µA Unless
Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
INPUT PARAMETERS
Input Offset Voltage
VIO
TA = 25
oC
-
0.4
5.0
mV
TA = 0
oC to 70oC
-
-
7.0
mV
Input Offset Voltage Change
|
∆VIO|
Change in VIO between IABC = 100µA
and IABC = 5µA
-
1
8.0
mV
Input Offset Current
IIO
TA = 25
oC
-
0.02
0.2
µA
TA = 0
oC to 70oC
-
-
0.3
µA
Input Bias Current
II
TA = 25
oC
-
0.2
0.50
µA
TA = 0
oC to 70oC
-
-
0.70
µA
Device Dissipation
PD
IOUT = 0mA
8
10
12
mW
Common Mode Rejection Ratio
CMRR
70
110
-
dB
Common Mode Input Voltage Range
VICR
V+ = 30V (High)
27
28.8
-
V
V- = 0V (Low)
1.0
0.5
-
V
V+ = 15V
12
13.8
-
V
V- = -15V
-14
-14.5
-
V
Unity Gain Bandwidth
fT
IC = 7.5mA, VCE = 15V, IABC = 500µA
-
30
-
MHz
Open Loop Bandwidth at -3dB Point
BWOL
IC = 7.5mA, VCE = 15V, IABC = 500µA
-
4
-
kHz
Total Harmonic Distortion
(Class A Operation)
THD
PD = 220mW
-
0.4
-
%
PD = 600mW
-
1.4
-
%
Amplifier Bias Voltage
(Terminal 5 to Terminal 4)
VABC
-
0.68
-
V
Input Offset Voltage Temperature
Coefficient
∆VIO/∆T-
4
-
µV/oC
Power Supply Rejection
∆VIO/∆V
-
15
150
µV/V
1/F Noise Voltage
EN
f = 10Hz, IABC = 50µA
-
18
-
1/F Noise Current
IN
f = 10Hz, IABC = 50µA
-
1.8
-
Differential Input Resistance
RI
IABC = 20µA
0.50
1.0
-
M
Differential Input Capacitance
CI
f = 1MHz, V+ = 30V
-
2.6
-
pF
nV/ Hz
pA/ Hz
CA3094, CA3094A, CA3094B


Similar Part No. - CA3094BM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3094BM INTERSIL-CA3094BM Datasheet
457Kb / 14P
   30MHz, High Output Current Operational Transconductance Amplifier (OTA)
More results

Similar Description - CA3094BM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3094 INTERSIL-CA3094_00 Datasheet
457Kb / 14P
   30MHz, High Output Current Operational Transconductance Amplifier (OTA)
logo
JSC ALFA.
AS3280 ALFA-AS3280 Datasheet
457Kb / 4P
   Dual Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3080 INTERSIL-CA3080 Datasheet
880Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
September 1998
logo
Renesas Technology Corp
CA3080 RENESAS-CA3080 Datasheet
1Mb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3080 INTERSIL-CA3080_04 Datasheet
942Kb / 11P
   2MHz, Operational Transconductance Amplifier (OTA)
logo
Texas Instruments
OPA861 TI1-OPA861_15 Datasheet
1Mb / 32P
[Old version datasheet]   Wide Bandwidth Operational Transconductance Amplifier (OTA)
logo
Intersil Corporation
CA3280 INTERSIL-CA3280 Datasheet
286Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
September 1998
logo
Texas Instruments
OPA861 TI-OPA861 Datasheet
622Kb / 28P
[Old version datasheet]   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER (OTA)
logo
Intersil Corporation
CA3280 INTERSIL-CA3280_02 Datasheet
393Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
logo
Renesas Technology Corp
CA3280 RENESAS-CA3280 Datasheet
644Kb / 10P
   Dual, 9MHz, Operational Transconductance Amplifier (OTA)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com