Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QBS-611 Datasheet(PDF) 2 Page - API Delevan

Part # QBS-611
Description  RF Adjustable AGC/Limiting Line Amplifier L-Band 1.0 ??2.0 GHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

QBS-611 Datasheet(HTML) 2 Page - API Delevan

  QBS-611 Datasheet HTML 1Page - API Delevan QBS-611 Datasheet HTML 2Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
5/8/2014
2
Model # QBS-611
Outline Drawing
Notes
1.
Specification ratings are based on measurements in a 50 ohm system.
2.
Damage may occur at input levels above +8dBm.
3.
Adjustable via external set screw.
4.
Valid for output power levels below AGC threshold
5.
Power level measured at output connector.
6.
Measured with input power level of -20 dBm.
7.
Measured across entire frequency band under all gain/output power conditions.
8.
Measured across any 120MHz band under all gain/output power conditions.
9.
All set screws adjusted to nominal values with power levels up to -13dBm.
10.
Alternate DC power supply voltages available as a custom solution.


Similar Part No. - QBS-611

ManufacturerPart #DatasheetDescription
logo
API Delevan
QBS-610 API-QBS-610 Datasheet
193Kb / 2P
   RF Adjustable AGC/Limiting Line Amplifier L-Band 1.0 - 2.0 GHz
More results

Similar Description - QBS-611

ManufacturerPart #DatasheetDescription
logo
API Delevan
QBS-610 API-QBS-610 Datasheet
193Kb / 2P
   RF Adjustable AGC/Limiting Line Amplifier L-Band 1.0 - 2.0 GHz
logo
API Technologies Corp
TMG9553 APITECH-TMG9553 Datasheet
234Kb / 1P
   RF Limiting Amplifier AGC Range: 45 dB
logo
Transcom, Inc.
TA010-020-15-15 TRANSCOM-TA010-020-15-15 Datasheet
17Kb / 1P
   1.0 - 2.0 GHz 15 dBm Amplifier
logo
Spectrum Microwave, Inc...
TML9017 SPECTRUM-TML9017 Datasheet
735Kb / 1P
   RF Limiting Amplifier
TML9012 SPECTRUM-TML9012 Datasheet
663Kb / 1P
   RF Limiting Amplifier
TML9052 SPECTRUM-TML9052 Datasheet
88Kb / 1P
   RF LIMITING AMPLIFIER
TML9004 SPECTRUM-TML9004 Datasheet
608Kb / 1P
   RF Limiting Amplifier
ENL9654 SPECTRUM-ENL9654 Datasheet
220Kb / 1P
   RF Limiting Amplifier
TML9002 SPECTRUM-TML9002 Datasheet
636Kb / 1P
   RF Limiting Amplifier
logo
API Technologies Corp
ENL9653 APITECH-ENL9653 Datasheet
630Kb / 1P
   RF Limiting Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com