Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA3098E Datasheet(PDF) 7 Page - Intersil Corporation

Part # CA3098E
Description  Programmable Schmitt Trigger with Memory, Dual Input Precision Level Detector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3098E Datasheet(HTML) 7 Page - Intersil Corporation

Back Button CA3098E Datasheet HTML 3Page - Intersil Corporation CA3098E Datasheet HTML 4Page - Intersil Corporation CA3098E Datasheet HTML 5Page - Intersil Corporation CA3098E Datasheet HTML 6Page - Intersil Corporation CA3098E Datasheet HTML 7Page - Intersil Corporation CA3098E Datasheet HTML 8Page - Intersil Corporation CA3098E Datasheet HTML 9Page - Intersil Corporation CA3098E Datasheet HTML 10Page - Intersil Corporation CA3098E Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
FIGURE 11. OUTPUT SATURATION VOLTAGE vs OUTPUT
SINK CURRENT
FIGURE 12. OUTPUT SATURATION VOLTAGE vs AMBIENT
TEMPERATURE
FIGURE 13. TOTAL SUPPLY CURRENT vs PROGRAMMING
BIAS CURRENT
FIGURE 14. TOTAL SUPPLY CURRENT vs AMBIENT
TEMPERATURE
FIGURE 15. INPUT BIAS CURRENT vs PROGRAMMING BIAS
CURRENT
FIGURE 16. DELAY TIME vs SUPPLY VOLTAGE
Typical Performance Curves (Continued)
V+ = 12V
TA = 25
oC, I
BIAS = 100µA
10
0
OUTPUT SINK CURRENT (mA)
100
1000
0.8
1.0
1.2
1.4
0.6
0.4
0.2
V+ = 10V
IBIAS = 100µA
-100
0.5
TEMPERATURE (oC)
-75
125
0.9
1.0
0.8
0.7
0.6
-50
-25
0
25
50
75
100
VREG = 6V (NOTE)
TA = 25
oC, V+ = 12V
1
0.1
PROGRAMMING BIAS CURRENT (
µA)
100
1000
10
100
1,000
10,000
1
10
NOTE: See Figure 3 for definition of VREG
IBIAS = 100µA
500
600
700
800
400
300
200
-75
125
-50
-25
0
25
50
75
100
TEMPERATURE (oC)
VREG = 6V (NOTE)
TA = 25
oC, V+ = 12V
PROGRAMMING BIAS CURRENT (
µA)
100
1000
10
1
0.1
10
100
1
IIB (p-n-p)
IIB (n-p-n)
NOTE: See Figure 3 for definition of VREG
1000
950
900
850
1050
510
15
POSITIVE SUPPLY VOLTAGE (V)
TA = 25
oC
IBIAS = 100µA
VLR = VHR = VREG = V+/2
800
CA3098


Similar Part No. - CA3098E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CA3098E RENESAS-CA3098E Datasheet
234Kb / 12P
   Programmable Schmitt Trigger with Memory, Dual Input Precision Level Detector
January 1999
More results

Similar Description - CA3098E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CA3098 RENESAS-CA3098 Datasheet
234Kb / 12P
   Programmable Schmitt Trigger with Memory, Dual Input Precision Level Detector
January 1999
logo
Texas Instruments
SN74LS221J TI1-SN74LS221J Datasheet
963Kb / 27P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUT
logo
Renesas Technology Corp
HD74HC221 RENESAS-HD74HC221 Datasheet
103Kb / 8P
   Dual Monostable Multivibrators (with Schmitt Trigger Input)
logo
Hitachi Semiconductor
HD74HC221 HITACHI-HD74HC221 Datasheet
53Kb / 8P
   Dual Monostable Multivibrators (with Schmitt Trigger Input)
logo
Semtech Corporation
SC1437 SEMTECH-SC1437 Datasheet
93Kb / 8P
   Precision Voltage Detector With Programmable Trigger Voltage & Timer Delay
logo
National Semiconductor ...
54LS13 NSC-54LS13 Datasheet
63Kb / 3P
   DUAL 4-INPUT SCHMITT TRIGGER
logo
Renesas Technology Corp
HD74LV1GT14A RENESAS-HD74LV1GT14A Datasheet
103Kb / 7P
   Inverter with Schmitt-trigger Input / CMOS Logic Level Shifter
logo
ON Semiconductor
MC74HC1G14 ONSEMI-MC74HC1G14 Datasheet
79Kb / 6P
   Inverter with Schmitt-Trigger Input
August, 2005 ??Rev. 10
logo
Hitachi Semiconductor
J205293_HD74HC1G14 HITACHI-J205293_HD74HC1G14 Datasheet
231Kb / 9P
   Inverter with Schmitt-trigger Input
logo
Renesas Technology Corp
HD74HC1G14 RENESAS-HD74HC1G14 Datasheet
55Kb / 8P
   Inverter with Schmitt-trigger Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com