Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA3089E Datasheet(PDF) 2 Page - Intersil Corporation

Part # CA3089E
Description  FM IF System
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3089E Datasheet(HTML) 2 Page - Intersil Corporation

  CA3089E Datasheet HTML 1Page - Intersil Corporation CA3089E Datasheet HTML 2Page - Intersil Corporation CA3089E Datasheet HTML 3Page - Intersil Corporation CA3089E Datasheet HTML 4Page - Intersil Corporation CA3089E Datasheet HTML 5Page - Intersil Corporation CA3089E Datasheet HTML 6Page - Intersil Corporation CA3089E Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
8-28
Absolute Maximum Ratings
Thermal Information
Supply Voltage
Between V+ and Frame GND . . . . . . . . . . . . . . . . . . . . . . . . . 16V
Between V+ and Substrate GND . . . . . . . . . . . . . . . . . . . . . . 16V
DC Current (Out of Delayed AGC) . . . . . . . . . . . . . . . . . . . . . . . 2mA
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC
Thermal Resistance (Typical, Note 1)
θ
JA (
oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
90
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
80
Maximum Junction Temperature (Plastic Package) . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
V+ = 12V (See Figures 3 and 4)
(NOTE 3)
PARAMETER
TEST CONDITIONS
TEMP.
(oC)
MIN
TYP
MAX
UNITS
DC CHARACTERISTICS
Quiescent Circuit Current
No signal input, Non muted
25
16
23
30
mA
DC Voltages
Terminal 1 (IF Input)
25
1.2
1.9
2.4
V
Terminal 2 (AC Return to Input)
25
1.2
1.9
2.4
V
Terminal 3 (DC Bias to Input)
25
1.2
1.9
2.4
V
Terminal 6 (Audio Output)
25
5.0
5.6
6.0
V
Terminal 10 (DC Reference)
25
5.0
5.6
6.0
V
DYNAMIC CHARACTERISTICS
Input Limiting Voltage (-3dB point), V1 (lim)
-
fO = 10.7MHz,
fMOD = 400Hz,
Deviation =
±75kHz
25
-
12
25
µV
AM Rejection (Terminal 6), AMR
VIN = 0.1V,
AM Mod. = 30%
25
45
55
-
dB
Recovered AF Voltage (Terminal 6) VO (AF)
VIN = 0.1V
25
300
400
500
mV
Total Harmonic
Distortion, THD
(Note 2)
Single Tuned (Terminal 6)
25
-
0.5
1.0
%
Double Tuned (Terminal 6)
25
-
0.1
-
%
Signal Plus Noise to Noise Ratio (Terminal 6)
25
60
67
-
dB
NOTES:
2. THD characteristics are essentially a function of the phase characteristics of the network connected between Terminals 8, 9, and 10.
3. Terminal numbers refer to 16 Lead PDIP.
Application Information
FIGURE 1. AFC CHARACTERISTICS (CURRENT AT TERMINAL
7) vs CHANGE IN FREQUENCY. (SEE TEST CIRCUIT
FIGURE 3.)
FIGURE 2. MUTING ACTION, TUNER AGC, AND TUNING
METER OUTPUT vs INPUT SIGNAL VOLTAGE. (SEE
TEST CIRCUIT FIGURE 3.)
-100
CHANGE IN FREQUENCY (kHz)
-50
0
50
100
-125
-100
-75
-50
-25
0
25
50
75
100
125
µA
5k
V+ = 12V, TA 25
oC
10
7
100K
10K
1K
100
10
1
INPUT SIGNAL (
µV)
0
-10
-20
-30
-40
-50
-60
6
5
4
3
2
1
V+ = 12V, TA = 25
oC
RECOVERED AUDIO FROM FULL OUTPUT
(LEFT COORDINATE)
TUNER AGC DC VOLTAGE AT
TERM. 15 (RIGHT COORDINATE)
VOLTAGE AT TERMINAL 13
METER CIRCUIT (33k
Ω TO GND)
(RIGHT COORDINATE)
CA3089


Similar Part No. - CA3089E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3089E INTERSIL-CA3089E Datasheet
459Kb / 8P
   OBSOLETE PRODUCT NO RECOMMENDED REPLACEMENT
CA3089E INTERSIL-CA3089E Datasheet
459Kb / 8P
   FM IF System
More results

Similar Description - CA3089E

ManufacturerPart #DatasheetDescription
logo
AUK corp
SL1018 AUK-SL1018_1 Datasheet
220Kb / 9P
   FM IF SYSTEM
logo
Toshiba Semiconductor
TA7761P TOSHIBA-TA7761P Datasheet
1,011Kb / 14P
   FM IF SYSTEM
logo
Rohm
BA4234 ROHM-BA4234 Datasheet
514Kb / 6P
   FM IF SYSTEM
logo
AUK corp
SL1018 AUK-SL1018 Datasheet
293Kb / 9P
   FM IF SYSTEM
logo
Intersil Corporation
CA3189 INTERSIL-CA3189 Datasheet
129Kb / 8P
   FM IF System
May 1999
logo
Hitachi Semiconductor
HA12412 HITACHI-HA12412 Datasheet
666Kb / 8P
   FM IF SYSTEM
logo
Intersil Corporation
CA3089 INTERSIL-CA3089_02 Datasheet
459Kb / 8P
   FM IF System
logo
Hitachi Semiconductor
HA11225 HITACHI-HA11225 Datasheet
504Kb / 6P
   FM IF System
logo
Sanyo Semicon Device
LA1231N SANYO-LA1231N Datasheet
665Kb / 8P
   FM IF System
logo
Daewoo Semiconductor
DBL1018 DAEWOO-DBL1018 Datasheet
352Kb / 7P
   FM IF SYSTEM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com