Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA3086M Datasheet(PDF) 2 Page - Intersil Corporation

Part # CA3086M
Description  General Purpose NPN Transistor Array
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3086M Datasheet(HTML) 2 Page - Intersil Corporation

  CA3086M Datasheet HTML 1Page - Intersil Corporation CA3086M Datasheet HTML 2Page - Intersil Corporation CA3086M Datasheet HTML 3Page - Intersil Corporation CA3086M Datasheet HTML 4Page - Intersil Corporation CA3086M Datasheet HTML 5Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
CA3086
Absolute Maximum Ratings
Thermal Information
The following ratings apply for each transistor in the device:
Collector-to-Emitter Voltage, VCEO . . . . . . . . . . . . . . . . . . . . .15V
Collector-to-Base Voltage, VCBO . . . . . . . . . . . . . . . . . . . . . . .20V
Collector-to-Substrate Voltage, VCIO (Note 1) . . . . . . . . . . . . .20V
Emitter-to-Base Voltage, VEBO . . . . . . . . . . . . . . . . . . . . . . . . .5V
Collector Current, IC. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50mA
Operating Conditions
Temperature Range. . . . . . . . . . . . . . . . . . . . . . . . . -55oC to 125oC
Thermal Resistance (Typical, Note 2)
θJA (oC/W) θJC (oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . .
110
N/A
SOIC Package . . . . . . . . . . . . . . . . . . .
130
N/A
Maximum Power Dissipation (Any one transistor) . . . . . . . . .300mW
Maximum Junction Temperature (Plastic Package) . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. The collector of each transistor in the CA3086 is isolated from the substrate by an integral diode. The substrate (Terminal 13) must be connected
to the most negative point in the external circuit to maintain isolation between transistors and to provide for normal transistor action. To avoid
undesirable coupling between transistors, the substrate (Terminal 13) should be maintained at either DC or signal (AC) ground. A suitable
bypass capacitor can be used to establish a signal ground.
2.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
TA = 25
oC, For Equipment Design
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Collector-to-Base Breakdown Voltage
V(BR)CBO
lC = 10µA, IE = 0
20
60
-
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC = 1mA, IB = 0
15
24
-
V
Collector-to-Substrate Breakdown Voltage
V(BR)ClO
IC = 10µA, ICI = 0
20
60
-
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE = 10µA, IC = 0
5
7
-
V
Collector-Cutoff Current (Figure 1)
ICBO
VCB = 10V, IE = 0,
-
0.002
100
nA
Collector-Cutoff Current (Figure 2)
ICEO
VCE = 10V, IB = 0,
-
(Figure 2)
5
µA
DC Forward-Current Transfer Ratio (Figure 3)
hFE
VCE = 3V, IC = 1mA
40
100
-
Electrical Specifications
TA = 25
oC, Typical Values Intended Only for Design Guidance
PARAMETER
SYMBOL
TEST CONDITIONS
TYPICAL
VALUES
UNITS
DC Forward-Current Transfer Ratio
(Figure 3)
hFE
VCE = 3V
IC = 10mA
100
IC = 10µA54
Base-to-Emitter Voltage (Figure 4)
VBE
VCE = 3V
IE = 1 mA
0.715
V
IE = 10mA
0.800
V
VBE Temperature Coefficient (Figure 5)
∆VBE/∆T
VCE = 3V, lC = 1 mA
-1.9
mV/oC
Collector-to-Emitter
Saturation Voltage
VCE SAT
IB = 1mA, IC = 10mA
0.23
V
Noise Figure (Low Frequency)
NF
f = 1kHz, VCE = 3V, IC = 100µA,
RS = 1kΩ
3.25
dB


Similar Part No. - CA3086M

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3086M INTERSIL-CA3086M Datasheet
34Kb / 5P
   General Purpose NPN Transistor Array
CA3086M96 INTERSIL-CA3086M96 Datasheet
34Kb / 5P
   General Purpose NPN Transistor Array
CA3086M96 INTERSIL-CA3086M96 Datasheet
153Kb / 7P
   General Purpose NPN Transistor Array
CA3086M96 INTERSIL-CA3086M96 Datasheet
180Kb / 7P
   Power Applications from DC to 120MHz
More results

Similar Description - CA3086M

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD3086 INTERSIL-CD3086 Datasheet
34Kb / 5P
   General Purpose NPN Transistor Array
CA3086 INTERSIL-CA3086 Datasheet
153Kb / 7P
   General Purpose NPN Transistor Array
CA3046 INTERSIL-CA3046 Datasheet
116Kb / 6P
   General Purpose NPN Transistor Array
logo
Renesas Technology Corp
CA-3083 RENESAS-CA-3083 Datasheet
297Kb / 4P
   General Purpose High Current NPN Transistor Array
logo
Intersil Corporation
CA3083 INTERSIL-CA3083 Datasheet
31Kb / 4P
   General Purpose High Current NPN Transistor Array
September 1998
CA3083 INTERSIL-CA3083_06 Datasheet
147Kb / 4P
   General Purpose High Current NPN Transistor Array
logo
Sanyo Semicon Device
LB1213M SANYO-LB1213M Datasheet
39Kb / 2P
   General-Purpose Transistor Array
logo
NTE Electronics
NTE929 NTE-NTE929 Datasheet
23Kb / 2P
   Integrated Circuit General Purpose, High Current, NPN Transistor Array
logo
Rohm
SSTA28 ROHM-SSTA28 Datasheet
58Kb / 3P
   NPN general purpose transistor
logo
Pan Jit International I...
BC546 PANJIT-BC546 Datasheet
160Kb / 5P
   NPN GENERAL PURPOSE TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com