Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST78C36A Datasheet(PDF) 4 Page - Exar Corporation

Part # ST78C36A
Description  ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST78C36A Datasheet(HTML) 4 Page - Exar Corporation

  ST78C36A Datasheet HTML 1Page - Exar Corporation ST78C36A Datasheet HTML 2Page - Exar Corporation ST78C36A Datasheet HTML 3Page - Exar Corporation ST78C36A Datasheet HTML 4Page - Exar Corporation ST78C36A Datasheet HTML 5Page - Exar Corporation ST78C36A Datasheet HTML 6Page - Exar Corporation ST78C36A Datasheet HTML 7Page - Exar Corporation ST78C36A Datasheet HTML 8Page - Exar Corporation ST78C36A Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
ST78C36/36A
4
ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
REV. 5.1.0
PRINTER PORT INTERFACE
PD7
PD6
PD5
PD4
PD3
PD2
PD1
PD0
38
37
36
35
34
33
32
31
45
44
43
42
41
40
39
38
I/O
Bi-directional parallel port (three-state) to transfer data in or out of the
ST78C36 parallel port. PD[7:0] are latched during output mode. Output
only for SPP and PPF modes, bi-directional for all other modes.
-STROBE
25
27
O
Data strobe output (internal pull-up / three stated active low). This output
indicates to the printer that valid data is available at the printer port (PD0-
PD7).
-AUTOFDX
26
28
O
Automatic line feed (internal pull-up / three stated active low). When this
signal is low the printer should automatically line feed after each line is
printed.
INIT
27
29
O
Initialize line printer (internal pull-up / three stated active low). When this
signal is low, it causes the printer to be initialized.
-SLCTIN
28
30
O
Line printer select (internal pull-up / three stated active low). When this
signal is low, it selects the printer.
-ERROR
1
57
I
Line printer error (internal pull-up / active low). This is an output from the
printer to indicate an error by holding it low during error condition.
SLCT
2
58
I
Line printer selected (internal pull-up / active high). This is an output from
the printer to indicate that the line printer has been selected.
BUSY
3
59
I
Line printer busy (internal pull-up / active high). An output from the printer
to indicate printer is not ready to accept data.
-ACK
4
60
I
Line printer acknowledge (internal pull-up / active low). This input is
pulsed low by the printer to indicate that data has been accepted success-
fully.
PE
5
61
I
Line printer paper empty (internal pull-up / active high). An output from the
printer to indicate out of paper.
PDIR
21
23
O
Printer port direction indicator. HIGH indicates device is in input mode,
LOW indicates output mode. (ST78C36CJ44 and ST78C36CQ64 only).
SYSTEM SIGNALS
CLOCK/
XTAL1
20
21
I
Crystal oscillator input (ST78C36ACJ44, ST78C36CQ64) or External
clock input (ST78C36CJ44), nominal 24 MHz.
XTAL2
21
22
O
Crystal oscillator output, nominal 24 MHz. ST78C36ACJ44 and
ST78C36CQ64 only.
RESET
24
26
I
System RESET (active HIGH).
PIN DESCRIPTION
NAME
44-PLCC
PIN
#
64-LQFP
PIN
#
TYPE
DESCRIPTION


Similar Part No. - ST78C36A

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST78C36A EXAR-ST78C36A Datasheet
133Kb / 26P
   ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
ST78C36A EXAR-ST78C36A Datasheet
636Kb / 28P
   ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
ST78C36ACJ44 EXAR-ST78C36ACJ44 Datasheet
636Kb / 28P
   ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
More results

Similar Description - ST78C36A

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST78C36 EXAR-ST78C36_05 Datasheet
636Kb / 28P
   ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
ST78C36 EXAR-ST78C36 Datasheet
133Kb / 26P
   ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
ST16C552 EXAR-ST16C552 Datasheet
222Kb / 39P
   DUAL UART WITH 16-BYTE FIFO AND PARALLEL PRINTER PORT
ST78C34 EXAR-ST78C34 Datasheet
198Kb / 21P
   GENERAL PURPOSE PARALLEL PRINTER PORT WITH 83 BYTE FIFO
logo
IMP, Inc
IMP16C552 IMP-IMP16C552 Datasheet
783Kb / 34P
   Dual Universal Asynchronous Receiver/Transmitter (UART) with 16-BYTE FIFO & Parallel Printer Port
logo
Exar Corporation
ST16C550 EXAR-ST16C550 Datasheet
227Kb / 35P
   UART WITH 16-BYTE FIFO?셲
ST16C550 EXAR-ST16C550_05 Datasheet
241Kb / 35P
   UART WITH 16-BYTE FIFO?셲
logo
List of Unclassifed Man...
GM82C803CN ETC1-GM82C803CN Datasheet
312Kb / 84P
   2.88 MB FDC/ Dual UARTs with FIFO/PIO(EPP/ ECP)/ IDE Interface/ S-IR/ PnP
logo
Exar Corporation
XR16L2550IM-F EXAR-XR16L2550IM-F Datasheet
962Kb / 44P
   LOW VOLTAGE DUART WITH 16-BYTE FIFO
ST16C452 EXAR-ST16C452 Datasheet
162Kb / 30P
   DUAL UART WITH PARALLEL PRINTER PORT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com