Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA0258M Datasheet(PDF) 6 Page - Intersil Corporation

Part # CA0258M
Description  Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA0258M Datasheet(HTML) 6 Page - Intersil Corporation

  CA0258M Datasheet HTML 1Page - Intersil Corporation CA0258M Datasheet HTML 2Page - Intersil Corporation CA0258M Datasheet HTML 3Page - Intersil Corporation CA0258M Datasheet HTML 4Page - Intersil Corporation CA0258M Datasheet HTML 5Page - Intersil Corporation CA0258M Datasheet HTML 6Page - Intersil Corporation CA0258M Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
FIGURE 7. VOLTAGE FOLLOWER PULSE RESPONSE
(LARGE SIGNAL)
FIGURE 8. VOLTAGE FOLLOWER PULSE RESPONSE
(SMALL SIGNAL)
FIGURE 9. LARGE-SIGNAL FREQUENCY RESPONSE
FIGURE 10. INPUT CURRENT vs SUPPLY VOLTAGE
FIGURE 11. OUTPUT SOURCE CURRENT CHARACTERISTICS
FIGURE 12. OUTPUT SINK CURRENT CHARACTERISTICS
Typical Performance Curves (Continued)
TA = 25
oC
V+ = 15V
RL = 2kΩ
4
3
2
1
0
1020
3040
4
3
2
1
0
TIME (
µs)
0
OUTPUT
INPUT
TA = 25
oC
V+ = 30V
500
450
400
350
300
250
0
1
2
3
4
5
6789
TIME (
µs)
VO
VI
50pF
-
+
20
15
10
5
0
1K
10K
100K
1M
FREQUENCY (Hz)
TA = 25
oC
1k
100k
+15V
2k
+7V
VO
VI
+
-
TA = 25
oC
75
50
25
010
20
30
40
POSITIVE SUPPLY VOLTAGE (V)
0
8
7
6
5
4
3
2
1
0.001
0.01
0.1
1
10
100
OUTPUT SOURCE CURRENT (mA)
INDEPENDENT OF V+
TA = 25
oC
V+
V+ / 2
IO+
VO
+
-
10
1
0.1
0.01
0.001
0.01
0.1
1
10
100
OUTPUT SINK CURRENT (mA)
V+ = +5VDC
V+ = +15 VDC
V+ = +30VDC
V+ / 2
V+
-
+
TA = 25
oC
VO
IO
CA158, CA158A, CA258, CA258A, CA358, CA358A, CA2904, LM358, LM2904


Similar Part No. - CA0258M

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA0258M INTERSIL-CA0258M Datasheet
187Kb / 7P
   Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
More results

Similar Description - CA0258M

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA158 INTERSIL-CA158_01 Datasheet
187Kb / 7P
   Dual, 1MHz, Operational Amplifiers for Commercial Industrial, and Military Applications
CA124 INTERSIL-CA124 Datasheet
200Kb / 7P
   Quad, 1MHz, Operational Amplifiers for Commercial, Industrial, and Military Applications
May 2001
logo
Harris Corporation
CA2904 HARRIS-CA2904 Datasheet
400Kb / 7P
   DUAL, 1MHz OPERATIONAL AMPLIFIERS FOR COMMERCIAL INDUSTRIAL, AND MILITARY APPLICATION
CA741C HARRIS-CA741C Datasheet
421Kb / 6P
   HIGH-GAIN SINGLE AND DUAL OPERATIONAL AMPLIFIERS FOR MILITARY INDUSTRIAL AND COMMERCIAL APPLICATIONS
logo
Intersil Corporation
CA741 INTERSIL-CA741_01 Datasheet
144Kb / 6P
   0.9MHz Single and Dual, High Gain Operational Amplifiers for Military, Industrial and Commercial Applications
CA741 INTERSIL-CA741 Datasheet
72Kb / 6P
   0.9MHz Single and Dual, High Gain Operational Amplifiers for Military, Industrial and Commercial Applications
September 1998
CA139 INTERSIL-CA139 Datasheet
64Kb / 6P
   Quad Voltage Comparators for Industrial, Commercial and Military Applications
October 1999
logo
Finisar Corporation.
FTE8510K1LTN FINISAR-FTE8510K1LTN Datasheet
558Kb / 2P
   For Industrial and Military Applications
logo
Intersil Corporation
CA139 INTERSIL-CA139_01 Datasheet
152Kb / 6P
   Quad Voltage Comparators for Industrial, Commercial and Military Applications
CA3141 INTERSIL-CA3141 Datasheet
39Kb / 4P
   High-Voltage Diode Array For Commercial, Industrial and Military Applications
January 1999
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com