Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QS186LE210 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # QS186LE210
Description  WORLD-BEAM QS186LE Laser Emitter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

QS186LE210 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  QS186LE210 Datasheet HTML 1Page - List of Unclassifed Manufacturers QS186LE210 Datasheet HTML 2Page - List of Unclassifed Manufacturers QS186LE210 Datasheet HTML 3Page - List of Unclassifed Manufacturers QS186LE210 Datasheet HTML 4Page - List of Unclassifed Manufacturers QS186LE210 Datasheet HTML 5Page - List of Unclassifed Manufacturers QS186LE210 Datasheet HTML 6Page - List of Unclassifed Manufacturers QS186LE210 Datasheet HTML 7Page - List of Unclassifed Manufacturers QS186LE210 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Description of Laser Classes
Class 1 Lasers. Lasers that are safe under reasonably foreseeable conditions of
operation, including the use of optical instruments for intrabeam viewing.
Reference IEC 60825-1:2001, section 8.2.
Class 1 Laser Characteristics: see specifications.
Class 2 Lasers. Low-power lasers are by definition incapable of causing eye injury
within the duration of the blink (aversion response) of 0.25 seconds. This reaction
may be expected to provide adequate protection under reasonably foreseeable
conditions of operation, including the use of optical instruments for intrabeam
viewing. They also must emit only visible wavelengths (400–700 nm). Therefore, an
ocular hazard can exist only if an individual overcomes their natural aversion to
bright light and stares directly into the laser beam.
For safe laser use:
Do not permit a person to stare at the laser from within the beam.
Do not point the laser at a person’s eye at close range.
The beam emitted by a Class 2 laser product should be terminated at the
end of its useful path. Open laser beam paths should be located above or
below eye level where practical.
Reference IEC 60825-1:2001, section 8.2.
Class 2 Laser Characteristics: see specifications.
LASER LIGHT - DO NOT STARE INTO BEAM
CLASS 2 LASER PRODUCT
Pulse Power < 4 mW, 645 - 665 nm, 35 kHz,
5.1 uS Pulse. Complies TO 21 CFR 1040.10 &
EN60825-1:2001 except for deviations pursuant
to laser notice No. 50, dated 7-26-01.
CAUTION: Do Not Disassemble for Repair
This device contains no user-serviceable components. Do not attempt to disassemble for repair. Use of
controls or adjustments or performance of procedures other than those specified herein may result in
hazardous radiation exposure. A defective unit must be returned to the manufacturer.
Installation
To mount the QS186LEx into bracket models SMB18A or SMB46A, follow these steps.
1. Insert the laser emitter into the hole in the bracket.
2. Tighten the hex jam nut to the bracket until the emitter is held securely in place.
3. Mount the bracket using user-supplied screws or bolts. The SMB18A bracket uses M4 or #8 screws or bolts and the
SMB46A bracket uses M5 or #10 screws or bolts.
4. Check the sensor alignment, see Alignment on page 2. If you are using the adjustable bracket (model SMB46A),
tighten or loosen one or two of the precision alignment screws, using the supplied 2 mm Allen wrench, until the laser is
accurately aligned.
Specifications
Power
General
Supply Voltage and Current
10 to 30 V dc (10% maximum ripple) at less than 35 mA
Supply Protection Circuitry
Protected against reverse polarity
Delay at Power Up
Class 1 Models: 250 ms
Class 2 Models: 10 ms
Indicators
Green LED, indicates power applied
Construction
ABS housing, PMMA window
3 mm mounting hardware included
Connections
PVC-jacketed 2 m (6.5 ft) attached cable, or 4-pin Euro-style quick-
disconnect (QD) fitting
WORLD-BEAM QS186LE Laser Emitter
4
www.bannerengineering.com - tel: 763-544-3164
P/N 109415 Rev. H


Similar Part No. - QS186LE210

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QS186LE ETC1-QS186LE Datasheet
302Kb / 8P
   Emissores Laser
QS186LE10 ETC1-QS186LE10 Datasheet
302Kb / 8P
   Emissores Laser
QS186LE10 ETC2-QS186LE10 Datasheet
7Mb / 42P
   Universal photoelectric family offers 18 mm threaded lens or side mounts
QS186LE10Q8 ETC2-QS186LE10Q8 Datasheet
7Mb / 42P
   Universal photoelectric family offers 18 mm threaded lens or side mounts
QS186LE11 ETC1-QS186LE11 Datasheet
302Kb / 8P
   Emissores Laser
More results

Similar Description - QS186LE210

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QS18VP6LPQ8 ETC2-QS18VP6LPQ8 Datasheet
709Kb / 10P
   WORLD-BEAM QS18
logo
Banner Engineering Corp...
QS18U BANNER-QS18U Datasheet
536Kb / 9P
   WORLD-BEAM QS18U Ultrasonic Sensors
logo
List of Unclassifed Man...
QS18UPA ETC2-QS18UPA Datasheet
591Kb / 10P
   WORLD-BEAM QS18U Ultrasonic Sensors
logo
Ledil, Inc.
C11249 LEDIL-C11249 Datasheet
1Mb / 7P
   Side emitter beam
CA11248 LEDIL-CA11248 Datasheet
1Mb / 7P
   Side emitter beam
D12114 LEDIL-D12114 Datasheet
2Mb / 4P
   Side emitter beam
logo
Banner Engineering Corp...
S186ELD BANNER-S186ELD Datasheet
1Mb / 4P
   Laser Diode Emitter
logo
Sensortechnics GmbH
LD78C6S-A SENSORTECHNICS-LD78C6S-A Datasheet
761Kb / 6P
   Laser Beam Printer
logo
KODENSHI_AUK CORP.
KDS1001AF2 KODENSHI-KDS1001AF2_06 Datasheet
131Kb / 2P
   Laser beam focusing
logo
Ledil, Inc.
CA15902 LEDIL-CA15902 Datasheet
2Mb / 7P
   ~190째 side emitter beam
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com