Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QS18VP6D Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # QS18VP6D
Description  Miniature self-contained photoelectric sensors in universal housing
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

QS18VP6D Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  QS18VP6D Datasheet HTML 1Page - List of Unclassifed Manufacturers QS18VP6D Datasheet HTML 2Page - List of Unclassifed Manufacturers QS18VP6D Datasheet HTML 3Page - List of Unclassifed Manufacturers QS18VP6D Datasheet HTML 4Page - List of Unclassifed Manufacturers QS18VP6D Datasheet HTML 5Page - List of Unclassifed Manufacturers QS18VP6D Datasheet HTML 6Page - List of Unclassifed Manufacturers QS18VP6D Datasheet HTML 7Page - List of Unclassifed Manufacturers QS18VP6D Datasheet HTML 8Page - List of Unclassifed Manufacturers QS18VP6D Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Performance Curves
Opposed Mode
Excess Gain Curve
Beam Pattern
Excess Gain Curve
Beam Pattern
1
10
100
1 m
3.3 ft
10 m
33 ft
100 m
330 ft
0.1 m
0.3 ft
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
QS186E, EV and
QS18...R
Opposed Mode
20 m
66 ft
16 m
52 ft
12 m
40 ft
8 m
26 ft
4 m
12 ft
0
0
250 mm
500 mm
750 mm
250 mm
500 mm
750 mm
0
10 in
20 in
30 in
10 in
20 in
30 in
DISTANCE
QS186E, EV and QS18...R
Opposed Mode
1
10
100
0.1 m
0.33 ft
1 m
3.3 ft
10 m
33 ft
0.01 m
0.03 ft
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
QS186EB and
QS18...RB
Opposed Mode
3.75 m
12.5 ft
3.0 m
10 ft
2.25 m
7.5 ft
1.5 m
5 ft
.75 m
2.5 ft
0
0
150 mm
300 mm
450 mm
150 mm
300 mm
450 mm
0
6 in
12 in
18 in
6 in
12 in
18 in
DISTANCE
QS186EB and QS18...RB
Opposed Mode
Polarized Retroreflective
Retroreflective
Excess Gain Curve
Beam Pattern
Excess Gain Curve
Beam Pattern
1
10
100
0.1 m
0.33 ft
1 m
3.3 ft
10 m
33 ft
0.01 m
0.03 ft
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
QS18...LP
Retroreflective Mode
with BRT-84 Reflector
3.75 m
12.5 ft
3.0 m
10 ft
2.25 m
7.5 ft
1.5 m
5 ft
.75 m
2.5 ft
0
0
10 mm
20 mm
30 mm
10 mm
20 mm
30 mm
0
0.4 in
0.8 in
1.2 in
0.4 in
0.8 in
1.2 in
DISTANCE
QS18...LP
Retroreflective Mode
with BRT-84 Reflector
1
10
100
0.1 m
0.33 ft
1 m
3.3 ft
10 m
33 ft
0.01 m
0.03 ft
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
QS18...LV
Retroreflective Mode
with BRT-84 Reflector
7.5 m
25 ft
6.0 m
20 ft
4.5 m
15 ft
3.0 m
10 ft
1.5 m
5 ft
0
0
50 mm
100 mm
150 mm
50 mm
100 mm
150 mm
0
2 in
4 in
6 in
2 in
4 in
6 in
DISTANCE
QS18...LV
Retroreflective Mode
with BRT-84 Reflector
Convergent (Performance is based on a 90% reflectance white test card.)
Excess Gain Curve
Beam Pattern
Excess Gain Curve
Beam Pattern
1
10
100
10 mm
0.4 in
100 mm
4.0 in
1000 mm
40.0 in
1 mm
0.04 in
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
QS18...CV15
Convergent Mode
50 mm
2.0 in
40 mm
1.6 in
30 mm
1.2 in
20 mm
0.8 in
10 mm
0.4 in
0
0
2 mm
4 mm
6 mm
2 mm
4 mm
6 mm
0
.08 in
.16 in
.24 in
.08 in
.16 in
.24 in
DISTANCE
Convergent Mode
QS18...CV15
1
10
100
10 mm
0.4 in
100 mm
4.0 in
1000 mm
40.0 in
1 mm
0.04 in
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
QS18...CV45
Convergent Mode
75 mm
3.0 in
60 mm
2.4 in
45 mm
1.8 in
30 mm
1.2 in
15 mm
0.6 in
0
0
2 mm
4 mm
6 mm
2 mm
4 mm
6 mm
0
.08 in
.16 in
.24 in
.08 in
.16 in
.24 in
DISTANCE
Convergent Mode
QS18...CV45
WORLD-BEAM QS18
P/N 63908 Rev. H
www.bannerengineering.com - tel: 763-544-3164
5


Similar Part No. - QS18VP6D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QS18VP6D ETC2-QS18VP6D Datasheet
709Kb / 10P
   WORLD-BEAM QS18
QS18VP6D ETC2-QS18VP6D Datasheet
709Kb / 10P
   Miniature self-contained photoelectric sensors in universal housing
QS18VP6D ETC2-QS18VP6D Datasheet
7Mb / 42P
   Universal photoelectric family offers 18 mm threaded lens or side mounts
QS18VP6DB ETC2-QS18VP6DB Datasheet
709Kb / 10P
   WORLD-BEAM QS18
QS18VP6DB ETC2-QS18VP6DB Datasheet
709Kb / 10P
   Miniature self-contained photoelectric sensors in universal housing
More results

Similar Description - QS18VP6D

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
Q12 BANNER-Q12 Datasheet
458Kb / 8P
   Miniature self-contained photoelectric sensors in universal housing
logo
List of Unclassifed Man...
QS18VP6DQ5 ETC2-QS18VP6DQ5 Datasheet
709Kb / 10P
   Miniature self-contained photoelectric sensors in universal housing
SM312CVQD ETC2-SM312CVQD Datasheet
3Mb / 3P
   Self-contained photoelectric sensors
SBF1 ETC2-SBF1 Datasheet
161Kb / 5P
   Compact modular self-contained photoelectric sensing controls
MQDC-315 ETC2-MQDC-315 Datasheet
257Kb / 8P
   Self-contained AC-operated Convergent Mode Sensors
SM312DQD ETC2-SM312DQD Datasheet
315Kb / 8P
   Self-contained DC-operated Diffuse Mode Sensors
SM31E ETC2-SM31E Datasheet
353Kb / 8P
   Self-contained DC-operated Opposed Mode Sensors
logo
Analog Devices
AD612 AD-AD612_15 Datasheet
2Mb / 6P
   Self-Contained HighPerformance
AD614 AD-AD614_15 Datasheet
2Mb / 6P
   Self-Contained HighPerformance
SSM2017 AD-SSM2017_15 Datasheet
325Kb / 8P
   Self-Contained Audio Preamplifier
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com