Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7652 Datasheet(PDF) 8 Page - Analog Devices

Part # AD7652
Description  16-Bit 500 kSPS PulSAR Unipolar ADC with Reference
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7652 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7652_15 Datasheet HTML 4Page - Analog Devices AD7652_15 Datasheet HTML 5Page - Analog Devices AD7652_15 Datasheet HTML 6Page - Analog Devices AD7652_15 Datasheet HTML 7Page - Analog Devices AD7652_15 Datasheet HTML 8Page - Analog Devices AD7652_15 Datasheet HTML 9Page - Analog Devices AD7652_15 Datasheet HTML 10Page - Analog Devices AD7652_15 Datasheet HTML 11Page - Analog Devices AD7652_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD7652
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
36
35
34
33
32
31
30
29
28
27
26
25
13 14 15 16 17 18 19 20 21 22 23 24
1
2
3
4
5
6
7
8
9
10
11
12
48 47 46 45 44
39 38 37
43 42 41 40
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
AGND
CNVST
PD
RESET
CS
RD
DGND
AGND
AVDD
NC
BYTESWAP
OB/2C
NC
NC
NC = NO CONNECT
SER/PAR
D0
D1
BUSY
D15
D14
D13
AD7652
D3/DIVSCLK1
D12
02965-0-002
D2/DIVSCLK0
Figure 4. 48-Lead LQFP (ST-48) and 48-Lead LFCSP (CP-48)
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
1, 36,
41, 42
AGND
P
Analog Power Ground Pin.
2, 44
AVDD
P
Input Analog Power Pin. Nominally 5 V.
3, 6,
7, 40
NC
No Connect.
4
BYTESWAP
DI
Parallel Mode Selection (8-/16-bit). When LOW, the LSB is output on D[7:0] and the MSB is output on
D[15:8]. When HIGH, the LSB is output on D[15:8] and the MSB is output on D[7:0].
5
OB/2C
DI
Straight Binary/Binary Twos Complement. When OB/2C is HIGH, the digital output is straight binary;
when LOW, the MSB is inverted, resulting in a twos complement output from its internal shift register.
8
SER/PAR
DI
Serial/Parallel Selection Input. When LOW, the parallel port is selected; when HIGH, the serial interface
mode is selected and some bits of the DATA bus are used as a serial port.
9, 10
D[0:1]
DO
Bit 0 and Bit 1 of the Parallel Port Data Output Bus. When SER/PAR is HIGH, these outputs are in high
impedance.
11, 12
D[2:3]or
DIVSCLK[0:1]
DI/O
When SER/PAR is LOW, these outputs are used as Bit 2 and Bit 3 of the parallel port data output bus.
When SER/PAR is HIGH, EXT/INT is LOW, and RDC/SDIN is LOW (serial master read after convert), these
inputs, part of the serial port, are used to slow down, if desired, the internal serial clock that clocks the
data output. In other serial modes, these pins are not used.
13
D4 or
EXT/INT
DI/O
When SER/PAR is LOW, this output is used as Bit 4 of the parallel port data output bus.
When SER/PAR is HIGH, this input, part of the serial port, is used as a digital select input for choosing
the internal data clock or an external data clock. With EXT/INT tied LOW, the internal clock is selected
on the SCLK output. With EXT/INT set to a logic HIGH, output data is synchronized to an external clock
signal connected to the SCLK input.
14
D5 or
INVSYNC
DI/O
When SER/PAR is LOW, this output is used as Bit 5 of the parallel port data output bus.
When SER/PAR is HIGH, this input, part of the serial port, is used to select the active state of the SYNC
signal. It is active in both master and slave modes. When LOW, SYNC is active HIGH. When HIGH, SYNC
is active LOW.
15
D6 or
INVSCLK
DI/O
When SER/PAR is LOW, this output is used as Bit 6 of the parallel port data output bus.
When SER/PAR is HIGH, this input, part of the serial port, is used to invert the SCLK signal. It is active in
both master and slave modes.
Rev. 0 | Page 8 of 28


Similar Part No. - AD7652_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7652ACP AD-AD7652ACP Datasheet
804Kb / 28P
   16-Bit 500 kSPS PulSARTM Unipolar ADC with Reference
Rev. 0
AD7652ACP AD-AD7652ACP Datasheet
790Kb / 29P
   16-Bit 500 kSPS PulSAR Unipolar ADC with Reference
AD7652ACPRL AD-AD7652ACPRL Datasheet
804Kb / 28P
   16-Bit 500 kSPS PulSARTM Unipolar ADC with Reference
Rev. 0
AD7652ACPRL AD-AD7652ACPRL Datasheet
790Kb / 29P
   16-Bit 500 kSPS PulSAR Unipolar ADC with Reference
AD7652AST AD-AD7652AST Datasheet
804Kb / 28P
   16-Bit 500 kSPS PulSARTM Unipolar ADC with Reference
Rev. 0
More results

Similar Description - AD7652_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7652 AD-AD7652 Datasheet
790Kb / 29P
   16-Bit 500 kSPS PulSAR Unipolar ADC with Reference
AD7666 AD-AD7666 Datasheet
560Kb / 29P
   16-Bit 500 kSPS PulSAR Unipolar ADC with Reference
AD7661 AD-AD7661 Datasheet
485Kb / 29P
   16-Bit 100 kSPS PulSAR Unipolar ADC with Reference
AD7651 AD-AD7651_17 Datasheet
615Kb / 29P
   16-Bit 100 kSPS PulSAR Unipolar ADC with Reference
AD7652ASTZ AD-AD7652ASTZ Datasheet
804Kb / 28P
   16-Bit 500 kSPS PulSARTM Unipolar ADC with Reference
Rev. 0
AD7664 AD-AD7664_17 Datasheet
556Kb / 25P
   16-Bit, 570 kSPS PulSAR Unipolar CMOS ADC
AD7664ASTZRL AD-AD7664ASTZRL Datasheet
320Kb / 24P
   16-Bit, 570 kSPS PulSAR Unipolar CMOS ADC
REV. E
AD7660 AD-AD7660_17 Datasheet
488Kb / 21P
   16-Bit, 100 kSPS PulSAR Unipolar CMOS ADC
AD7667 AD-AD7667_17 Datasheet
558Kb / 29P
   16-Bit 1 MSPS PulSAR Unipolar ADC with Reference
AD7653 AD-AD7653_15 Datasheet
809Kb / 28P
   16-Bit 1 MSPS PulSAR Unipolar ADC with Reference
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com