Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE85635 Datasheet(PDF) 3 Page - celduc-relais

Part # NE85635
Description  NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

NE85635 Datasheet(HTML) 3 Page - celduc-relais

  NE85635 Datasheet HTML 1Page - celduc-relais NE85635 Datasheet HTML 2Page - celduc-relais NE85635 Datasheet HTML 3Page - celduc-relais NE85635 Datasheet HTML 4Page - celduc-relais NE85635 Datasheet HTML 5Page - celduc-relais NE85635 Datasheet HTML 6Page - celduc-relais NE85635 Datasheet HTML 7Page - celduc-relais NE85635 Datasheet HTML 8Page - celduc-relais NE85635 Datasheet HTML 9Page - celduc-relais Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
NE856 SERIES
SYMBOLS
PARAMETERS
UNITS
RATINGS
VCBO
Collector to Base Voltage
V
20
VCEO
Collector to Emitter Voltage
V
12
VEBO
Emitter to Base Voltage
V
3.0
IC
Collector Current
mA
100
TJ
Junction Temperature
°C
1502
TSTG
Storage Temperature
°C
-65 to +150
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
Notes:
1. Operation in excess of any one of these parameters may result
in
permanent damage.
2. Maximum TJ for the NE85600 and NE85635 is 200°C.
FORWARD CURRENT GAIN
vs. COLLECTOR CURRENT
Collector to Base Voltage, VCB (V)
Collector Current, IC (mA)
TYPICAL PERFORMANCE CURVES (TA = 25°C)
Ambient Temperature, TA (°C)
Ambient Temperature, TA (°C)
NE85632 AND NE85634
TOTAL POWER DISSIPATION
vs. AMBIENT TEMPERATURE
NE85633 AND NE85635
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
COLLECTOR TO BASE
CAPACITANCE vs. COLLECTOR
TO BASE VOLTAGE
NE85635
NE85633
0
50
100
150
200
400
300
200
100
0
NE85634
Ceramic Substrate
2.5 cm X 0.7 mm
RTH (J-A) = 62.5˚C/W
NE85632
with Heat
Sink
Aluminum
Heat Sink
for NE85632
NE85632
Free Air
NE85634
Free Air
0
50
100
150
2.4
2.0
1.6
1.2
0.8
0.4
0
10
7.8
3.8
2
NE85634
NE85632/
33
NE85635
1
2
3
5
7
10
20
30
50
5.0
3.0
2.0
1.0
0.7
0.5
0.3
0.2
0.1
VCE = 10 V
1
2
3
5
7
10
20
30
50
500
300
200
100
70
50
30
20
10


Similar Part No. - NE85635

ManufacturerPart #DatasheetDescription
logo
NEC
NE85635 NEC-NE85635 Datasheet
257Kb / 25P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NE85635 CEL-NE85635 Datasheet
831Kb / 26P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
More results

Similar Description - NE85635

ManufacturerPart #DatasheetDescription
logo
NEC
NE856 NEC-NE856 Datasheet
257Kb / 25P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NE66719 CEL-NE66719 Datasheet
105Kb / 8P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
NEC
NE680 NEC-NE680 Datasheet
246Kb / 19P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
NE681 NEC-NE681 Datasheet
218Kb / 20P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
List of Unclassifed Man...
NE021 ETC-NE021 Datasheet
171Kb / 12P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NESG2021M05 CEL-NESG2021M05 Datasheet
729Kb / 14P
   NECs NPN SiGe HIGH FREQUENCY TRANSISTOR
logo
California Micro Device...
NESG2021M16 CALMIRCO-NESG2021M16 Datasheet
224Kb / 3P
   NECs NPN SiGe HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NE687M03 CEL-NE687M03 Datasheet
308Kb / 4P
   NECs NPN SILICON TRANSISTOR
NESG2107M33 CEL-NESG2107M33 Datasheet
302Kb / 4P
   NECs NPN SILICON TRANSISTOR
NE687M13 CEL-NE687M13 Datasheet
195Kb / 8P
   NECs NPN SILICON TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com